Part Number Hot Search : 
1N746 FR2504 00GB1 748BT1 UN9115J 22R225 LD2985 PMBT3946
Product Description
Full Text Search
 

To Download 2SJ600-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 mos field effect transistor 2sj600 switching p-channel power mos fet industrial use preliminary data sheet document no. d14645ej1v0ds00 (1st edition) date published november 2000 ns cp(k) printed in japan the information in this document is subject to change without notice. before using this document, please confirm that this is the latest version. not all devices/types available in every country. please check with local nec representative for availability and additional information. description the 2sj600 is p-channel mos field effect transistor designed for solenoid, motor and lamp driver. features ? low on-state resistance: r ds(on)1 = 50 m ? max. (v gs = ?10 v, i d = ?13 a) r ds(on)2 = 79 m ? max. (v gs = ?4.0 v, i d = ?13 a) ? low c iss : c iss = 1900 pf typ. ? built-in gate protection diode ? to-251/to-252 package absolute maximum ratings (t a = 25c) drain to source voltage (v gs = 0 v) v dss ?60 v gate to source voltage (v ds = 0 v) v gss + 20 v drain current (dc) (t c = 25c) i d(dc) + 25 a drain current (pulse) note1 i d(pulse) + 70 a total power dissipation (t c = 25c) p t 45 w total power dissipation (t a = 25c) p t 1.0 w channel temperature t ch 150 c storage temperature t stg ?55 to +150 c single avalanche current note2 i as ?25 a single avalanche energy note2 e as 62.5 mj notes 1. pw 10 s, duty cycle 1% 2. starting t ch = 25c, r g = 25 ? , v gs = ?20 v  0 v ordering information part number package 2sj600 to-251 2SJ600-Z to-252 (to-251) (to-252)
preliminary data sheet d14645ej1v0ds 2 2sj600 electrical characteristics (t a = 25 c) characteristics symbol test conditions min. typ. max. unit zero gate voltage drain current i dss v ds = ? 60 v, v gs = 0 v ? 10 a gate leakage current i gss v gs = + 20 v, v ds = 0 v + 10 a gate cut-off voltage v gs(off) v ds = ? 10 v, i d = ? 1 ma 1.5 2.0 2.5 v forward transfer admittance | y fs |v ds = ? 10 v, i d = ? 13 a1020s drain to source on-state resistance r ds(on)1 v gs = ? 10 v, i d = ? 13 a4150m ? r ds(on)2 v gs = ? 4.0 v, i d = ? 13 a5579m ? input capacitance c iss v ds = ? 10 v, 1900 pf output capacitance c oss v gs = 0 v, 350 pf reverse transfer capacitance c rss f = 1 mhz 140 pf turn-on delay time t d(on) i d = ? 13 a, 9 ns rise time t r v gs(on) = ? 10 v, 10 ns turn-off delay time t d(off) v dd = ? 30 v, 67 ns fall time t f r g = 0 ? 19 ns total gate charge q g i d = ? 25 a, 38 nc gate to source charge q gs v dd = ? 48 v, 7 nc gate to drain charge q gd v gs = ? 10 v10nc body diode forward voltage v f(s-d) i f = ? 25 a, v gs = 0 v1.0v reverse recovery time t rr i f = ? 25 a, v gs = 0 v49ns reverse recovery charge q rr di/dt = ? 100 a / s 100 nc test circuit 1 avalanche capability r g = 25 ? 50 ? pg l v dd v gs = ?20 v 0 v bv dss i as i d v ds starting t ch v dd d.u.t. test circuit 3 gate charge test circuit 2 switching time pg. r g 0 v gs ( ? ) d.u.t. r l v dd = 1 s duty cycle 1% v gs wave form v ds wave form v gs ( ? ) 10% 90% v gs (on) 10% 0 v ds ( ? ) 90% 90% t d(on) t r t d(off) t f 10% v ds 0 t on t off pg. 50 ? d.u.t. r l v dd i g = ? 2 ma ?
preliminary data sheet d14645ej1v0ds 3 2sj600 package drawings (unit : mm) 1) to-251 (mp-3) 1.gate 2.drain 3.source 4.fin (drain) 2 13 6.50.2 5.00.2 4 1.5- 0.1 +0.2 5.50.2 7.0 max. 13.7 min. 2.3 2.3 0.75 0.50.1 2.30.2 1.60.2 1.10.2 0.5- 0.1 +0.2 0.5- 0.1 +0.2 2) to-252 (mp-3z) 1. gate 2. drain 3. source 4. fin (drain) 123 4 6.50.2 5.00.2 4.3 max. 0.8 2.3 2.3 0.9 max. 5.50.2 10.0 max. 2.0 min. 1.5- 0.1 +0.2 2.30.2 0.50.1 0.8 max. 0.8 1.0 min. 1.8 typ. 0.7 1.10.2 equivalent circuit source body diode gate protection diode gate drain remark the diode connected between the gate and source of the transistor serves as a protector against esd. when this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
2sj600 m8e 00. 4 the information in this document is current as of november, 2000. the inform ation is subject to change without notice. for actual design-in, refer to the latest publications of nec's data sheets or data books, etc., for the most up-to-date specifications of nec semiconductor products. not all products and/or types are available in every country. please check with an nec sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without prior written consent of nec. nec assumes no responsibility for any errors that may appear in this document. nec does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec semiconductor products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual pr operty rights of nec or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of cust omer. nec assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec endeavours to enhance the quality, reliability and safety of nec semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. nec semiconductor products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. the recommended applications of a semiconductor product depend on its quality grade, as indicated below. customers must check the quality grade of each semiconductor product before using it in a particular application. "standard": co mputers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "special": transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "specific": aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. the quality grade of nec semiconductor products is "standard" unless otherwise expressly specified in nec's data sheets or data books, etc. if custom ers wish to use nec semiconductor products in applications not intended by nec, they must contact an nec sales representative in advance to determine nec's willingness to support a given application. (note) (1) "nec" as used in this statement means nec corporation and also includes its majority-owned subsidiaries. (2) "nec semiconductor products" means any semiconductor product developed or manufactured by or for nec (as defined above). ? ? ? ? ? ?


▲Up To Search▲   

 
Price & Availability of 2SJ600-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X