Part Number Hot Search : 
RB751 LA7220 TC40174 24AA16B 1N6302 LA705 BA7356S TC4017
Product Description
Full Text Search
 

To Download 0908140606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0908140606 status: active overview: picoflex description: 1.27mm (.050") pitch picoflex? pf-50 smt header, vertical, low profile, surface mount, tin, 6 circuits, glow wire compatible documents: 3d model product specification ps-99020-0011 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 90814 application wire-to-board application tooling part link 690081070 comments low profile smt overview picoflex product name picoflex? physical breakaway no circuits (loaded) 6 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant yes guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - resin high temperature thermoplastic number of rows 1 orientation vertical pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 120 plating min: mating (m) 3 plating min: termination (in) 120 plating min: termination (m) 3 polarized to mating part yes polarized to pcb no shrouded open ends stackable no surface mount compatible (smc) yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90814 series mates with 90327 idt connector application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # extraction tool (plastic) for 90327 connector, 4-26 circuit 0690081070
temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 2.4a voltage - maximum 250v ac/dc material info reference - drawing numbers packaging specification pk-90814-001 product specification ps-99020-0011 sales drawing sda-90814 this document was generated on 05/26/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0908140606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X