Part Number Hot Search : 
SK1303DT XMG16 81A55 SRUDH D660N H490210 ALN2040 03002
Product Description
Full Text Search
 

To Download 0783150001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0783150001 status: active description: 1.00mm (.039") pitch ddr3 dimm socket, very low profile, vertical, press-fit, with pegs, black housing and latches, 0.76m (30") gold (au)plating, 1.85mm (.073") compliant pin length, 2.40mm (.094") pcb thickness, 240 circuits, lead free documents: 3d model product specification ps-78315-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family memory module sockets series 78315 component type socket jedec outline mo-269 product name ddr3 dimm physical circuits (loaded) 240 circuits (maximum) 240 color - resin black durability (mating cycles max) 25 entry angle vertical flammability 94v-0 function key none keying to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin nylon pc tail length (in) 0.073 in pc tail length (mm) 1.85 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.095 in pcb thickness recommended (mm) 2.40 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm pitch - term. interface (in) 0.039 in pitch - term. interface (mm) 1.00 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 15 plating min: termination (m) 0.38 temperature range - operating -55c to +85c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a voltage - maximum 30v ac (rms)/dc voltage key center series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 78315 series mates with jedec standard 1.27mm modules
material info reference - drawing numbers product specification ps-78315-001, rps-78315-001 sales drawing sd-78315-001 this document was generated on 04/13/2010 please check www.molex.com for latest part information







▲Up To Search▲   

 
Price & Availability of 0783150001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X