Part Number Hot Search : 
4040A 2515DX 62256 PI3HDMI GF32C3 NE500100 AQV217AZ TG220151
Product Description
Full Text Search
 

To Download VSMF05LCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05258.r4 4/11 page 1 05258 VSMF05LCC m u l ti- l ine l ow c a p a c itan c e t vs a rr ay de scr i p tion the VSMF05LCC is a 5 volt, low capacitance, mult-line tvs array. this device is designed to protect wireless telecom - municatons and portable electronic applicatons from the damaging efects of esd and eft. the VSMF05LCC is avail - able in a 5 line unidirectonal or 4 line bidirectonal confguraton with a working voltage of 5 volts and a minimum breakdown voltage of 6 volts. this device is rated at 25 wats peak pulse power, which is sufcient protecton for tertary type lightning threats at key interface locatons. packaged in a miniature sot-963, the VSMF05LCC meets iec 61000-4-2 (esd) and 61000-4-4 (eft) immunity require - ments. each device should be placed near a connector to provide the best protecton against transients. featu r e s ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? 25 wats peak pulse power per line(tp = 8/20s) ? monolithic design ? available in 5 volts ? low clamping voltage ? esd protecton > 25 kilovolts ? low leakage current ? low capacitance: 9pf ? protects 4 bidirectonal lines & 5 unidirectonal lines ? rohs compliant ? reach compliant m e c hani c a l c ha r a c te r i s ti cs ? molded jedec sot-963package ? approximate weight: 3 milligrams ? lead-free nickel paladium gold platng ? solder refow temperature - 260-270c ? flammability ratng ul 94v-0 ? 8mm tape and reel per eia standard 481 a ppl i c ation s ? communicaton systems ? smart phones ? portable electronics ? video interfaces p in c on f i g u r ation s ot-963 p a c ka g e 1 6 5 2 3 4
only one name means protektion? www.protekdevices.com 05258.r4 4/11 page 2 05258 VSMF05LCC ty p i c a l d e v i c e c ha r a c te r i s ti cs m a x i m u m r atin gs @ 25c unless o therwise specifed p a r a m ete r s y mb o l v a l ue unit s peak pulse power (tp = 8/20s) - see figure 1 p pp 25 wats operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c maximum forward voltage @ 10ma v f 1.0 v e l e c t r i c a l c ha r a c te r i s ti cs p e r l ine @ 25c unless o therwise specifed p a r t nu mb e r d e v i c e m a r kin g r ate d s tan d- o ff v o l ta g e v wm v o l t s m ini m u m br eak d own v o l ta g e @ 1 m a v (br) v o l t s m a x i m u m cl a mp in g v o l ta g e (fig. 2) @ i p = 2 a v c v o l t s m a x i m u m l eaka g e c u rr ent @v w m i d a ty p i c a l c a p a c itan c e (n ote 1) @0v, 1m h z c p f VSMF05LCC 5b 5.0 6.0 12.0 1 9 note s 1. pins 1, 3, 4, 5 or 6 to pin 2.
only one name means protektion? www.protekdevices.com 05258.r4 4/11 page 3 05258 VSMF05LCC ty p i c a l d e v i c e c ha r a c te r i s ti cs f i g u r e 1 p eak p u ls e p owe r vs p u ls e ti m e t d - pulse duraton - s 25w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - w ats 1 10 100 1,000 peak pulse power 8/20s average power f i g u r e 3 p owe r d e r atin g c u rv e t a - a mbient t emperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % o f rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f i g u r e 2 p u ls e wa v e f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05258.r4 4/11 page 4 05258 VSMF05LCC s ot-963 p a c ka g e in f o rm ation out l ine d i m en s ion s d i m m i ll i m ete rs in c he s m in m a x m in m a x a 0.95 1.05 0.037 0.041 b 0.75 0.85 0.029 0.034 c 0.40 0.50 0.016 0.020 d 0.10 0.20 0.004 0.008 g 0.35 0.40 0.014 0.016 j 0.05 0.15 0.002 0.006 k 0.10 0.15 0.004 0.006 s 0.95 1.05 0.037 0.041 note s 1. controlling dimension: inches. 2. dimensioning and tolerances per ansi y14.5m, 1985. 3. dimensions are exclusive of mold fash and metal burrs. p a d l ayout d i m en s ion s d i m m i ll i m ete rs in c he s no m ina l no m ina l a 0.90 0.035 b 0.76 0.030 c 0.20 0.008 d 0.20 0.008 e 0.35 0.014 note s 1. controlling dimension: inches. a b d g j c k s 1 a b d c e
only one name means protektion? www.protekdevices.com 05258.r4 4/11 page 5 05258 VSMF05LCC ta p e an d r ee l sp e c i f i c ation s ree l dia. t a p e w i d th a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 1.17 0.05 1.17 0.05 0.66 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.25 n ote s 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t74 = 7 reel - 4,000 pieces per 8mm tape. 4. sufx - t13 = 13 reel - 10,000 pieces per 8mm tape. 5. marking on part - marking code (see page 2) and pin one defned by dot on package. package outline, pad layout and tape specifcatons per document number 06070.r1 3/11. o rd e r in g in f o rm ation b a s e p a r t nu mb e r l ea dfr ee s u ff i x ta p e s u ff i x q ty /r ee l r ee l s i z e tu b e q ty VSMF05LCC -p -t74 4,000 7 n/a VSMF05LCC -p -t13 10,000 13 n/a t op cover tape k0 d p0 p2 10 pitches cumulatve t olerance on t ape. 0.2 a0 b0 p e f w user directon of feed pin 1 t
only one name means protektion? www.protekdevices.com 05258.r4 4/11 page 6 05258 VSMF05LCC c o mp any in f o rm ation c omp any pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2007 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. c onta c t us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com w eb www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of VSMF05LCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X