Part Number Hot Search : 
VCO19 68F03 95J250E C1005JB YABMLA A102A FT359 LPSTA
Product Description
Full Text Search
 

To Download V07E130P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series tmov ? /itmov ? series ultramov ? series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. description the ultramov? metal oxide varistor series is designed for applications requiring high peak surge current ratings and high energy absorption capability. ultramov? varistors are primarily intended for use in ac line voltage applications such as transient voltage surge suppressors (tvss), uninterruptable power supplies (ups), ac power taps, ac power meters, or other products that require voltage clamping of high transient surge currents from sources such as lightning, inductive load switching, or capacitor bank switching. these devices are produced in radial lead package sizes of 7, 10,14 and 20mm and offered in a variety of lead forms. ultramovs? are manufactured with recognized epoxy encapsulation and are rated for ambient temperatures up to 85oc with no derating. this series is laser-branded and is supplied in bulk, ammo pack (fan-fold), or tape and reel packaging. features ? leadCfree, halogen-free and rohs compliant. ? high peak surge current rating (i tm ) up to 10ka, single 8 x 20 pulse, (20mm) ? standard operating voltage range compatible with common ac line voltages (130 v ac to 625 v ac ) ? characterized for maximum standby current (leakage) ? custom voltage types available ? standard lead form and lead space options agency approvals absolute maximum ratings ? for ratings of individual members of a series, see device ratings and speci?cations chart agency agency file number e320116 116895 lr91788 42201-006 continuous ultramov? series units steady state applied voltage: dc voltage range (v m(ac)rms ) 130 to 625 v transients: single-pulse peak current (i tm ) 8x20 s wave (see figure 2) 1,750 to 10,000 a single-pulse energy range (w tm ) 2ms square wave 12.5 to 400 j operating ambient temperature range (t a ) -55 to +85 oc storage temperature range (t stg ) -55 to +125 oc temperature coef?cient (a v ) of clamping voltage (v c ) at speci?ed test current <0.01 %/oc hi-pot encapsulation (coating isolation voltage capability) 2500 v coating insulation resistance 1000 m caution: stresses above those listed in "absolute maximum ratings" may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this speci?ca tion is not implied. ultramov? varistor series rohs
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. ultramov? series ratings & speci?cations part number branding maximum rating (85c) speci?cations (25c) continuous transient varistor voltage at 1ma dc test current maximum clamping voltage 8 x 20 s typical capacitance rms volts dc volts energy 2ms peak current 8 x 20 s v m(ac) v m(dc) w tm i tm 1 x pulse i tm 2 x pulse v nom min v nom max v c i pk f = 1mhz (v) (v) (j) (a) (a) (v) (v) (v) (a) (pf) V07E130P p7v130 130 170 12.5 1750 1200 184 226 340 10 180 v10e130p p10v130 130 170 25 3500 2500 184 226 340 25 450 v14e130p p14v130 130 170 50 6000 4500 184 226 340 50 1000 v20e130p p20v130 130 170 100 1 0000 6500 184 226 340 100 1900 v07e140p p7v140 140 180 13.5 1750 1200 200 240 360 10 160 v10e140p p10v140 140 180 27.5 3500 2500 200 240 360 25 400 v14e140p p14v140 140 180 55 6000 4500 200 240 360 50 900 v20e140p p20v140 140 180 110 1 0000 6500 200 240 360 100 1750 v07e150p p7v150 150 200 15 1750 1200 216 264 395 10 150 v10e150p p10v150 150 200 30 3500 2500 216 264 395 25 360 v14e150p p14v150 150 200 60 6000 4500 216 264 395 50 800 v20e150p p20v150 150 200 120 1 0000 6500 216 264 395 100 1600 v07e175p p7v175 175 225 17 1750 1200 243 297 455 10 130 v10e175p p10v175 175 225 35 3500 2500 243 297 455 25 350 v14e175p p14v175 175 225 70 6000 4500 243 297 455 50 700 v20e175p p20v175 175 225 135 1 0000 6500 243 297 455 100 1400 v07e230p p7v230 230 300 20 1750 1200 324 396 595 10 100 v10e230p p10v230 230 300 42 3500 2500 324 396 595 25 250 v14e230p p14v230 230 300 80 6000 4500 324 396 595 50 550 v20e230p p20v230 230 300 160 1 0000 6500 324 396 595 100 1100 v07e250p p7v250 250 320 25 1750 1200 351 429 650 10 90 v10e250p p10v250 250 320 50 3500 2500 351 429 650 25 220 v14e250p p14v250 250 320 100 6000 4500 351 429 650 50 500 v20e250p p20v250 250 320 170 1 0000 6500 351 429 650 100 1000 v07e275p p7v275 275 350 28 1750 1200 387 473 710 10 80 v10e275p p10v275 275 350 55 3500 2500 387 473 710 25 200 v14e275p p14v275 275 350 110 6000 4500 387 473 710 50 450 v20e275p p20v275 275 350 190 1 0000 6500 387 473 710 100 900 v07e300p p7v300 300 385 30 1750 1200 423 517 775 10 70 v10e300p p10v300 300 385 60 3500 2500 423 517 775 25 180 v14e300p p14v300 300 385 125 6000 4500 423 517 775 50 400 v20e300p p20v300 300 385 250 1 0000 6500 423 517 775 100 800 v07e320p p7v320 320 420 32 1750 1200 459 561 840 10 65 v10e320p p10v320 320 420 67 3500 2500 459 561 840 25 170 v14e320p p14v320 320 420 136 6000 4500 459 561 840 50 380 v20e320p p20v320 320 420 273 1 0000 6500 459 561 840 100 750 v07e385p p7v385 385 505 36 1750 1200 558 682 1025 10 60 v10e385p p10v385 385 505 75 3500 2500 558 682 1025 25 160 v14e385p p14v385 385 505 150 6000 4500 558 682 1025 50 360 v20e385p p20v385 385 505 300 1 0000 6500 558 682 1025 100 700 v07e420p p7v420 420 560 40 1750 1200 612 748 1120 10 55 v10e420p p10v420 420 560 80 3500 2500 612 748 1120 25 140 v14e420p p14v420 420 560 160 6000 4500 612 748 1120 50 300 v20e420p p20v420 420 560 320 1 0000 6500 612 748 1120 100 600 v07e440p p7v440 440 585 44 1750 1200 643 787 1180 10 50 v10e440p p10v440 440 585 85 3500 2500 643 787 1180 25 130 v14e440p p14v440 440 585 170 6000 4500 643 787 1180 50 260 v20e440p p20v440 440 585 340 1 0000 6500 643 787 1180 100 500
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series tmov ? /itmov ? series ultramov ? series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. part number branding maximum rating (85c) speci?cations (25c) continuous transient varistor voltage at 1ma dc test current maximum clamping voltage 8 x 20 s typical capacitance rms volts dc volts energy 2ms peak current 8 x 20 s v m(ac) v m(dc) w tm i tm 1 x pulse i tm 2 x pulse v nom min v nom max v c i pk f = 1mhz (v) (v) (j) (a) (a) (v) (v) (v) (a) (pf) v07e460p p7v460 460 615 48 1750 1200 675 825 1240 10 45 v10e460p p10v460 460 615 90 3500 2500 675 825 1240 25 120 v14e460p p14v460 460 615 180 6000 4500 675 825 1240 50 220 v20e460p p20v460 460 615 360 1 0000 6500 675 825 1240 100 400 v10e510p p10v510 510 670 80 3500 2500 738 902 1355 25 110 v14e510p p14v510 510 670 165 6000 4500 738 902 1355 50 200 v20e510p p20v510 510 670 325 1 0000 6500 738 902 1355 100 350 v10e550p p10v550 550 745 90 3500 2500 819 1001 1500 25 100 v14e550p p14v550 550 745 180 6000 4500 819 1001 1500 50 180 v20e550p p20v550 550 745 360 1 0000 6500 819 1001 1500 100 300 v10e625p p10v625 625 825 100 3500 2500 900 1100 1650 25 90 v14e625p p14v625 625 825 200 6000 4500 900 1100 1650 50 160 v20e625p p20v625 625 825 400 1 0000 6500 900 1100 1650 100 250 ultramov? series ratings & speci?cations (continued...) note: 1. average power dissipation of transients should not exceed 0.25w, 0.4w, 0.6w and 1.0w for 7mm, 10mm, 14mm, and 20mm model siz es, respectively. should transients occur in rapid succession, the average power dissipation is the energy (watt-seconds) per pulse times the number of pulses per second. the power so developed must be within the speci?cations shown on the device ratings and speci?cations table for the speci?c device. furthermore, the operating values need to be derated at high temperatures as shown in above. because varistors can only dissipate a relatively small amount of average power they are, therefore, not suitable for repetitive applications that involve substantial amounts of average power dissipation. power dissipation ratings 100 90 80 70 60 50 40 30 20 10 0 -55 50 60 70 80 90 100 110 120 130 140 150 ambient temperature ( o c) percent of rated value 100 90 50 10 o 1 t t 1 t 2 time percent of peak value peak pulse current test waveform current energy and power derating curve 0 1 = virtual origin of wave t = time from 10% to 90% of peak t 1 = rise time = 1.25 x t t 2 = decay time example - for an 8/20 s current waveform: 8 s = t 1 = rise time 20 s = t 2 = decay time figure 1 figure 2
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. model size = 7mm t a = -55 o c to 85 o c 130 to 460v m(ac) rating maximum leaka ge maximum clamp vo ltag e 420 440 460 385 230 250 275 300 320 175 150 140 130 10000 1000 100 10 -6 10 -5 10 -4 0.001 0.01 0.1 1 10 100 1000 10000 peak current (a) maximum peak voltage (v) maximum clamping voltage for 7mm parts v7e130(p)-v7e460(p) transient v-i characteristics curves maximum clamping voltage for 10mm parts v10e130(p)-v10e625(p) 10000 1000 100 10 -6 10 -5 10 -4 0.001 0.01 0.1 1 10 100 1000 10000 peak current ( a ) maximum peak voltage (v) 10000 1000 100 10 -6 10 -5 10 -4 0.001 0.01 0.1 1 10 100 1000 10000 peak current ( a ) maximum peak voltage (v) model size = 10mm t a = -55 o c to 85 o c 130 to 625v m(ac) rating maximum leaka ge maximum clamp vo ltag e 625 460 440 385 230 250 275 300 320 175 150 140 130 420 550 510 10000 1000 100 10 -6 10 -5 10 -4 0.001 0.01 0.1 1 10 100 1000 10000 peak current (a) maximum peak voltage (v) model size = 14mm t a = -55 o c to 85 o c 130 to 625v m(ac) rating maximum leakage maximum clamp vo ltag e 625 460 440 385 230 250 275 300 320 175 150 140 130 420 550 510 maximum clamping voltage for 14mm parts v14e130(p) - v14e625(p) figure 3 figure 4 figure 5
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series tmov ? /itmov ? series ultramov ? series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. maximum clamping voltage for 20mm parts v20e130(p) - v20e625(p) 10000 1000 100 10 -6 10 -5 10 -4 0.001 0.01 0.1 1 10 100 1000 10000 peak current (a) maximum peak voltage (v) model size = 20mm t a = -55 o c to 85 o c 130 to 625v m(ac) rating maximum leakage maximum clamp v o lta g e 625 460 440 385 230 250 275 300 320 175 150 140 130 420 550 510 10000 1000 100 10 1 10 100 1000 10000 impulse duration (s) surge current (a) model size = 7mm t a = - 55 o c to 8 5 o c 10 4 10 5 10 6 1 10 10 3 10 2 2 130 to 4 60v m(ac) rating repetitive surge capability for 7mm parts v7e130(p) - v7e460(p) transient v-i characteristics curves (continued...) pulse rating curves figure 6 figure 7
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. model size = 1 4 mm t a = - 55 o c to 8 5 o c 10000 1000 100 10 1 10 100 1000 10000 surge current (a) 10 4 10 5 10 6 1 2 10 2 10 3 10 130 to 62 5 v m(ac) rating impulse duration (s) repetitive surge capability for 14mm parts repetitive surge capability for 20mm parts v14e130(p) -v14e625(p) v20e130(p) -v20e625(p) 10000 1000 100 10 1 10 100 1000 10000 impulse duration (s) surge current (a) model size = 20mm t a = - 55 o c to 8 5 o c 100000 10 4 10 5 10 6 1 2 10 2 10 3 10 130 to 62 5 v m(ac) rating repetitive surge capability for 10mm parts v10e130(p) - vioe625(p) model size = 10mm t a = - 55 o c to 8 5 o c 10000 1000 100 10 1 10 100 1000 10000 impulse duration (s) surge current (a) 1 10 4 10 5 10 6 2 10 10 3 10 2 130 to 62 5 v m(ac) rating pulse rating curves (continued...) figure 8 figure 9 figure 10
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series tmov ? /itmov ? series ultramov ? series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. phenolic coating option -- ultramov? series varistors for hi-temperature operating conditions: ? phenolic coated ultramov? series devices are available with improved maximum operating temperature 125c. ? these devices also have improved temperature cycling performance capability. ? ratings and speci?cations are as per standard ultramov? series except hiCpot encapsulation (isolation voltage capability) = 500v. ? phenolic coating is halogen free. to order: change 'e' (epoxy coating) in part number to 'p' (phenolic coating; e.g. v20p230) ? see part numbering system section of this series for more information. ? contact factory for further details. wave solder pro?le 0 50 100 150 200 250 300 00.511.522.533.54 time(minutes) temperature (oc) maximum wave 240c leadCfree pro?le 0 50 100 150 200 250 300 00.511.522.533.54 time(minutes) temperature (oc) maximum wave 260c non leadCfree pro?le operating/storage temperature -55c to +85c/-55c to +125c humidity aging +85c, 85% rh, 1000 hours +/-10% typical voltage change thermal shock +85c to -40c 5 times +/-10% typical voltage change solvent resistance milCstdC202, method 215f moisture sensitivity level 1, jCstdC020c lead material tinCc oated copper wire soldering characteristics solderability per milCstdC202, method 208e insulating material cured, ?ame retardant epoxy polymer meets ul94vC0 requirements device labeling marked with lf, voltage, ul/csa logos, and date code physical speci?cations environmental speci?cations figure 11 figure 12
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. product dimensions (mm) dimension v rms voltage model 7mm size 10mm size 14mm size 20mm size min. mm (in) max. mm (in) min. mm (in) max. mm (in) min. mm (in) max. mm (in) min. mm (in) max. mm (in) a 130-320 - 12 (0.472) - 16 (0.630) - 20 (0.787) - 26.5 (1.043) 385-625 - 13 (0.512) - 17 (0.689) - 20.5 (0.807) - 28 (1.102) ?d all - 9 (0.354) - 12.5 (0.492) - 17 (0.669) - 23 (0.906) e (note 2) all 4 (0.157) 6 (0.236) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256) 8.5 (0.335) 9 (0.354) 11 (0.433) e 1 (note 3) 130-320 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) 385-625 2.5 (0.098) 5.5 (0.217) 2.5 (0.098) 5.5 (0.217) 2.5 (0.098) 5.5 (0.217) 2.5 (0.098) 5.5 (0.217) e 130-320 - 5.6 (0.220) - 5.6 (0.220) - 5.6 (0.220) - 5.6 (0.220) 385-510 - 7.3 (0.287) - 7.3 (0.287) - 7.3 (0.287) - 7.3 (0.287) 550-625 - 8.3 (0.327) - 8.3 (0.327) - 8.3 (0.327) - -8.3 (0.327) ? b all 0.585 (0.023) 0.685 (0.027) 0.76 (0.030) 0.86 (0.034) 0.76 (0.030) 0.86 (0.034) 0.76 (0.030) (note 2) 0.86 (0.034) (note 2) a trim all - 15 (0.591) - 19.5 (0.768) - 22.5 (0.886) - 29.0 (1.142) l (l2) all 25.4 (1.00) - 25.4 (1.00) - 25.4 (1.00) - 25.4 (1.00) - *l (l4) all 2.41 (0.095) 4.69 (0.185) 2.41 (0.095) 4.69 (0.185) 2.41 (0.095) 4.69 (0.185) 2.41 (0.095) 4.69 (0.185) notes: 1. measurements displayed in millimeters (inches in parentheses). 2. standard lead space. 3. for in-line lead option l3, dimension e 1 is zero . straight lead form option l1 shown. lead form options l1 and l3 (refer to table below) *seating plane interpretation per iec-717 (not available on tape or ammo pack) * sea t ing plane a trim lead form options l2 and l 4 (refer to table below) l trim for information about bulk packaging quantities, please refer to the ordering notes section at the end of this document.
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series tmov ? /itmov ? series ultramov ? series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. tape speci?cations for reel and ammo pack items (refer to dimensions on following page) crimped leads "l2" crimped leads "l2" p1 p0 e dp dh dh w1 w f t w2 w0 p dp c b h 0 d0 h 1 seating plane p2 p1 p1 w0 e dp dh dh w1 w f t w2 p dp c b h 0 d0 h 1 seating plane p2 inline leads "l3" inline leads "l3" w0 p1 p0 p2 dh e dh dp w1 w f t w2 p dp b h d0 h 1 p1 w0 p2 p0 dh e dh dp w1 w f t w2 p dp b h d0 h 1 straight leads "l1" straight leads "l1" w0 p1 p0 p2 dh e dh dp w1 w f t w2 p dp b h d0 h 1 p1 w0 p2 p0 dh e dh dp w1 w f t w2 p dp b h d0 h 1 7mm devices 10, 14 and 20mm devices
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. symbol description model size 7mm 10mm 14mm 20mm b 1 component top to seating plane 15 max 19.5 max 22.5 max 29 max c crimp length 2.4 typ 2.6 typ 2.6 typ 2.6 typ p pitch of component 12.7 +/- 1.0 25.4 +/- 1.0 25.4 +/- 1.0 25.4 +/- 1.0 p 0 feed hole pitch 12.7 +/- 0.2 12.7 +/- 0.2 12.7 +/- 0.2 12.7 +/- 0.2 p 1 feed hole center to pitch 3.85 +/- 0.7 8.85 +/- 0.7 8.85 +/- 0.7 7.70 +/- 0.7 p 2 hole center to component center 6.35 +/- 0.7 12.7 +/- 0.7 12.7 +/- 0.7 12.7 +/- 0.7 f lead to lead distance 5.0 +/- 0.8 7.5 +/- 0.8 7.5 +/- 0.8 10.0 +/- 0.8 h component alignment 2.0 max 2.0 max 2.0 max 2.0 max w tape width 18.0 +1.0 / -0.5 18.0 +1.0 / -0.52 18.0 +1.0 / -0.5 18.0 +1.0 / -0.5 w 0 hold down tape width 12.0 +/- 0.3 12.0 +/- 0.3 12.0 +/- 0.3 12.0 +/- 0.3 w 1 hole position 9.0 +0.75 / -0.50 9.0 +0.75 / - 0.50 9.0 +0.75 / 0.50 9.0 +0.75 / -0.50 w 2 hold down tape position 0.5 max 0.5 max 0.5 max 0.5 max h height from tape center to component base 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 18.0 +2.0 / -0.0 h 0 seating plane height 16.0 +/- 0.5 16.0 +/- 0.5 16.0 +/- 0.5 16.0 +/- 0.5 h 1 component height 32.0 max 36.0 max 40.0 max 46.5 max d 0 feed hole diameter 4.0 +/- 0.2 4.0 +/- 0.2 4.0 +/- 0.2 4.0 +/- 0.2 t total tape thickness 0.7 +/- 0.2 0.7 +/- 0.2 0.7 +/- 0.2 0.7 +/- 0.2 p component alignment 3 max, 1.00mm 3 max, 1.00mm 3 max, 1.00mm 3 max, 1.00mm tape speci?cations for reel and ammo pack items (refer to drawings on previous page) ? conforms to ansi and eia speci?cations. ? can be supplied to iec publication 286-2. ? radial devices on tape are offered with crimped leads, straight leads, or in-line leads. see ordering information. ? for 10mm devices 'p' (component pitch) is 12.7mm when 'f' (lead space) is 5mm. ? 7mm parts are available on tape and reel up to 460 vac only ? 10mm parts are available on tape and reel up to 510 vac only ? 14mm and 20mm parts are available on tape and reel up to 550 vac only ? 7mm devices with 7.5mm lead spacing option will be taped at 25.4mm component pitch and 500 pieces per reel ? 10mm devices with 5.0mm lead spacing option will be taped at 12.7mm component pitch and 1000 pieces per reel for information on tape and reel packaging quantities, please refer to the ordering notes section at the end of this document.
varistor products ?2010 littelfuse, inc. revision: august 4, 2010 ultramov? varistor series radial lead varistors > ultramov tm series tmov ? /itmov ? series ultramov ? series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/tmov.html for current information. tape & reel quantity varistor voltage shipping quantity per reel 7mm 10mm 14mm 20mm 130 C 275 1000 500 500 500 300 C 625 1000 500 400 400 part numbering system nonstandard lead spacing options: blank: other nonstandard options x2855: nickel barrier coated wire option (see notes below) standard lead spacing (see dimensions table) 5: 5mm lead spacing 7: 7.5mm lead spacing 1: 10mm lead spacing packaging: b: bulk pack t: tape and reel a: ammo pack lead formation: l1: straight l2: crimped l3: in-line l4: trim/crimp (bulk pack only) encapsulation: e = epoxy p = phenolic (halogen free) v m(ac)rms : 130 to 625 (v) disc diameter: 07, 10, 14, or 20 (mm) for varistor v xx e xxx lx x x ultramov? is a trademark of littelfuse, inc. p lead-free, halogen-free and rohs compliant indicator option codes (see notes below) base part codes (see ratings & speci?cations tables and notes below) xxxxx standard part default conditions device size part # lead space packaging 7mm v07eC 5.0-/+1 bulk 10mm v10eC 7.5-/+1 bulk 14mm v14eC 7.5-/+1 bulk 20mm v20eC 10.0-/+1 bulk for standard parts, use the base part designator only. for parts with non-standard options (such as additional form, packaging and lead space options) use, base part + option code . option code items are subject to availability and minimum order requirements. please contact a littelfuse representative if you require additional information ordering notes: littelfuse ultramov? varistors are shipped standard in bulk pack with straight leads and lead spacing outlined in the dimensions sections of this document. contact a littelfuse representative to discuss non-standard options. packaging: option codes: x2855: nickel barrier coated wire option all standard parts use tinCcoated copper wire nickel barrier coated wire is available as an option, consisting of copper wire with a ?ashing of nickel followed by a top coating of tin. to order: append standard model base part number with "x2855." example: standard model order as v18za40p v18za40p x2855 standard bulk pack quantity varistor voltage standard bulk pack quantity varistor model size 7mm 10mm 14mm 20mm 130 C 275 1500 1000 700 500 300 C 460 1500 700 600 400 510 C 625 1500 700 500 400


▲Up To Search▲   

 
Price & Availability of V07E130P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X