Part Number Hot Search : 
BR156 PCI1420 EM91410B KP1500 132AP 1N3016 A2000 07166
Product Description
Full Text Search
 

To Download SF10A400HDS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-d6s001-001 1 1 3 2 d2-pak SF10A400HDS ultra fast recovery diode applications ? high speed switching and rectification ? switching mode power supply features ? ultra-fast reverse recovery time: t rr =30ns max. ? low forward voltage & low reverse current ? low switching loss ordering information type no. marking package code SF10A400HDS SF10A400HDS d2-pak absolute maximum ratings [tc=25 c] characteristic symbol rating unit repetitive peak reverse voltage v rrm 400 v average rectified output current i o 10 a peak forward surge current (non-repetitive 60hz sine wave) i fsm 120 a junction temperature t j 150 c storage temperature range t stg -45 ~ 150 c electrical characteristics [ tc=2 5 c] characteristic symbol test condition min. typ. max. unit tc = 2 5 - - 1.4 forward voltage v f 1) tc=125 i f =10a - - 1.3 v tc = 2 5 - - 20 reverse current i r 1) tc=125 v r =400v 200 ? reverse recovery time t rr i f =1a, di/dt=-100a/ ? - - 30 ns thermal resistance r th junction to case - - 3.0 c/w 1) pulse test : t p 380 ? , duty cycle 2% recommend pcb solder land [unit: mm] 1, 2. anode 3, 4. cathode pin connection 1 2 3,4 4
ksd-d6s001-001 2 electrical characteristic curves SF10A400HDS fig. 3 p f - i o fig.1 i f - v f [ ? ] fig. 5 i fsm ? number of cycle fig. 6 i o derating - t c fig. 4 c t - v r fig. 2 i r - v r
ksd-d6s001-001 3 SF10A400HDS outline dimension (mm)
ksd-d6s001-001 4 SF10A400HDS the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SF10A400HDS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X