Part Number Hot Search : 
P80N0 BZX84C HD74LV2 SE8000 E000498 LF580 GM5621 CA3183
Product Description
Full Text Search
 

To Download PTF01-152B-103B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 2 1 r1 3 2 1 r1 3' 2' 1' r2 45.0 0.5 (1.772 0.020) travel mounting surface 55.0 0.1 (2.165 0.004) 65.0 0.1 (2.559 0.004) 57.0 (2.244) 65.0 0.2 (2.559 0.008) 73.0 0.5 (2.874 0.020) 1 2.0 +0.2/-0 (0.079 + 0.008/-0) dia. 6 plcs. m3 2 plcs. 1.5 0.1 (0.059 0.004) 2 2 2? 1 1? 3 3? 2? 1 1? 3 3? 2.8 0.2 (0.110 0.008) 6.0 0.2 (0.236 0.008) 4.0 +0/-0.1 (0.157 +0/-0.004) 1.2 0.05 (0.047 0.002) 0.5 (0.020) 3.5 0.2 (0.138 0.008) 1.6 0.1 (0.063 0.004) 7.4 0.1 (0.291 0.004) 10.0 0.1 (0.394 0.004) l 0.5 (l 0.020) 2.8 (0.110) 20.0 0.5 (0.787 0.020) 9.0 0.1 (0.354 0.004) 11.0 0.5 (0.433 0.020) 14.0 0.8 (0.551 0.031) features long life carbon element assortment of resistance tapers 45 mm, 60 mm and 100 mm travel lengths single and dual gang elements long operational life tracking error within ? db ptf series long life slide potentiometer *rohs directive 2002/95/ec jan 27, 2003 including annex speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. electrical characteristics standard resistance range ....................... 1k ohms to 1 megohm standard resistance tolerance ... 20 % end resistance ...................1 ohm max. insulation resistance @ 500 vdc ............................. 100 megohms min. dielectric withstanding voltage ............................................ 1000 vac tracking error ............................... 2 db standard taper .................. linear, audio power rating - linear 45 mm ............................. 0.25 watt 60 & 100 mm ..................... 0.5 watt power rating - audio 45 mm ........................... 0.125 watt 60 & 100 mm ................... 0.25 watt slider noise .........................60 mv max. environmental characteristics operational life ..............100,000 cycles tr shift .................................... 15 % operating temperature range ................................. -10 c to +55 c resistance to solder heat ............. 5 % mechanical characteristics mechanical travel .................... see product dimensions operating force .............................50 gf stop strength ......................... 5 kgf min. shaft axial force .................. 10 kgf min. shaft wobble .. 2(2 x l/25) mm p-p max. soldering condition manual ...........300 c 5 c for 3 sec. wave ..............260 c 5 c for 5 sec. wash .....................not recommended product dimensions 45 mm length of travel lever end style ?a? dimensions: mm (inches) schematics mounting hole detail single gang dual gang *rohs compliant
70.0 0.1 (2.756 0.004) 80.0 0.1 (3.150 0.004) 75.0 (2.953) 80.0 0.2 (3.150 0.008) 88.0 0.5 (3.465 0.020) 2.0 +0.2/-0 (0.079 + 0.008/-0) dia. 6 plcs. 2 2? 1 1? 3 3? 2 2? 1 1? 3 3? 1.5 0.1 (0.059 0.004) 2.8 0.2 (0.110 0.008) 60.0 1.0 (2.362 0.039) travel 4.0 +0/-0.1 (0.157 +0/-0.004) 0.5 (0.020) 3.0 (0.118) 7.1 0.1 (0.280 0.004) 1.9 (0.075) 9.0 0.1 (0.354 0.004) 9.0 0.1 (0.354 0.004) 6.0 0.1 (0.236 0.004) m3 x 0.5 ( m3x 0.020) 2 plcs. 2.8 (0.110) 20.0 0.5 (0.787 0.020) 3.5 0.2 (0.138 0.008) l 0.5 (l 0.020) 11.0 0.5 (0.433 0.020) 14.0 0.8 (0.551 0.031) speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. ptf series long life slide potentiometer product dimensions dimensions: mm (inches) mounting hole detail 60 mm length of travel lever end style ?a? applications mixing consoles drum machines keyboards and synthesizers equalizers
110.0 0.1 (4.331 0.004) 120.0 0.1 (4.724 0.004) 2.0 +0.2/-0 (0.079 + 0.008/-0) dia. 6 plcs. 2 2? 1 1? 3 3? 100.0 1.0 (3.937 0.039) travel 4.0 +0/-0.1 (0.157 +0/-0.004) 6.0 0.2 (0.236 0.008) 0.5 (0.020) 1.2 0.05 (0.047 0.002) 3.0 (0.118) 7.1 0.1 (0.280 0.004) 1.9 (0.075) 9.0 0.1 (0.354 0.004) 9.0 0.1 (0.354 0.004) 6.0 0.1 (0.236 0.004) 115.0 (4.528) 120.0 0.2 (4.724 0.008) 128.0 0.5 (5.039 0.020) m3 x 0.5 ( m3x 0.020) 2 plcs. 2.8 (0.110) 20.0 0.5 (0.787 0.020) mounting surface 1.5 0.1 (0.059 0.004) 2.8 0.2 (0.110 0.008) 3.5 0.2 (0.138 0.008) l 0.5 (l 0.020) 10.5 0.5 (0.413 0.020) 10.0 0.1 (0.394 0.004) 14.0 0.8 (0.551 0.031) 2 2? 1 1? 3? 3 speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. ptf series long life slide potentiometer product dimensions 100 mm length of travel lever end style ?a? dimensions: mm (inches) mounting hole detail
2 2 1 1 3 3 1.2 ?0.05 (0.047 ?0.002) 2.0 (0.008) dia. 2 plcs. 1.5 +0/-0.1 (0.059 +0/-0.004) 0.5 (0.020) 57.0 (2.244) 65.0 ?0.2 (2.559 ?0.008) 73.0 ?0.5 (2.874 ?0.020) 1 m3 x 2 plcs. 2.8 (0.110) 0.5 (0.020) 20.0 ?0.5 (0.787 ?0.020) 45.0 ?0.5 (1.772 ?0.020) travel mounting surface 2.8 ?0.2 (0.110 ?0.008) 2.5 (0.098) 1.5 (0.059) 6 plcs. square holes x 8.0 (0.315) 14.5 (0.571) 18.5 +0/-0.1 (0.728 +0/-0.004) 7.5 ?1.0 (0.295 ?0.039) 4.0 (0.157) 11.0 ?0.5 (0.433 ?0.020) 8.2 ?0.5 (0.323 ?0.020) 55.0 (2.165) 65.0 (2.559) 1.6 (0.063) 7.4 (0.291) 9.0 (0.354) speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. ptf series long life slide potentiometer product dimensions dimensions: mm (inches) 45 mm length of travel lever end style ?t?
2 2 1 1 3 3 70.0 (2.756) 80.0 (3.150) 75.0 (2.953) 80.0 ?0.2 (3.150 ?0.008) 88.0 ?0.5 (3.465 ?0.020) 1 m3 x 2 plcs. 2.8 (0.110) 0.5 (0.020) 20.0 ?0.5 (0.787 ?0.020) 60.0 ?1.0 (2.362 ?0.039) travel mounting surface 2.8 ?0.2 (0.110 ?0.008) 2.5 (0.098) 1.5 (0.059) 6 plcs. square holes x 8.0 (0.315) 14.5 (0.571) 18.5 +0/-0.1 (0.728 +0/-0.004) 7.5 ?1.0 (0.295 ?0.039) 4.0 (0.157) 11.0 ?0.5 (0.433 ?0.020) 8.2 ?0.5 (0.323 ?0.020) 1.2 ?0.05 (0.047 ?0.002) 2.0 (0.008) dia. 2 plcs. 1.5 +0/-0.1 (0.059 +0/-0.004) 0.5 (0.020) 1.9 (0.075) 7.1 (0.280) 9.0 (0.354) 3.0 (0.118) 6.0 (0.236) 9.0 (0.354) speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. ptf series long life slide potentiometer product dimensions dimensions: mm (inches) 60 mm length of travel lever end style ?t?
110.0 (4.331) 120.0 (4.724) 115.0 (4.528) 120.0 ?0.2 (4.724 ?0.008) 128 ?0.5 (5.039 ?0.020) m3 x 2 plcs. 2.8 (0.110) 0.5 (0.020) 20.0 ?0.5 (0.787 ?0.020) 1.2 ?0.05 (0.047 ?0.002) 2.0 (0.008) dia. 2 plcs. 1.5 +0/-0.1 (0.059 +0/-0.004) 0.5 (0.020) 100 ?1.0 (3.937 ?0.039) travel mounting surface 2.8 ?0.2 (0.110 ?0.008) 2.5 (0.098) 1.5 (0.059) 6 plcs. square holes x 8.0 (0.315) 14.5 (0.571) 18.5 +0/-0.1 (0.728 +0/-0.004) 7.5 ?1.0 (0.295 ?0.039) 4.0 (0.157) 11.0 ?0.5 (0.433 ?0.020) 8.2 ?0.5 (0.323 ?0.020) 2.0 (0.079) 7.1 (0.280) 1.9 (0.075) 9.0 (0.354) 6.0 (0.236) 3.0 (0.118) 9.0 (0.354) 1 2 2 1 1 3 3 speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. ptf series long life slide potentiometer product dimensions dimensions: mm (inches) 100 mm length of travel lever end style ?t?
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. ptf series long life slide potentiometer tapers 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 a series tapers terminal 1 output voltage across terminals 1-2 input voltage across terminals 1-3 x 100 (%) terminal 3 rotational travel (%) (05a);a1 (10a);a2 (15a);a3 (20a);a4 (25a);a5 (30a);a6 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 b series tapers terminal 1 output voltage across terminals 1-2 input voltage across terminals 1-3 x 100 (%) terminal 3 rotational travel (%) (4 b );b 4 (3b);b3 (2b);b2 (1b);b1 (5b);b5 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 c series tapers terminal 1 output voltage across terminals 1-2 input voltage across terminals 1-3 x 100 (%) terminal 3 rotational travel (%) (05c);c1 (10 c);c2 (15c);c3 (20c);c4 (25 c);c5 (30c);c6 lever end styles 6.0 ?0.2 (0.236 ?0.008) 4.0 +0/-0.1 (0.157 +0/-0.004) 10.0 ?0.1 (0.394 ?0.004) l ?0.5 (l ?0.020) lever end style ? 10.0 ?0.2 (0.394 ?0.008) lever end style ? 5.0 ?0.1 (0.197 ?0.004) 4.0 +0.1/-0 (0.157 +0.004/-0) 3.0 ?0.1 (0.118 ?0.004) 3.0 (0.118) 1.0 (0.039) 0.5 (0.020) l ?0.5 (l ?0.020) 8.5 (0.335) lever length (a & b lever only) 15.0 (.591) 20.0 (.787) standard resistance table resistance resistance (ohms) code 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 50,000 503 100,000 104 200,000 204 500,000 504 1,000,000 105 rev. 11/10 lever end style ? 8.0 (0.315) 14.5 (0.571) 18.5 +0/-0.1 (0.728 +0/-0.004) 4.0 (0.157) 8.2 ?0.5 (0.323 ?0.020) 2.0 (0.079) how to order ptf 45 - 15 2 a - 103 b2 model number designator ptf = long life slide potentiometer length of travel 45 = 45 mm 60 = 60 mm 01 = 100 mm lever length 08 = 8.2 mm (?t? lever only) 15 = 15 mm (?a? & ?b? lever only) 20 = 20 mm (?a? & ?b? lever only) no. of gangs 1 = single gang with pc pins 2 = dual gang with pc pins 3 = single gang with solder lugs 4 = dual gang with solder lugs lever end style a = metal lever (refer to drawing) b = metal lever (refer to drawing) t = metal lever (refer to drawing) resistance code (see standard resistance table) resistance taper (see taper charts) taper series followed by curve number


▲Up To Search▲   

 
Price & Availability of PTF01-152B-103B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X