Part Number Hot Search : 
PM0222 10700474 12XXX C641N 78MR06 2PD601A 31300 RD33FM
Product Description
Full Text Search
 

To Download PI7C9X112SLFDE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pericom semiconductor www.pericom.com pci express?, pcie?, and pci-x? are all r egistered trademarks of pci-sig? - pcisig.org page 1 of 1 rev 1.0 ? 2008 product: slimline ? pci express ? to pci bridge part numbers: pi7c9x112sl product description the pi7c9x112sl is the latest addition to pericom?s pci express ? bridge slimline? family of solutions. with the pi7c9x112sl, users can expect a x1 pci express to 32bit/66mhz pci bridge with high performance, very low power consumption, and a sm all footprint. pi7c9x112sl offers the most effective forward bridging solution to platforms with high bandwidth requirement. the typical usage for this device is high volume applications requiring a ?bridge? from legacy pci products to new pci express based systems, or applications requiring a ?bridge? to support multiple legacy pci sy stems. the pi7c9x112sl is a versatile device that can be deployed in applications including desktops, graphics cards, combo cards, pc peripherals, mfp printer and video surveillance systems. industry specifications compliance ? pci express base specification , rev. 1.1 ? pci express cem specification , rev. 1.0a ? pci express to pci/pci-x bridge specification , rev. 1.0 ? pci-to-pci bridge architecture specification , rev. 1.2 ? pci local bus specification , rev. 3.0 ? pci hot-plug specification , rev. 1.1 ? pci shpc and subsystem specification , rev. 1.0 ? pci mobile design guide , version 1.1 ? system management (sm) bus, version 2.0 ? pci bus pm interface specification , rev. 1.1 ? advanced configuration and power interface specification , rev. 2.0 general feature set ? fully pcie 1.1 compliant o forward ? pci express primary, pci secondary ? maximum payload size ? up to 512 bytes ? ultra low power modes o critical for mobile applications ? support for up to 8 pci bus masters with external 4 to 8 demux logic ? industrial temp compliant (-40c~+85c) ? two level internal arbitration ? typical power: <460mw ? gpio support - 4 dedicated bi-directional ? when external arbiter is used: o 4 additional outputs o 4 additional inputs ? masquerade support o user defined vendor, device, revision, subsystem device, and subsystem vendor id ? large 10kb buffer o 4kb for upstream reads, 2kb for downstream reads & 2kb for writes per port ? access to extended configuration registers from pci side in reverse mode ? tiny 14 x 14mm, 128-pin qfp package pci express features ? virtual isochronous support o upstream tc 1 ? 7 generation o downstream tc 1 ? 7 mapping ? 16-bit crc, lcrc (32-bit) ? ecrc and advanced error reporting ? error forwarding (data poisoning) ? lane reversal (polarity toggle) ? vddaux support (1.0v) pci features ? 3.3v signaling with 5v i/o tolerance ? pme# support ? 16-bit address decode for vga ? vaux support (3.3v) ? subsystem device and subsystem vendor id ? msi and int support ? sm bus o phy, data link, network layer, pec, arp, etc. ? i2c serial eeprom support application example 32bit / 66mhz pci chipset x1 pcie pi7c9x112


▲Up To Search▲   

 
Price & Availability of PI7C9X112SLFDE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X