Part Number Hot Search : 
MAX9698 ISL59111 SR120 FRS12000 BZG03C10 3S0765RF BD144 SMDA12
Product Description
Full Text Search
 

To Download MSP4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MSP4000 released msp for voip gateways with integrated secure router multi-service processor pmc-2041690 proprietary and confidential to pmc - sierra, inc., ? copyright pmc-sierra, inc. 2004 issue 2 and for its customers? internal use all rights reserved. general the MSP4000 belongs to a full family of multi-service processors designed to meet the performance, qos, and security needs of communications equipment used within the customer premise. the MSP4000 is ideal for designing voip gateways for small businesses, professional telecommuters, and branch offices. the MSP4000 is a highly affordable solution for up to eight ports of derived voice. this multi-service processor provides a migration path from legacy iad voice services using time division multiplexing over t1 services to next generation voice over broadband services. the MSP4000 is also designed to meet the performance requirements of firewall applications and provides an additional ethernet mac for a dedicated dmz port. an integrated encryption engine enables high-performance vpn services expected by telecommuters and remote offices. to reduce time-to-market, pmc-sierra offers comprehensive support for the MSP4000, including evaluation boards, software, application engineering support, training, and documentation that together accelerate the product development process. in addition, the MSP4000 supports linux, vxworks, or custom operating systems. advantages ? single platform for both data and voice solutions  support for high performance vpns  significant cost reduction through integration of multiple processors and discrete parts on a single chip  support for vxworks and linux applications voip gateway iads block diagram 3.2 gbit/s multi-service bus (ms bus) external local bus uart/scc memory controller high performance mips32 4km MSP4000 lan wan slic/slacs real time clock dmz sdram console flash/usb security engine spi/mpi 10/100 mac 10/100 mac 10/100 mac voice engine serial tdms phones, pbx
head office: pmc-sierra, inc. 8555 baxter place burnaby, b.c. v5a 4v7 canada tel: 1.604.415.6000 fax: 1.604.415.6200 msp for voip gateways with integrated secure router to order documentation, send email to: document@pmc-sierra.com or contact the head office, attn: document coordinator pmc-2041690 (r2) ? copyright pmc-sierra, inc. 2004. all rights reserved. for a complete list of pmc-sierra?s trademarks and registered trademarks, visit: http://www.pmc-sierra.com/legal/ proprietary and confidential to pmc-sie rra, inc., and for its customers? internal use MSP4000 multi-service processor all product documentation is available on our web site at: http://www.pmc-sierra.com for corporate information, send email to: info@pmc-sierra.com electrical  350 pin pbga  vcc 3.3v i/o, 1.8v core  power consumption 1.5w system processor  high performance mips32 4km processor at 150 mhz  16 kb instruction cache, 16 kb data cache ultrafast multi-service bus (ms bus)  peak bandwidth of 3.2 gbit/s  true parallel processing  prioritized access voice engine  lsi zsp processor at 100 mhz  80 kb instruction, 64 kb data on-chip sram  adpcm hardware accelerator telephony interface  dual tdm interfaces each capable of 128 full duplex channels  adaptive or wan reference clocking  glueless interface to slacs/t1/e1 framers  glueless interface to spi/mpi lan interface  three independent 10/100 ethernet macs  supports vlan tagging and dmz security engine  hardware accelerator for des, 3des, md5, and sha-1  32 bit true random number generator  ipsec compliant system control  eight interrupt inputs gpios  mips timer, two system timers, and watchdog timer  block copy engine  flexible external local bus interface  up to 12 mbit/s data throughput miscellaneous interfaces uart scc  spi/mpi  two-wire serial memory controller  glueless interface to 128 mb of sdram  glueless interface to 32 mb of flash voice processing  g.711, g.726, g.729a/b, g.723.1  g.168 echo cancellers  g.711-fax, fax/modem tone detection  t.38 fax relay  dtmf generation/detection  call progress generation caller id  voice activity detection and comfort noise  channel cross-switch and conferencing  gain control  jitter buffer  adaptive clocking software  apis: voice engine, macs, security engine, and block copy  sample drivers to support slic/slac on the evm board certifications  nist certification for security algorithms (fips 46-3, 81, and 180-1) development tools  support for linux and vxworks  evaluation boards third party support  security applications  ashley laurent - broadway engine  intoto - igateway  sofaware technologies - safe@office  voice processing  gips - global ip sound - neteq  radvision - h.323, sip, mgcp  ejtag debuggers  epi - majic probe  windriver - visionice ii


▲Up To Search▲   

 
Price & Availability of MSP4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X