Part Number Hot Search : 
TEA6850 ST726 SGPLM358 GN2AA MP23070 00007 MA27D27 8HC90
Product Description
Full Text Search
 

To Download MBRM120ET3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 september, 2006 ? rev. 2 1 publication order number: mbrm120e/d mbrm120e surface mount schottky power rectifier powermite ? power surface mount package the schottky powermite employs the schottky barrier principle with a barrier metal and epitaxial construction that produces optimal forward voltage drop?reverse cu rrent tradeoff. the advanced packaging techniques provide for a highly efficient micro miniature, space saving surface mount rectifier. with its unique heatsink design, the powermite has the same thermal performance as the sma while being 50% smaller in footprint area, and delivering one of the lowest height profiles, < 1.1 mm in the industry. because of its small size, it is ideal for use in portable and battery powered products such as cellular and cordless phones, chargers, notebook computers, printers, pdas and pcmcia cards. typical applications are ac?dc and dc?dc converters, reverse battery protection, and ?oring? of multiple supply voltages and any other application where performance and size are critical. features ? low profile ? maximum height of 1.1 mm ? small footprint ? footprint area of 8.45 mm2 ? low v f provides higher efficiency and extends battery life ? supplied in 12 mm tape and reel ? low thermal resistance with direct thermal path of die on exposed cathode heat sink ? pb?free packages are available mechanical characteristics ? powermite is jedec registered as do?216aa ? case: molded epoxy ? epoxy meets ul 94 v?0 @ 0.125 in ? weight: 16.3 mg (approximately) ? lead and mounting surface temperature for soldering purposes 260 c maximum for 10 seconds http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information schottky barrier rectifier 1.0 amperes, 20 volts powermite case 457 plastic cathode anode bcv = device code m = date code  = pb?free package m bcv  marking diagram
mbrm120e http://onsemi.com 2 maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 v average rectified forward current (at rated v r , t c = 130 c) i o 1.0 a peak repetitive forward current (at rated v r , square wave, 20 khz, t c = 135 c) i frm 2.0 a non?repetitive peak surge current (non?repetitive peak surge current, halfwave, single phase, 60 hz) i fsm 50 a storage temperature t stg ?65 to 150 c operating junction temperature t j ?65 to 150 c voltage rate of change (rated v r , t j = 25 c) dv/dt 10,000 v/  s stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. thermal characteristics rating symbol value unit thermal resistance ? junction?to?lead (anode) (note 1) thermal resistance ? junction?to?tab (cathode) (note 1) thermal resistance ? junction?to?ambient (note 1) r tjl r tjtab r tja 35 23 277 c/w 1. mounted with minimum recommended pad size, pc board fr4, see figures 9 and 10. electrical characteristics rating symbol value unit maximum instantaneous forward voltage (note 2), see figure 2 v f t j = 25 c t j = 100 c v (i f = 0.1 a) (i f = 1.0 a) (i f = 2.0 a) 0.455 0.530 0.595 0.360 0.455 0.540 maximum instantaneous reverse current (note 2), see figure 4 i r t j = 25 c t j = 100 c  a (v r = 20 v) (v r = 10 v) (v r = 5.0 v) 10 1.0 0.5 1600 500 300 2. pulse test: pulse width 250  s, duty cycle 2%. ordering information device package shipping ? mbrm120et1 powermite 3000 / tape & reel mbrm120et1g powermite (pb?free) mbrm120et3 powermite 12,000 / tape & reel MBRM120ET3G powermite (pb?free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mbrm120e http://onsemi.com 3 v r , reverse voltage (volts) i r , maximum reverse current (amps) i r , reverse current (amps) i f , instantaneous forward current (amps ) i f , instantaneous forward current (amps) figure 1. typical forward voltage figure 2. maximum forward voltage figure 3. typical reverse current figure 4. maximum reverse current 0.2 v f , instantaneous forward voltage (volts) 10 1.0 v f , maximum instantaneous forward voltage (volts) 20 0 v r , reverse voltage (volts) 100e?3 10e?3 10e?6 1e?6 100e?9 10e?9 0.1 0.6 0.4 0.8 5.0 10 15 2 0 0 100e?3 10e?3 1e?3 100e?9 10e?9 5.0 10 15 t j = 100 c t j = 150 c t j = ?40 c t j = 25 c t j = 150 c t j = 100 c t j = 25 c t j = 150 c t j = 100 c t j = 25 c 0.2 10 1.0 0.1 0.6 0.4 0. 8 100e?6 10e?6 1e?6 t j = 100 c t j = 150 c t j = 25 c 100e?6 1e?3 p fo , average dissipation (watts) i o , average forward current (amps) i pk /i o = 5 figure 5. current derating figure 6. forward power dissipation 45 85 25 t l , lead temperature ( c) 1.8 1.2 1.0 0.8 0.2 0 i o , average forward current (amps) 0.2 0 0.7 0.6 0.5 0.3 0.1 0 1.0 65 105 145 125 1.4 0.4 0.8 1.2 1 .6 0.4 165 1.6 square wave dc i pk /i o =  i pk /i o = 10 i pk /i o = 20 i pk /i o = 20 i pk /i o = 10 i pk /i o = 5 i pk /i o =  square wave dc 0.6 0.4 freq = 20 khz 0.6 1.4 0.2
mbrm120e http://onsemi.com 4 t j , derated operating temperature (  c) c, capacitance (pf) figure 7. capacitance figure 8. typical operating temperature derating* 12 0 v r , reverse voltage (volts) 1000 100 10 v r , dc reverse voltage (volts) 6.0 20 0 146 144 6.0 2.0 4.0 8.0 10 8.0 10 2.0 4.0 148 150 * reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any re- verse voltage conditions. calculations of t j therefore must include forward and reverse power effects. the allowable operating t j may be calculated from the equation: t j = t jmax ? r(t)(pf + pr) where r(t) = thermal impedance under given conditions, pf = forward power dissipation, and pr = reverse power dissipation this graph displays the derated allowable t j due to reverse bias under dc conditions only and is calculated as t j = t jmax ? r(t)pr, where r(t) = rthja. for other power applications further calculations must be performed. r tja = 33.72 c/w 51 c/w 83.53 c/w 96 c/w t j = 25 c 20 18 12 14 69 c/w 16 14 16 18
mbrm120e http://onsemi.com 5 r (t) , transient thermal resistance (normalized) t, time (s) 1.0 0.1 0.01 0.001 100 0.1 0.00001 1,00 0 0.0001 0.001 0.01 1.0 10 rtjl(t) = rtjl*r(t) 50% 20% 10% 5.0% 2.0% 1.0% figure 9. thermal response junction to lead 100 0.1 0.00001 t, time (s) 1.0 0.1 0.01 0.0001 0.001 0.01 1.0 10 0.001 rtjl(t) = rtjl*r(t) 50% 20% 10% 5.0% 2.0% 1.0% figure 10. thermal response junction to ambient r (t) , transient thermal resistance (normalized)
mbrm120e http://onsemi.com 6 package dimensions powermite plastic package case 457?04 issue d dim min max min max inches millimeters a 1.75 2.05 0.069 0.081 b 1.75 2.18 0.069 0.086 c 0.85 1.15 0.033 0.045 d 0.40 0.69 0.016 0.027 f 0.70 1.00 0.028 0.039 h ?0.05 +0.10 ?0.002 +0.004 j 0.10 0.25 0.004 0.010 k 3.60 3.90 0.142 0.154 l 0.50 0.80 0.020 0.031 r 1.20 1.50 0.047 0.059 s notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15 (0.006) per side. s b m 0.08 (0.003) c s t ?a? ?b? s j k ?t? h l j c d s b m 0.08 (0.003) c s t f term. 1 term. 2 r 0.50 ref 0.019 ref 2.54 0.100 0.635 0.025 1.27 0.050 2.67 0.105 0.762 0.030  mm inches  scale 10:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 mbrm120e/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative powermite is a registered trademark of and used under a license from microsemi corporation.


▲Up To Search▲   

 
Price & Availability of MBRM120ET3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X