Part Number Hot Search : 
20M45 NVFMCZ AUSCD12H 70M6T 15161450 SBT6045 L12PFI L12PFI
Product Description
Full Text Search
 

To Download MBRF20U100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008. 12. 2 1/2 semiconductor technical data MBRF20U100CT schottky barrier type diode revision no : 0 switching type power supply application. converter & chopper application. features average output rectified current : i o =20a. repetitive peak reverse voltage : v rrm =100v. low forward voltage. low reverse current. maximum rating (ta=25 ) to-220is (1) a a b b c c d d e e f f g g h h 1.47 max 1.47 max j j k k l m l n nn o o q 1. anode 2. cathode 3. anode r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =10a - - 0.85 v repetitive peak reverse current (note) i rrm v rrm =rated - 2 150 a thermal resistance (note) r th(j-c) juction to case - - 3.5 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 100 v average output rectified current (tc=110 ) (note) i o 20 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
2008. 12. 2 2/2 MBRF20U100CT revision no : 0 average forward current i f(av) (a) average forward current i f(av) (a) p f(av) (w) average forward current i f(av) (a) p f(av) - i f(av) average forward power dissipation reverse current i r ( m a) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) i f - t c i f - t a case temperature tc ( c) ambient temperature t a ( c) 0 0 0 0 020 0 100 0.2 0.1 0.4 0.6 0.8 1 0 1 10 100 20 40 60 80 0.0001 0.001 0.1 0.01 10 1 100 110 120 130 140 160 150 10 5 15 20 25 rated voltage r =3.5 c/w jc dc dc applied 40 60 100 140 80 120 160 4 8 12 16 rated voltage applied ja ja r =16 c/w r =60 c/w (no heat sink) dc dc 5 10 15 20 5 10 15 20 25 120 100 j t =25 c t =150 c j j t =25 c t =125 c j j t =75 c t =150 c j


▲Up To Search▲   

 
Price & Availability of MBRF20U100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X