|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2010. 10. 8 1/2 semiconductor technical data MBRD10U100CT schottky barrier type diode revision no : 0 switching type power supply application. converter & chopper application. features h average output rectified current : i o =10a. h repetitive peak reverse voltage : v rrm =100v. h low reverse current. maximum rating (ta=25 ? ) dpak (1) dim millimeters a a b b c c d d f ff h g k g j l k l m 0.96 max 0.90 max e e m n h 0.70 min n 123 6.60 0.20 + _ 6.10 0.20 + _ 5.34 0.30 + _ 0.70 0.20 + _ 2.70 0.15 + _ 2.30 0.10 + _ 1.80 0.20 + _ 0.50 0.10 + _ 2.30 0.10 + _ 0.50 0.10 + _ j 1. n.c. 2. cathode 3. anode electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - - 0.85 v repetitive peak reverse current (note) i rrm v rrm =100v - 2 50 a thermal resistance (note) r th(j-c) juction to case - - 6.0 ? /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 100 v average output rectified current (tc=114 ? ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 45 a junction temperature t j -40 q 150 ? storage temperature range t stg -55 q 150 ? note : average forward current of centertap full wave connection. note : a value of one cell ) ( 5
2010. 10. 8 2/2 MBRD10U100CT revision no : 0 reverse current i r ( m a) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) 0 0.2 0.1 0.4 0.6 0.8 1 0 1 10 100 20 40 60 80 0.0001 0.001 0.1 0.01 10 1 120 100 j t =75 c j t =25 c t =150 c j j t =25 c t =125 c j j t =75 c |
Price & Availability of MBRD10U100CT |