Part Number Hot Search : 
TPW4671 SI7940 P010024 TOP102YA KN4F3P 1H103J AT24C11 ODEL1
Product Description
Full Text Search
 

To Download KF2002-GF84A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KF2002-GF84A printheads 1/4 compact low voltage thick film thermal printhead (8dots / mm) KF2002-GF84A KF2002-GF84A of low voltage thermal printheads have a 1.25-mm pitch connectors and reduced power supply circuit voltage requirements. this makes them useful for a wide range of applications, including cat, fet-pos and naturally, handheld devices that demand printer heads which can operate with low supplied voltage. ! ! ! ! applications mobile printers fet-pos printers hand-held printers debit printers ! ! ! ! features 1) both the circuit voltage and the voltage required during printing are 3.3v ; this allows the design of complete printer assemblies with energy-saving low power consumption. 2) KF2002-GF84A has a resistance value of 176 ? and can take a maximum current of 8.5v for printing. this is useful in applications where the peak voltage is restricted. 3) because the connectors accept 1.25-mm pitch ffc (full flat cables) it is possible to reduce the size of printer mechanism control boards. 4) 2-inch, 3-inch and 4-inch series are available. ! ! ! ! external dimensions (units : mm) (11.35) (1.1) max.1.7 exposed conductor side insert direction 54 2.1 0.3 (14) 48 (effective print width) max. 14.0 max.16.5 no.28 no.1 connector dot #1 dot #384
KF2002-GF84A printheads 2/4 ! ! ! ! equivalent circuit vh l-gnd p-gnd stb6 stb5 stb4 stb3 stb2 stb1 di clk lat v dd do tm nc tm 1,2,3,26,27,28 13,14,15,16,17 dot #384 dot #1 18 23 22 21 9 10 8 5 25 6 thermistor 30k ? b:3950 4 7 11 19, 20, 24 12 fig.1 654 2 31 latch register shift register
KF2002-GF84A printheads 3/4 ! ! ! ! pin assignments no. 1vh vh vh do clk v dd stb1 stb2 stb3 tm tm p-gnd p-gnd 2 3 4 5 6 7 8 9 10 11 12 13 14 circuit lat no. p-gnd l-gnd : logic ground p-gnd : power ground p-gnd p-gnd l-gnd nc nc di nc stb6 vh vh vh 15 16 17 18 19 20 21 22 23 24 25 26 27 28 circuit stb4 stb5 ! ! ! ! timing chart clock (clk) data in (di) data out (do) latch (lat) "high":hold "low" :through "high":black "low" :white "high":black "low" :white strobe (stb) driver out tw clk t setup di t hold di td do t setup lat tw lat t setup stb tdo tdo t hold lat fig.2
KF2002-GF84A printheads 4/4 ! ! ! ! characteristics effective printing width dot pitch total dot number average resistance value applied voltage applied power print cycle pulse width maximum number of dots energized simultaneously maximum clock frequency maximum roller diameter running life / pulse life operating temperature parameter ? rave v h p o slt t on 48 0.125 384 176 7.2 0.23 1.25 0.56 64 8 14.0 50/1 10 8 0~50 mm mm dots ? v w/dot ms ms dots mhz mm km/pulses c symbol typical unit ? ? ? ? ? ? ? ! ! ! ! electrical characteristic curves paper : kf50-hda (oji) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 012345 scanning line time ( ms/line) energy ( mj/dot) fig.3 adaptive speed chart 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.00 0.05 0.10 0.15 0.20 0.25 0.30 energy ( mj/dot) optical density slt : 1.25ms/line fig.4 representative density curve 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 012345 scanning line time ( ms/line) energy ( mj/dot) fig.5 maximum energy curve 0 20 40 60 80 100 120 140 160 180 ? 20 ? 10 10 30 50 70 0204060 temperature : ( c) resistance : (k ? ) fig.6 thermistor curve


▲Up To Search▲   

 
Price & Availability of KF2002-GF84A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X