Part Number Hot Search : 
8A218 ADCMP350 RF316506 GV2SN35 RC806 SG2540Y BTLV3 VP553
Product Description
Full Text Search
 

To Download IXFP102N15T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2009 ixys corporation, all rights reserved n-channel enhancement mode avalanche rated v dss = 150v i d25 = 102a r ds(on) 18m t rr 120ns ds100045a(04/09) ixfa102n15t ixfh102n15t IXFP102N15T symbol test conditions maximum ratings v dss t j = 25 c to 175 c 150 v v dgr t j = 25 c to 175 c r gs = 1m 150 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25 c 102 a i lrms lead current limit, rms 75 a i dm t c = 25 c, pulse width limited by t jm 300 a i a t c = 25 c51a e as t c = 25 c 750 mj dv/dt i s i dm , v dd v dss ,t j 175 c 20 v/ns p d t c = 25 c 455 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6mm (0.062 in.) from case for 10s 300 c t sold plastic body for 10 seconds 260 c m d mounting torque (to-220 & to-247) 1.13 / 10 nmlb.in. f c mounting force (to-263) 10..65 / 2.2..14.6 n/lb. weight to-263 2.5 g to-220 3.0 g to-247 6.0 g symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 150 v v gs(th) v ds = v gs , i d = 1ma 2.5 5.0 v i gss v gs = 20v, v ds = 0v 200 na i dss v ds = v dss , v gs = 0v 5 a t j = 150 c 750 a r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 18 m trench gate power mosfet hiperfet tm features z international standard packages z avalanche rated advantages z easy to mount z space savings z high power density applications z dc-dc converters z battery chargers z switched-mode and resonant-mode power supplies z dc choppers z ac motor drives z uninterruptible power supplies z high speed power switching applications (tab) to-263 (i xfa ) g s (tab) to-220 (i xfp ) d g s g = gate d = drain s = source tab = drain to-247 (ixfh) (tab) g d s
ixys reserves the right to change limits, test conditions, and dimensions. ixfa102n15t ixfh102n15t IXFP102N15T symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 50 80 s c iss 5220 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 685 pf c rss 95 pf t d(on) 20 ns t r 14 ns t d(off) 25 ns t f 22 ns q g(on) 87 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 25a 23 nc q gd 31 nc r thjc 0.33 c/w r thch (to-220) 0.50 c/w (to-247) 0.21 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 102 a i sm repetitive, pulse width limited by t jm 400 a v sd i f = 100a, v gs = 0v, note 1 1.3 v t rr 120 ns i rm 6.2 a q rm 236 nc note 1: pulse test, t 300 s; duty cycle, d 2%. ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 3.3 (external) i f = 51a, -di/dt = 100a/ s v r = 75v, v gs = 0v pins: 1 - gate 2 - drain to-220 (ixfp) outline ? p to-247 (ixfh) outline 1 2 3 terminals: 1 - gate 2 - drain 3 - source dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc to-263 (ixfa) outline
? 2009 ixys corporation, all rights reserved ixfa102n15t ixfh102n15t IXFP102N15T fig. 1. output characteristics @ 25oc 0 10 20 30 40 50 60 70 80 90 100 110 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 7v 6v fig. 2. extended output characteristics @ 25oc 0 50 100 150 200 250 300 0 2 4 6 8 10 12 14 16 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 6v 7v fig. 3. output characteristics @ 150oc 0 10 20 30 40 50 60 70 80 90 100 110 0.00.40.81.21.62.02.42.83.23.64.0 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 7 v 5 v 6 v fig. 4. r ds(on) normalized to i d = 51a value vs. junction temperature 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 102a i d = 51a fig. 5. r ds(on) normalized to i d = 51a value vs. drain current 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 40 80 120 160 200 240 280 i d - amperes r ds(on) - normalized v gs = 10v t j = 175oc t j = 25oc fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit
ixys reserves the right to change limits, test conditions, and dimensions. ixfa102n15t ixfh102n15t IXFP102N15T fig. 7. input admittance 0 20 40 60 80 100 120 140 160 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 v gs - volts i d - amperes t j = 150oc 25oc - 40oc fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 100 110 120 0 20 40 60 80 100 120 140 160 i d - amperes g f s - siemens t j = - 40oc 150oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 25 50 75 100 125 150 175 200 225 250 275 300 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 v sd - volts i s - amperes t j = 150oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090 q g - nanocoulombs v gs - volts v ds = 75v i d = 51a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 0.1 1.0 10.0 100.0 1000.0 1 10 100 1000 v ds - volts i d - amperes t j = 175oc t c = 25oc single pulse r ds(on) limit 25s 100s 1ms 10ms 100ms dc ixys ref: f_102n15t(6e)9-30-08
? 2009 ixys corporation, all rights reserved ixfa102n15t ixfh102n15t IXFP102N15T fig. 14. resistive turn-on rise time vs. drain current 12 13 14 15 16 17 18 50 55 60 65 70 75 80 85 90 95 100 105 i d - amperes t r - nanoseconds r g = 3.3 ? v gs = 10v v ds = 75v t j = 25oc t j = 125oc fig. 15. resistive turn-on switching times vs. gate resistance 0 10 20 30 40 50 60 70 80 90 100 2 4 6 8 101214161820 r g - ohms t r - nanoseconds 12 14 16 18 20 22 24 26 28 30 32 t d(on) - nanoseconds t r t d(on) - - - - t j = 125oc, v gs = 10v v ds = 75v i d = 102a i d = 51a fig. 16. resistive turn-off switching times vs. junction temperature 20 21 22 23 24 25 26 27 28 29 30 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 20 22 24 26 28 30 32 34 36 38 40 t d(off) - nanoseconds t f t d(off) - - - - r g = 3.3 ? , v gs = 10v v ds = 75v i d = 51a i d = 102a fig. 17. resistive turn-off switching times vs. drain current 20 21 22 23 24 25 26 50 55 60 65 70 75 80 85 90 95 100 105 i d - amperes t f - nanoseconds 18 22 26 30 34 38 42 t d(off) - nanoseconds t f t d(off) - - - - r g = 3.3 ? , v gs = 10v v ds = 75v t j = 25oc t j = 125oc fig. 13. resistive turn-on rise time vs. junction temperature 10 11 12 13 14 15 16 17 18 19 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanoseconds r g = 3.3 ? v gs = 10v v ds = 75v i d = 102a i d = 51a fig. 18. resistive turn-off switching times vs. gate resistance 0 40 80 120 160 200 240 280 2 4 6 8 10 12 14 16 18 20 r g - ohms t f - nanoseconds 20 40 60 80 100 120 140 160 t d(off) - nanoseconds t f t d(off) - - - - t j = 125oc, v gs = 10v v ds = 75v i d = 51a i d = 102a
ixys reserves the right to change limits, test conditions, and dimensions. ixfa102n15t ixfh102n15t IXFP102N15T ixys ref: f_102n15t(6e)9-30-08 fig. 19. maximum transient thermal impedance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFP102N15T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X