Part Number Hot Search : 
D1857L IL2595Q ICX207AL HVU300A FM130 SPM2001A 05D12 HCTS245T
Product Description
Full Text Search
 

To Download DMMT5551S-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l e a d - f r e e g r e e n ds30436 rev. 7 - 2 1 of 4 dmmt5551/dmmt5551s www.diodes.co m ? diodes incorporated dmmt5551/d mmt5551s matched npn sm all sig nal surface mo unt transisto r epitaxial planar die construction complementary pnp type available (dmmt5401) ideal for low power amplification and swi tching intrinsically matched npn pair (note 1) 2% matched tolerance, h fe , v ce(sat) , v be(sat) lead free /rohs co mpliant (note 4 ) "green" device (no te 5 and 6 ) characteristic symbol value unit collector-base voltage v cbo 180 v collector-emitter voltage v ceo 160 v emitter-base voltage v ebo 6.0 v collector current - continuous ( note 2) i c 200 ma power dissipation (note 2, 3) p d 300 mw thermal resistance, j unction to ambient (note 2) r q ja 417 c/w operating and storage and temperature range t j , t stg -55 to +150 c features maximum ratings @ t a = 25 c unless otherwise s pecified a m j l d f b c h k mechanical data case: sot-26 case material: molded plastic, "green" molding compound, note 7. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminal connections: see diagram terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over copper leadframe). marking (see page 2): k4r & k4t ordering & date code information: see page 2 weight: 0.006 grams (approximate) notes: 1. built with adjacent di e from a single wafer. 2. device mounted on fr-4 pc b, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http:/ /www.diodes.com/datasheets/ap02001.pdf. 3. maximum com bined dissipation. 4. no purposefully added lead. 5. diodes inc.'s "green" policy can be found on our website at http: //www.diodes.com/products/lead_free/index.php. . 6. product manufactured with date code 0627 (week 27, 2006) and newer are built with green molding compound. product manufactured prior t o date code 0627 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. sot-26 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ? ? 0.95 f ? ? 0.55 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 a 0 8 ? all dimensions in m m c 2 e 1 c 1 b 2 e 2 b 1 c 2 e 2 e 1 b 2 b 1 c 1 dmmt5551 (k4r marking code) dmmt5551s (k4t marking code)
ds30436 rev. 7 - 2 2 of 4 dmmt5551/dmmt5551s www.diodes.co m electri cal character isti cs @ t a = 25 c unless otherwise s pecified characteristic symbol min max unit test condition off characteristics (note 7) collector-base breakdown voltage v (br) cbo 180 ? v i c = 100 m a, i e = 0 collector-emitter breakdown voltage v (br)ceo 160 ? v i c = 1.0ma, i b = 0 emitter-base breakdown voltage v (br) ebo 6.0 ? v i e = 10 m a, i c = 0 collector cutoff current i cbo ? 50 na m a v cb = 120v, i e = 0 v cb = 120v, i e = 0, t a = 100 c emitter cutoff current i ebo ? 50 na v eb = 4.0v, i c = 0 on characteristics (note 7) dc current gain (note 8) h fe 80 80 30 ? 250 ? ? i c = 1.0ma, v ce = 5.0v i c = 10ma, v ce = 5.0v i c = 50ma, v ce = 5.0v collector-emitter saturation voltage v ce (sat) ? 0.15 0.20 v i c = 10ma, i b = 1.0ma i c = 50ma, i b = 5.0ma base-emitter saturation voltage v be (sat) ? 1.0 v i c = 10ma, i b = 1.0ma i c = 50ma, i b = 5.0ma small signal characteristics output capacitance c obo ? 6.0 pf v cb = 10v, f = 1.0mhz, i e = 0 small si gnal current gain h fe 50 250 ? v ce = 10v, i c = 1.0m a, f = 1.0khz current gain-bandwidth product f t 100 300 mhz v ce = 10v, i c = 10ma, f = 100mhz noise figure nf ? 8.0 db v ce = 5.0v, i c = 200 m a, r s = 1.0k w, f = 1.0khz orderi ng inform ation (note 6 & 9) device packaging shipping dmmt5551-7-f sot-26 3000/tape & reel DMMT5551S-7-F sot-26 3000/tape & reel marking i nformat ion k 4 r y m c 2 b 2 e 2 b 1 e 1 c 1 k4r = dmmt5551 product type mark ing code ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september date code key month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d notes: 6. product manufactured with date code 0627 (week 27, 2006) and newer are built with green molding compound. product manufactured prior t o date code 0627 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. 7. short durat ion pulse test used to minimize self-heating effect. 8. the dc current gain, h fe , (matched at i c = 10ma and v ce = 5v) collector emitter saturati on voltage, v ce(sat) , and base emitter saturat ion voltage, v be(sat) are matched with typical matche d tolerances of 1% and maxim um of 2%. 9. for packaging details, go to our website at http: //www.diodes.com/datasheets/ap02007.pdf . k4t = dmmt5551s product type mark ing code ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september k 4 t y m c 2 b 2 e 1 e 2 c 1 b 1 year 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code q r s t u v w x y z
ds30436 rev. 7 - 2 3 of 4 dmmt5551/dmmt5551s www.diodes.co m 1 10 100 0 100 1 10 100 f , g a i n b a n d w i d t h p r o d u c t ( m h z ) t i , c ol le ctor cu rr en t (ma) c fig . 5, ga in b an dw idth p rod uct vs . co llec tor cu rre nt v = 5 v ce 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 . 0 0 . 1 1 1 0 1 0 0 v , b a s e e m i t t e r v o l t a g e ( v ) b e ( o n ) i , c o l l e c to r c u r r e n t ( m a ) c f ig . 4 , b a s e e m it t e r v o lta g e v s . c o ll e c t o r c u r r e n t v = 5 v c e t = 1 5 0 c a t = 2 5 c a t = - 5 0 c a 1 10 100 0 100 1 10 100 h , d c c u r r e n t g a i n f e i , co lle ctor c urr ent (ma ) c fig. 3, d c c urre nt g ain vs coll ecto r cu rren t v = 5v ce t = 15 0c a t = 25 c a t = -5 0c a 0. 04 0. 05 0. 06 0. 07 0. 08 0. 09 0. 15 0. 14 0. 13 0. 12 0. 11 0. 10 1 10 10 0 10 00 v , c o l l e c t o r t o e m i t t e r c e ( s a t ) s a t u r a t i o n v o l t a g e ( v ) i , c o ll e c tor c u r r e n t (m a ) c fi g. 2 , c ol le ct or e m itt er s at ur at io n v ol tag e vs . c ol le ct or c ur re nt i c i b = 10 t = 15 0 c a t = 25 c a t = -5 0 c a 0 50 100 25 50 75 100 125 150 175 200 p , p o w e r d i s s i p a t i o n ( m w ) d t , am bie nt tem per a tur e (c) a fig. 1, m ax p owe r dis sip ation vs amb ient t emp erat ure 150 200 250 300 350 400 0 note 2
ds30436 rev. 7 - 2 4 of 4 dmmt5551/dmmt5551s www.diodes.co m i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of DMMT5551S-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X