Part Number Hot Search : 
00505 1N5234 T7800 KRC416V 08189 TMG5D80D FM93C66E SZ5809
Product Description
Full Text Search
 

To Download CY7C1049BV33L-17VC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  512k x 8 static ram cy7c1049bv33 cypress semiconductor corporation ? 3901 north first street  san jose  ca 95134  408-943-2600 march 29, 2001 1cy7c1049bv33 features ? high speed ?t aa = 15 ns  low active power ? 504 mw (max.)  low cmos standby power (commercial l version) ? 1.8 mw (max.)  2.0v data retention (660 w at 2.0v retention)  automatic power-down when deselected  ttl-compatible inputs and outputs  easy memory expansion with ce and oe features functional description the cy7c1049bv33 is a high-performance cmos static ram organized as 524,288 words by 8 bits. easy memory expansion is provided by an active low chip enable (ce ), an active low output enable (oe ), and three-state drivers. writ- ing to the device is accomplished by taking chip enable (ce ) and write enable (we ) inputs low. data on the eight i/o pins (i/o 0 through i/o 7 ) is then written into the location specified on the address pins (a 0 through a 18 ). reading from the device is accomplished by taking chip enable (ce ) and output enable (oe ) low while forcing write enable (we ) high. under these conditions, the contents of the memory location specified by the address pins will appear on the i/o pins. the eight input/output pins (i/o 0 through i/o 7 ) are placed in a high-impedance state when the device is deselected (ce high), the outputs are disabled (oe high), or during a write operation (ce low, and we low). the cy7c1049bv33 is available in a standard 400-mil-wide 36-pin soj and 44-pin tsopii packages with center power and ground (revolutionary) pinout. 14 15 logic block diagram pin configuration a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 column decoder row decoder sense amps input buffer power down we oe i/o 0 i/o 1 i/o 2 i/o 3 512k x 8 array i/o 7 i/o 6 i/o 5 i/o 4 a 0 a 11 a 13 a 12 a ce a a 16 a 17 1 2 3 4 5 6 7 8 9 10 11 14 23 24 28 27 26 25 29 32 31 30 top view soj 12 13 33 36 35 34 16 15 21 22 gnd a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 we v cc a 18 a 15 a 12 a 14 i/o 5 i/o 4 a 9 a 0 i/o 0 i/o 1 i/o 2 oe a 17 a 16 a 13 ce a 9 a 18 18 17 19 20 gnd i/o 7 i/o 3 i/o 6 v cc a 10 a 11 nc nc a 10 top view tsop ii we 1 2 3 4 5 6 7 8 9 10 11 14 31 32 36 35 34 33 37 40 39 38 12 13 41 44 43 42 16 15 29 30 v cc a 5 a 6 a 7 a 8 a 0 a 1 v ss a 17 a 2 ce i/o 0 a 3 a 4 18 17 20 19 i/o 1 27 28 25 26 22 21 23 24 v ss i/o 2 i/o 3 a 16 a 15 v cc oe i/o 7 i/o 6 i/o 5 i/o 4 a 14 a 13 a 12 a 11 a 9 a 10 nc nc nc nc nc nc nc a 18 nc nc nc selection guide -12 -15 -17 -20 -25 maximum access time (ns) 12 15 17 20 25 maximum operating current (ma) comm?l 200 180 170 160 150 ind?l 220 200 180 170 170 maximum cmos standby current (ma) com?l/ind?l 8 8 8 8 8 com?l l 0.5 0.5 0.5 0.5 0.5
cy7c1049bv33 2 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ?65 c to +150 c ambient temperature with power applied?55 c to +125 c supply voltage on v cc to relative gnd [1] ?0.5v to +4.6v dc voltage applied to outputs in high z state [1] ?0.5v to v cc + 0.5v dc input voltage [1] ?0.5v to v cc + 0.5v current into outputs (low)20 ma operating range range ambient temperature [2] v cc commercial 0 c to +70 c 3.3v 0.3v industrial ?40 c to +85 c dc electrical characteristics over the operating range parameter description test conditions -12 -15 -17 min. max. min. max. min. max. unit v oh output high voltage v cc = min., i oh = ?4.0 ma 2.4 2.4 2.4 v v ol output low voltage v cc = min., i ol = 8.0 ma 0.4 0.4 0.4 v v ih input high voltage 2.2 v cc + 0.5 2.2 v cc + 0.5 2.2 v cc + 0.5 v v il input low voltage [1] ?0.5 0.8 ?0.5 0.8 ?0.5 0.8 v i ix input load current gnd < v i < v cc ?1 +1 ?1 +1 ?1 +1 a i oz output leakage current gnd < v out < v cc , output disabled ?1 +1 ?1 +1 ?1 +1 a i cc v cc operating supply current v cc = max., f = f max = 1/t rc comm?l 200 180 170 ma ind?l 220 200 180 ma i sb1 automatic ce power-down current ?ttl inputs max. v cc , ce > v ih v in > v ih or v in < v il , f = f max 30 30 30 ma i sb2 automatic ce power-down current ?cmos inputs max. v cc , ce > v cc ? 0.3v, v in > v cc ? 0.3v, or v in < 0.3v, f = 0 com?l/ind?l 8 8 8 ma com?l l 0.5 0.5 0.5 ma notes: 1. v il (min.) = ?2.0v for pulse durations of less than 20 ns. 2. t a is the case temperature.
cy7c1049bv33 3 dc electrical characteristics over the operating range (continued) -20 -25 parameter description test conditions min. max. min. max. unit v oh output high voltage v cc = min., i oh = ?4.0 ma 2.4 2.4 v v ol output low voltage v cc = min., i ol = 8.0 ma 0.4 0.4 v v ih input high voltage 2.2 v cc + 0.5 2.2 v cc + 0.5 v v il input low voltage [1] ?0.5 0.8 ?0.5 0.8 v i ix input load current gnd < v i < v cc ?1 +1 ?1 +1 a i oz output leakage current gnd < v out < v cc , output disabled ?1 +1 ?1 +1 a i cc v cc operating supply current v cc = max., f = f max = 1/t rc com?l 160 150 ma ind?l 170 170 ma i sb1 automatic ce power-down current ?ttl inputs max. v cc , ce > v ih v in > v ih or v in < v il , f = f max 30 30 ma i sb2 automatic ce power-down current ?cmos inputs max. v cc , ce > v cc ? 0.3v, v in > v cc ? 0.3v, or v in < 0.3v, f = 0 com?l/ind?l 8 8 ma com?l l 0.5 0.5 ma capacitance [3] parameter description test conditions max. unit c in input capacitance t a = 25 c, f = 1 mhz, v cc = 3.3v 8pf c out i/o capacitance 8 pf ac test loads and waveforms note: 3. tested initially and after any design or process changes that may affect these parameters. 1049bv33?3 1049bv33?4 90% 10% 3.3v gnd 90% 10% all input pulses 3.3v output 30 pf including jig and scope output (a) (b) r1 317 ? 167 ? r2 351 ? venin equivalent th 1.73v risetime:1 v/ns fall time: 1 v/ns
cy7c1049bv33 4 ac switching characteristics [4] over the operating range -12 -15 -17 parameter description min. max. min. max. min. max. unit read cycle t power v cc (typical) to the first access [5] 111 s t rc read cycle time 12 15 17 ns t aa address to data valid 12 15 17 ns t oha data hold from address change 3 3 3 ns t ace ce low to data valid 12 15 17 ns t doe oe low to data valid 6 7 8 ns t lzoe oe low to low z 0 0 0 ns t hzoe oe high to high z [6, 7] 678ns t lzce ce low to low z [7] 333ns t hzce ce high to high z [6, 7] 678ns t pu ce low to power-up 0 0 0 ns t pd ce high to power-down 12 15 17 ns write cycle [8, 9] t wc write cycle time 12 15 17 ns t sce ce low to write end 101213ns t aw address set-up to write end 10 12 13 ns t ha address hold from write end 0 0 0 ns t sa address set-up to write start 0 0 0 ns t pwe we pulse width 101213ns t sd data set-up to write end 7 8 9 ns t hd data hold from write end 0 0 0 ns t lzwe we high to low z [7] 333ns t hzwe we low to high z [6, 7] 678ns notes: 4. test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5v, input pulse levels of 0 to 3. 0v, and output loading of the specified i ol /i oh and 30-pf load capacitance. 5. this part has a voltage regulator which steps down the voltage from 5v to 3.3v internally. t power time has to be provided initially before a read/write operation is started. 6. t hzoe , t hzce , and t hzwe are specified with a load capacitance of 5 pf as in part (b) of ac test loads. transition is measured 500 mv from steady-state voltage. 7. at any given temperature and voltage condition, t hzce is less than t lzce , t hzoe is less than t lzoe , and t hzwe is less than t lzwe for any given device. 8. the internal write time of the memory is defined by the overlap of ce low, and we low. ce and we must be low to initiate a write, and the transition of either of these signals can terminate the write. the input data set-up and hold timing should be referenced to the leading edge of the signal t hat terminates the write. 9. the minimum write cycle time for write cycle no. 3 (we controlled, oe low) is the sum of t hzwe and t sd .
cy7c1049bv33 5 ac switching characteristics [4] over the operating range (continued) parameter description -20 -25 unit min. max. min. max. read cycle t power v cc (typical) to the first access [6] 11 s t rc read cycle time 20 25 ns t aa address to data valid 20 25 ns t oha data hold from address change 3 3 ns t ace ce low to data valid 20 25 ns t doe oe low to data valid 8 10 ns t lzoe oe low to low z 0 0 ns t hzoe oe high to high z [6, 7] 810ns t lzce ce low to low z [7] 33ns t hzce ce high to high z [6, 7] 810ns t pu ce low to power-up 0 0 ns t pd ce high to power-down 20 25 ns write cycle [9] t wc write cycle time 20 25 ns t sce ce low to write end 13 15 ns t aw address set-up to write end 13 15 ns t ha address hold from write end 0 0 ns t sa address set-up to write start 0 0 ns t pwe we pulse width 13 15 ns t sd data set-up to write end 9 10 ns t hd data hold from write end 0 0 ns t lzwe we high to low z [7] 33ns t hzwe we low to high z [6, 7] 810ns data retention characteristics over the operating range (for l version only) parameter description conditions [10] min. max unit v dr v cc for data retention 2.0 v i ccdr data retention current v cc = v dr = 2.0v, ce > v cc ? 0.3v v in > v cc ? 0.3v or v in < 0.3v 330 a t cdr [3] chip deselect to data retention time 0ns t r [11] operation recovery time t rc ns notes: 10. no input may exceed v cc + 0.5v 11. .t r < 3 ns for the -12 and -15 speeds. t r < 5 ns for the -20 ns and slower speeds.
cy7c1049bv33 6 data retention waveform switching waveforms read cycle no. 1 [12, 13] read cycle no. 2 (oe controlled) [13, 14] notes: 12. device is continuously selected. oe , ce = v il . 13. we is high for read cycle. 14. address valid prior to or coincident with ce transition low. 1049bv33-5 3.0v 3.0v t cdr v dr > 2v data retention mode t r ce v cc previous data valid data valid t rc t aa t oha 1049bv33?6 address data out 1049bv33?7 50% 50% data valid t rc t ace t doe t lzoe t lzce t pu high impedance t hzoe t hzce t pd high oe ce i cc i sb impedance address data out v cc supply current
cy7c1049bv33 7 write cycle no. 1(we controlled, oe high during write) [15, 16] write cycle no. 2 (we controlled, oe low) [16] switching waveforms (continued) t hd t sd t pwe t sa t ha t aw t sce t wc t hzoe data in valid ce address we data i/o oe note 17 1049bv33?8 1049bv33-9 data valid t hd t sd t lzwe t pwe t sa t ha t aw t sce t wc t hzwe ce address we data i/o note 17 truth table ce oe we i/o 0 ? i/o 7 mode power h x x high z power-down standby (i sb ) l l h data out read active (i cc ) l x l data in write active (i cc ) l h h high z selected, outputs disabled active (i cc ) notes: 15. data i/o is high-impedance if oe = v ih . 16. if ce goes high simultaneously with we going high, the output remains in a high-impedance state. 17. during this period the i/os are in the output state and input signals should not be applied.
cy7c1049bv33 8 document #: 38-00931-*a ordering information speed (ns) ordering code package name package type operating range 12 cy7c1049bv33-12vc v36 36-lead (400-mil) molded soj commercial cy7c1049bv33-12zc z44 44-pin tsop ii z44 cy7c1049bv33l-12vc v36 36-lead (400-mil) molded soj cy7c1049bv33-12vi v36 36-lead (400-mil) molded soj industrial 15 cy7c1049bv33-15vc v36 36-lead (400-mil) molded soj commercial cy7c1049bv33l-15vc v36 36-lead (400-mil) molded soj cy7c1049bv33-15zc z44 44-pin tsop ii z44 cy7c1049bv33l-15zc z44 44-pin tsop ii z44 cy7c1049bv33-15vi v36 36-lead (400-mil) molded soj industrial cy7c1049bv33-15zi z44 44-pin tsop ii z44 17 cy7c1049bv33-17vc v36 36-lead (400-mil) molded soj commercial CY7C1049BV33L-17VC v36 36-lead (400-mil) molded soj cy7c1049bv33-17zc z44 44-pin tsop ii z44 cy7c1049bv33l-17zc z44 44-pin tsop ii z44 cy7c1049bv33-17vi v36 36-lead (400-mil) molded soj industrial cy7c1049bv33l-17vi v36 36-lead (400-mil) molded soj cy7c1049bv33-17zi z44 44-pin tsop ii z44 20 cy7c1049bv33-20vc v36 36-lead (400-mil) molded soj commercial cy7c1049bv33l-20vc v36 36-lead (400-mil) molded soj cy7c1049bv33-20zc z44 44-pin tsop ii z44 cy7c1049bv33l-20zc z44 44-pin tsop ii z44 cy7c1049bv33-20vi v36 36-lead (400-mil) molded soj industrial cy7c1049bv33-20zi z44 44-pin tsop ii z44 25 cy7c1049bv33-25vc v36 36-lead (400-mil) molded soj commercial cy7c1049bv33l-25vc v36 36-lead (400-mil) molded soj cy7c1049bv33-25zc z44 44-pin tsop ii z44 cy7c1049bv33l-25zc z44 44-pin tsop ii z44 cy7c1049bv33-25vi v36 36-lead (400-mil) molded soj industrial
cy7c1049bv33 ? cypress semiconductor corporation, 2001. the information contained herein is subject to change without notice. cypress semico nductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress semiconductor product. nor does it convey or imply any license unde r patent or other rights. cypress semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in do ing so indemnifies cypress semiconductor against all charges. packaging diagrams 36-lead (400-mil) molded soj v36 51-85090 44-pin tsop ii z44 51-85087-a


▲Up To Search▲   

 
Price & Availability of CY7C1049BV33L-17VC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X