Part Number Hot Search : 
AM29F016 C2610E HIP701 SY10E MAXQ614 2SC33 16M0U T89C51
Product Description
Full Text Search
 

To Download C2220CXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 71 ceramic chip capacitors ceramic surface mount c 0805 c 103 k 5 r a c* ceramic size code specification c - standard capacitance code expressed in picofarads (pf) first two digits represent significant figures. third digit specifies number of zeros. (use 9 for 1.0 through 9.9pf. use 8 for 0.5 through 0.99pf) (example: 2.2pf = 229 or 0.50 pf = 508) capacitance tolerance b 0.10pf j 5% c 0.25pf k 10% d 0.5pf m 20% f 1% p (gmv) special order only g 2% z +80%, -20% l # w # b s mounting length width bandwidth min. separation technique 1.0 (.04) .05(.002) 0.5 (.02) .05 (.002) 0.20 (0.008)-0.40 (0.016) 0.3 (.012) solder reflow 1.6 (.063) 0.15 (.006) 0.8 (.032) 0.15 (.006) 0.35 (.014) 0.15 (.006) 0.7 (.028) 2.0 (.079) 0.2 (.008) 1.25 (.049) 0.2 (.008) 0.5 (.02) .25 (.010) 0.75 (.030) solder wave ? 3.2 (.126) 0.2 (.008) 1.6 (.063) 0.2 (.008) 0.5 (.02) .25 (.010) n/a solder reflow 3.2 (.126) 0.2 (.008) 2.5 (.098) 0.2 (.008) 0.5 (.02) .25 (.010) n/a 4.5 (.177) 0.3 (.012) 3.2 (.126) 0.3 (.012) 0.6 (.024) .35 (.014) n/a 4.5 (.177) 0.3 (.012) 6.4 (.252) 0.4 (.016) 0.6 (.024) .35 (.014) n/a 5.6 (.220) 0.4 (.016) 5.0 (.197) 0.4 (.016) 0.6 (.024) .35 (.014) n/a 5.6 (.220) 0.4 (.016) 6.3 (.248) 0.4 (.016) 0.6 (.024) .35 (.014) n/a dimensionsmillimeters and (inches) capacitor ordering information c0g (np0), x7r, x5r, z5u and y5v dielectrics 10, 16, 25, 50, 100 and 200 volts standard end metalization: tin-plate over nickel barrier available capacitance tolerances: 0.10 pf; 0.25 pf; 0.5 pf; 1%; 2%; 5%; 10%; 20%; and +80%-20% tape and reel packaging per eia481-1. (see page 92 for specific tape and reel information.) bulk cassette packaging (0402, 0603, 0805 only) per iec60286-6 and eiaj 7201. rohs compliant features capacitor outline drawings end metallization c-standard (tin-plated nickel barrier) failure rate level a- not applicable temperature characteristic designated by capacitance change over temperature range g c0g (np0) (30 ppm/ c) r x7r (15%) (-55 c + 125 c) p x5r (15%) (-55 c + 85 c) u z5u (+22%, -56%) (+10 c + 85 c) v y5v (+22%, -82%) (-30 c + 85 c) voltage 1 - 100v 3 - 25v 2 - 200v 4 - 16v 5 - 50v 8 - 10v w l t b s tin plate nickel plate conductive metallization electrodes * part number example: c0805c103k5rac (14 digits - no spaces) * note: indicates eia preferred case sizes (tightened tolerances apply for 0402, 0603, and 0805 packaged in bulk cassette, see page 96.) ? for extended value 1210 case size solder reflow only. or solder reflow metric size code (ref only) 1005 1608 2012 3216 3225 4532 4564 5650 5664 eia size code 0402* 0603* 0805* 1206* 1210* 1812 1825* 2220 2225 (standard chips - for military see page 90) 9 - 6.3v see page 77 for thickness dimensions. 7 7 - 4v
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 72 * indicates eia preferred chip sizes. note: for non-standard capacitance values or voltages, contact your local kemet sales representative. 50 volt ceramic chips can be used in 63 volt applications. improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at kemet ?s option. reels with such substitutions will be marked with the improved kemet part numbers. ceramic chip/standard c0g capacitance range 0402, 0603, 0805, 1206 see page 77 for thickness code reference chart. ? greater or equal to j (5%) tolerance available. ? j tolerance only; ^ = d tolerance only ~ = j,k,m tolerance only c0201* 25v 10v 16v 25v 50v 10v 16v 25v 50v 100v 200v 10v 16v 25v 50v 100v 200v 10v 16v 25v 50v 100v 200v 0.50 508 c,d bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc 0.75 758 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c 1.0 109 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 1.1 119 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 1.2 129 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 1.5 159 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 1.6 169 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 1.8 189 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 2.0 209 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 2.2 229 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 2.4 249 c , d b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 2.7 279 c , d k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 3.0 309 c , d k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 3.3 339 c , d k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 3.9 399 c , d k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 4.3 439 c , d k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 4.7 479 c , d k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 5.1 519 c , d k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 5.6 569 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 6.0 609 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 6.2 629 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 6.8 689 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 7.0 709 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 7.5 759 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 8.2 829 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 9.1 919 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 10.0 100 c , d j , k , m a a^ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 11.0 110 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 12.0 120 c , d j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 13.0 130 c , d j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 15.0 150 c , d g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 16.0 160 c , d g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 18.0 180 c , d g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 20.0 200 c , d g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 22.0 220 c , d g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 24.0 240 c , d g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 27.0 270 d , f , g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 30.0 300 d , f , g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 33.0 330 d , f , g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 36.0 360 d , f , g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 39.0 390 d , f , g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 43.0 430 d , f , g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 47.0 470 d , f , g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 51.0 510 d , f , g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 56.0 560 f , g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 62.0 620 f , g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 68.0 680 f , g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 75.0 750 f , g , j , k , m b bb bb b b b c b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 82.0 820 f , g , j , k , m a a~ bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 91.0 910 f , g , j , k , m b bb bb b b b c b c b c b c b c b d c d c d c d c d c d c e b e b e b e b e b e b 100.0 101 f , g , j , k , m a a~ bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 110.0 111 f , g , j , k , m c bc b c bc b c b d c d c d c d c d c d c e b e b e b e b e b e b 120.0 121 f , g , j , k , m bb? cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 130.0 131 f , g , j , k , m c bc b c bc b c b d c d c d c d c d c d c e b e b e b e b e b e b 150.0 151 f , g , j , k , m bb? cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 160.0 161 f , g , j , k , m c bc b c bc b c b d c d c d c d c d c d c e b e b e b e b e b e b 180.0 181 f , g , j , k , m bb? cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 200.0 201 f , g , j , k , m c bc b c bc b c b d c d c d c d c d c d c e b e b e b e b e b e b 220.0 221 f , g , j , k , m bb? cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 240.0 241 f , g , j , k , m c bc b c bc b c b d c d c d c d c d c d c e b e b e b e b e b e b 270.0 271 f , g , j , k , m bb? cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 300.0 301 f , g , j , k , m c bc b c bc b c b d c d c d c d c d c d c e b e b e b e b e b e b 330.0 331 f , g , j , k , m bb? cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 360.0 361 f , g , j , k , m c bc b c bc b d c d c d c d c d c d c e b e b e b e b e b e b 390.0 391 f , g , j , k , m c bc b c bc b d c d c d c d c d c d c e b e b e b e b e b e b 430.0 431 f , g , j , k , m c bc b c bc b d c d c d c d c d c d c e b e b e b e b e b e b 470.0 471 f , g , j , k , m c bc b c bc b d c d c d c d c d c d d e b e b e b e b e b e b 510.0 511 f , g , j , k , m c bc b c bc b d c d c d c d c d c e b e b e b e b e b e b 560.0 561 f , g , j , k , mc b c b c b c c d c d c d c d c d c e b e b e b e b e b e b 620.0 621 f , g , j , k , mc b c b c b c c d c d c d c d c d c e b e b e b e b e b e c 680.0 681 f , g , j , k , mc b c b c b c c d c d c d c d c d c e b e b e b e b e b e c 750.0 751 f , g , j , k , mc b c b c b c c d c d c d c d c d c e b e b e b e b e b e c 820.0 821 f , g , j , k , mc b c b c b c c d c d c d c d c d c e b e b e b e b e b e c 910.0 911 f , g , j , k , mc b c b c b c c d c d c d c d c d d e b e b e b e b e b e d 1000.0 102 f,g,j,k,m cb cb cb cc dc dc dc dc dd eb eb eb eb eb ee 1100.0 112 f , g , j , k , m dc dc dc dc eb eb eb eb eb eb 1200.0 122 f , g , j , k , m dc dc dc dc eb eb eb eb eb eb 1300.0 132 f , g , j , k , m dd dd dd dd eb eb eb eb ec ec 1500.0 152 f , g , j , k , m dd dd dd dd eb eb eb eb ed ec 1600.0 162 f , g , j , k , m dd dd dd dd eb eb eb eb ed ed 1800.0 182 f , g , j , k , m dd dd dd dd eb eb eb eb ed ed 2000.0 202 f , g , j , k , m dc dc dc eb eb eb eb ed 2200.0 222 f , g , j , k , m dc dc dc eb eb eb eb ee 2400.0 242 f , g , j , k , m dc dc dc eb eb eb eb ec 2700.0 272 f , g , j , k , m dc dc dc eb eb eb eb ec 3000.0 302 f , g , j , k , m dd dd dd ec ec ec ec ec 3300.0 332 f , g , j , k , m dd dd dd ec ec ec ec ee 3600.0 362 f , g , j , k , m dd dd dd ec ec ec ec ee 3900.0 392 f , g , j , k , m de de de ec ec ec ec ef 4300.0 432 f , g , j , k , m ec ec ec ec 4700.0 472 f , g , j , k , m ec ec ec ec 5100.0 512 f , g , j , k , m ed ed ed ed 5600.0 562 f , g , j , k , m ed ed ed ed 6200.0 622 f , g , j , k , m eb eb eb 6800.0 682 f , g , j , k , m eb eb eb 7500.0 752 f , g , j , k , m eb eb eb 8200.0 822 f , g , j , k , m ec ec ec 9100.0 912 f , g , j , k , m ec ec ec 10,000.0 103 f,g,j,k,m ed ed ed c0603* c1206* c0805* cap pf cap code cap tol. c0402*
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 73 ceramic chip/standard ceramic surface mount * capacitance k or m. ontact kemet sales rep for j tolerance availability. +_ reflow only. note: for non-standard capacitance values or voltages, contact your local kemet sales representative. # x7r dielectric - extended range values - cap and df measured @ 0.5 vrms. see page 63 for thickness code reference chart. improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at kemet's option. reels with such substitutions will be marked with the improved kemet part numbers. see page 77 for thickness code reference chart. 6.3v 10v 16v 25v 50v 6.3v 10v 16v 25v 50v 100v 200v 6.3v 10v 16v 25v 50v 100v 200v 6.3v 10v 16v 25v 50v 100v 200v 150 151 k,m,j bb bb bb bb bb 180 181 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb 220 221 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc 270 271 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc 330 331 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc 390 391 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc 470 471 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc 560 561 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc 680 681 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc 820 821 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc 1 , 000 102 k , m , j bbbbbbbbbb cb cb cb cbcb cb cb dc dcdcdcdc dc dc eb eb eb eb eb eb eb 1 , 200 122 k , m , j bbbbbbbbbb cb cb cb cbcb cb cc dc dcdcdcdc dc dc eb eb eb eb eb eb eb 1 , 500 152 k , m , j bbbbbbbbbb cb cb cb cbcb cb cc dc dcdcdcdc dc dc eb eb eb eb eb eb eb 1 , 800 182 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 2 , 200 222 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 2 , 700 272 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 3 , 300 332 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 3 , 900 392 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 4 , 700 472 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 5 , 600 562 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 6 , 800 682 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 8 , 200 822 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 10 , 00 0 103 k , m , j bbbbbbbbbb # cb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 12 , 00 0 123 k , m , j** bb bb bb cb cb cb cb cb cc dc dc dc dc dc dc dc eb eb eb eb eb eb eb 15 , 00 0 153 k , m , j** bb bb bb cb cb cb cb cb cc dc dc dc dc dc dd dc eb eb eb eb eb eb eb 18 , 00 0 183 k , m , j** bb bb bb cb cb cb cb cb cc dc dc dc dc dc dd dc eb eb eb eb eb eb eb 22 , 00 0 223 k , m , j** bb bb bb bb* bb* cb cb cb cb cb cc dc dc dc dc dc dd dc eb eb eb eb eb eb eb 27 , 00 0 273 k , m , j** bb bb bb cb cb cb cb cb cc dc dc dc dc dc dd de eb eb eb eb eb eb eb 33 , 00 0 333 k , m , j** bb bb bb cb cb cb cb cb cc dc dc dc dc dc dd de eb eb eb eb eb eb eb 39 , 00 0 393 k , m , j** bb bb bb cb cb cb cb cb cc dc dc dc dc dc dd de eb eb eb eb eb ec eb 47 , 00 0 473 k , m , j** bb bb bb bb* cb cb cb cb cb dc dc dc dc dc de dg eb eb eb eb eb ec ed 56 , 00 0 563 k , m , j** bb bb bb cb cb cb cb cc dd dd dd dd dd# de dg eb eb eb eb eb eb ed 68 , 00 0 683 k , m , j** bb bb bb cb cb cb cb cc dd dd dd dd dd# de eb eb eb eb eb eb ed 82 , 00 0 823 k , m , j** bb bb bb cb cb cb cb cc dd dd dd dd dd# de eb eb eb eb eb eb ed 100 , 00 0 104 k , m , j** bb bb bb cb# cb# cb# cb# cc# dd dd dd dd dd# de eb eb eb eb eb eb em 120 , 00 0 124 k , m , j** cb# cb# cb# dc dc dc dc dd# dg ec ec ec ec ec ec em 150 , 00 0 154 k , m , j** cb# cb# cb# cd* dc dc dc dc dd# ec ec ec ec ec ec eg 180 , 00 0 184 k , m , j** cb# cb# cb# dc dc dc dc dd# ec ec ec ec ec# ec# 220 , 00 0 224 k , m , j** cb# cb# cb# cd* dc dc dc dc dd# ec ec ec ec ec# ec# 270 , 00 0 274 k , m , j** cb cb cb dd dd dd dd eb eb eb eb ec# em 330 , 00 0 334 k , m , j** cb cb cb de de de de eb eb eb eb ec# eg 390 , 00 0 394 k , m , j** cb cb cb dg dg dg dg eb eb eb eb eg # eg 470 , 00 0 474 k , m , j** cb cb cb dg dg dg dg de* ec ec ec ec ec# 560 , 00 0 564 k , m , j** dg dg dg dg ed ed ed ed ec# 680 , 00 0 684 k , m , j** dg dg dg dj* ee ee ee ee ed# 820 , 00 0 824 k , m , j* dg dg dg ef ef ef ef 1 , 000 , 00 0 105 k , m , j** cd* dg dg dg dj* ee ee ef eg ed* 1 , 200 , 00 0 125 k , m , j** de de de ed ed ed eg 1 , 500 , 00 0 155 k , m , j** dg dg dg ef ef ef eg 1 , 800 , 00 0 185 k , m , j** dg dg dg ef ef ef 2,200,00 0 225 k,m,j** dg dg dg eg eg eg ef* eh*+ 2,700,00 0 275 k,m,j** en en ek 3,300,00 0 335 k,m,j** ed ed ed 3,900,00 0 395 k,m,j** el el el 4,700,00 0 475 k,m,j** em*+ em*+ em*+ eh*+ 5,600,00 0 565 k,m,j** eh*+ eh*+ eh*+ 6,800,00 0 685 k,m,j** eh*+ eh*+ eh*+ 8,200,00 0 825 k,m,j** eh*+ eh*+ eh*+ 10,000,00 0 106 k,m,j** eh*+ eh*+ eh*+ c0603 c1206 c0805 cap pf cap code cap tol. c0402 c0g capacitance range ? 1210, 1812, 1825, 2220, 2225 50v 100v 200v 50v 100v 200v 50v 100v 200v 50v 100v 200v 50v 100v 200v 10.0 100 d j,k,m fb fb fb 12.0 120 d j , k , mf b f b f b 15.0 150 d g , j , k , mf b f b f b 18.0 180 d g , j , k , mf b f b f b 22.0 220 d g , j , k , mf b f b f b 27.0 270 d , f , g , j , k , mf b f b f b 33.0 330 d , f , g , j , k , mf b f b f b 39.0 390 d , f , g , j , k , mf b f b f b 47.0 470 d , f , g , j , k , mf b f b f b 56.0 560 f , g , j , k , mf b f b f b 68.0 680 f , g , j , k , mf b f b f b 82.0 820 f , g , j , k , mf b f b f b 100. 0 101 f , g , j , k , mf b f b f b 120. 0 121 f , g , j , k , mf b f b f b 150. 0 151 f , g , j , k , mf b f b f b 180. 0 181 f , g , j , k , mf b f b f b 220. 0 221 f , g , j , k , mf b f b f b 270. 0 271 f , g , j , k , mf b f b f b 330. 0 331 f , g , j , k , mf b f b f b 390. 0 391 f , g , j , k , mf b f b f b 470. 0 471 f , g , j , k , mf b f b f b g b g b g b 560. 0 561 f , g , j , k , mf b f b f b g b g b g b 680. 0 681 f , g , j , k , mf b f b f b g b g b g b 820. 0 821 f , g , j , k , mf b f b f b g b g b g b 1 , 000. 0 102 f , g , j , k , mf b f b f b g b g b g b 1 , 200. 0 122 f , g , j , k , mf b f b f b g b g b g b 1 , 500. 0 152 f , g , j , k , mf b f b f e g b g b g b 1 , 800. 0 182 f , g , j , k , mf b f b f e g b g b g b 2 , 200. 0 222 f , g , j , k , mf b f c f g g b g b g b 2 , 700. 0 272 f , g , j , k , mf b f c f c g b g b g b 3 , 300. 0 332 f , g , j , k , mf b f f f f g b g b g b 3 , 900. 0 392 f , g , j , k , mf b f f g b g b g b h b h b h b 4 , 700. 0 472 f , g , j , k , mf f f g g b g b g d h b h b h b k b k b k b 5 , 600. 0 562 f , g , j , k , mf b f g g b g b g h h b h b h b k b k b k b 6 , 800. 0 682 f , g , j , k , mf b f g g b g b g j h b h b h b j b j b k b k b k b 8 , 200. 0 822 f , g , j , k , mf c g b g b h b h b h b j b j b k b k b k b 10 , 000. 0 103 f , g , j , k , mf f g b g h h b h b h e j b j b k b k b k b 12 , 000. 0 123 f , g , j , k , mf g g b g g h b h b h e j b j b k b k b k b 15 , 000. 0 153 f , g , j , k , mh b h b j b j b k b k b k e 18 , 000. 0 183 f , g , j , k , mh b h b j b j b k b k b 22 , 000. 0 223 f , g , j , k , mh b h e j b k b k b 27 , 000. 0 273 f , g , j , k , mh b h e j b k b k b 33,000. 0 333 f,g,j,k,m kb cap pf cap code cap tol. c1210* c1812* c1825* c2220 c2225 x7r capacitance range ? 0402, 0603, 0805, 1206
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 77 ceramic chip capacitors this chart refers to ceramic chip thickness codes on pages 72-75. thickness code reference chart packaging quantity based on finished chip thickness specifications thickness code chip size chip thickness range (mm) qty per reel 7" plastic qty per reel 13" plastic qty per reel 7" paper qty per reel 13" paper qty per bulk cassette aa 0201 .30 .03 n/a n/a 15,000 n/a n/a bb 0402 .50 .05 n/a n/a 10,000 50,000 50,000 cb 0603 .80 .07 n/a n/a 4,000 10,000 15,000 cc 0603 .80 .10 n/a n/a 4,000 10,000 n/a cd 0603 .80 .15 n/a n/a 4,000 10,000 n/a db 0805 .60 .10 n/a n/a n/a n/a 10,000 dc 0805 .78 .10 4,000 10,000 4,000 10,000 n/a dd 0805 .90 .10 4,000 10,000 n/a n/a n/a de 0805 1.00 .10 2,500 10,000 n/a n/a n/a df 0805 1.10 .10 2,500 10,000 n/a n/a n/a dg 0805 1.25 .15 2,500 10,000 n/a n/a n/a dh 0805 1.25 .20 2,500 10,000 n/a n/a n/a dj 0805 1.25 .20 3,000 10,000 n/a n/a n/a dk 0805 1.25 .15 3,000 10,000 n/a n/a n/a eb 1206 .78 .10 4,000 10,000 4,000 10,000 n/a ec 1206 .90 .10 4,000 10,000 n/a n/a n/a ed 1206 1.00 .10 2,500 10,000 n/a n/a n/a ee 1206 1.10 .10 2,500 10,000 n/a n/a n/a ef 1206 1.20 .15 2,500 10,000 n/a n/a n/a eg 1206 1.60 .15 2,000 8,000 n/a n/a n/a eh 1206 1.60 .20 2,000 8,000 n/a n/a n/a ej 1206 1.70 .20 2,000 8,000 n/a n/a n/a ek 1206 .80 .10 2,000 8,000 n/a n/a n/a el 1206 1.15 .15 2,000 8,000 n/a n/a n/a em 1206 1.25 .15 2,500 10,000 n/a n/a n/a en 1206 0.95 .10 4,000 10,000 n/a n/a n/a fb 1210 .78 .10 4,000 10,000 n/a n/a n/a fc 1210 .90 .10 4,000 10,000 n/a n/a n/a fd 1210 .95 .10 4,000 10,000 n/a n/a n/a fe 1210 1.00 .10 2,500 10,000 n/a n/a n/a ff 1210 1.10 .10 2,500 10,000 n/a n/a n/a fg 1210 1.25 .15 2,500 10,000 n/a n/a n/a fh 1210 1.55 .15 2,000 8,000 n/a n/a n/a fj 1210 1.85 .20 2,000 8,000 n/a n/a n/a fk 1210 2.10 .20 2,000 8,000 n/a n/a n/a fl 1210 1.40 .15 2,000 8,000 n/a n/a n/a fm 1210 1.70 .20 2,000 8,000 n/a n/a n/a fn 1210 1.85 .20 2,000 8,000 n/a n/a n/a fo 1210 1.50 .20 2,000 8,000 n/a n/a n/a fp 1210 1.60 .20 2,000 8,000 n/a n/a n/a fq 1210 2.5 .20 1,500 8,000 n/a n/a n/a fr 1210 2.25 .20 2,000 8,000 n/a n/a n/a fs 1210 2.50 .20 1,000 4,000 n/a n/a n/a gb 1812 1.00 .10 1,000 4,000 n/a n/a n/a gc 1812 1.10 .10 1,000 4,000 n/a n/a n/a gd 1812 1.25 .15 1,000 4,000 n/a n/a n/a ge 1812 1.30 .10 1,000 4,000 n/a n/a n/a gf 1812 1.50 .10 1,000 4,000 n/a n/a n/a gg 1812 1.55 .10 1,000 4,000 n/a n/a n/a gh 1812 1.40 .15 1,000 4,000 n/a n/a n/a gj 1812 1.70 .15 1,000 4,000 n/a n/a n/a gk 1812 1.60 .20 1,000 4,000 n/a n/a n/a gl 1812 1.90 .20 1,000 4,000 n/a n/a n/a gm 1812 2.00 .20 1,000 4,000 n/a n/a n/a gn 1812 1.70 .20 1,000 4,000 n/a n/a n/a hb 1825 1.10 .15 1,000 4,000 n/a n/a n/a hc 1825 1.15 .15 1,000 4,000 n/a n/a n/a hd 1825 1.30 .15 1,000 4,000 n/a n/a n/a he 1825 1.40 .15 1,000 4,000 n/a n/a n/a hf 1825 1.50 .15 1,000 4,000 n/a n/a n/a jb 2220 1.00 .15 1,000 4,000 n/a n/a n/a jc 2220 1.10 .15 1,000 4,000 n/a n/a n/a jd 2220 1.30 .15 1,000 4,000 n/a n/a n/a je 2220 1.40 .15 1,000 4,000 n/a n/a n/a jf 2220 1.50 .15 1,000 4,000 n/a n/a n/a kb 2225 1.00 .15 1,000 4,000 n/a n/a n/a kc 2225 1.10 .15 1,000 4,000 n/a n/a n/a kd 2225 1.30 .15 1,000 4,000 n/a n/a n/a ke 2225 1.40 .15 1,000 4,000 n/a n/a n/a
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 92 kemet offers multilayer ceramic chip capacitors packaged in 8mm and 12mm plastic tape on 7" and 13" reels in accordance with eia standard 481-1: taping of surface mount components for automatic handling. this packaging system is compatible with all tape fed automatic pick and place systems. see page 77 for details on reeling quantities for commercial chips and page 90 for mil-prf-55681 chips. ceramic chip capacitors packaging information tape & reel packaging 8mm .30 (.315 .012") or 12mm .30 (.472 .012") 178mm (7.00") or 330mm (13.00") anti-static reel embossed carrier* 0402 and 0603 case sizes available on punched paper only. embossment anti-static cover tape (.10mm (.004") max thickness) chip orientation in pocket (except 1825 commercial, and 1825 & 2225 military) * punched paper carrier used for 0402 and 0603 case size. g handling. this packaging system is compatible with all tape fed automatic pick and place systems. see page 81 for details on reeling quantities for commercial chips and page 90 for mil-prf-55681 chips. kemet ? x c g z y grid placement courtyard z 2.14 2.78 3.30 4.50 4.50 5.90 5.90 7.00 7.00 g 0.28 0.68 0.70 1.50 1.50 2.30 2.30 3.30 3.30 x 0.74 1.08 1.60 2.00 2.90 3.70 6.90 5.50 6.80 y(ref) 0.93 1.05 1.30 1.50 1.50 1.80 1.80 1.85 1.85 c(ref) 1.21 1.73 2.00 3.00 3.00 4.10 4.10 5.15 5.15 z 3.18 3.70 4.90 4.90 g 0.68 0.70 1.50 1.50 x 0.80 1.10 1.40 2.00 y(ref) 1.25 1.50 1.70 1.70 smin 1.93 2.20 3.20 3.20 wave solder reflow solder calculation formula z = lmin + 2jt + tt g = smax - 2jh -th x = wmin + 2js + ts tt, th, ts = combined tolerances 0402 0603 0805 1206 1210 1812 1825 2220 2225 dimension not recommended not recommended    ! "  # $ surface mount land dimensions - ceramic chip capacitors - mm
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 93 performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 newton to 1.0 newton (10g to 100g) 12 mm 0.1 newton to 1.3 newton (10g to 130g) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. reel sizes: molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with c-7280). note that 13 reels are preferred. 4. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia-556. embossed carrier tape configuration: figure 1 notes 1. b1 dimension is a reference dimension for tape feeder clearance only. 2. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 3. tape with components shall pass around radius r without damage (see sketch a). the minimum trailer length (fig. 2) may require additional length to provide r min. for 12 mm embossed tape for reels with hub diameters approaching n min. (table 2) 4. the cavity defined by a 0 , b 0 , and k 0 shall be configured to surround the part with sufficient clearance such that the chip does not pro- trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mecha nical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restric ted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.) table 1 embossed tape dimensions (metric will govern) constant dimensions millimeters (inches) tape size d 0 ep 0 p 2 t max t 1 max 8 mm 1.5 1.75 0.10 4.0 0.10 2.0 0.05 0.600 0.100 and +0.10 -0.0 12 mm (0.059 (0.069 0.004) (0.157 0.004) (0.079 0.002) (0.024) (0.004) +0.004, -0.0) variable dimensions millimeters (inches) tape size pitch b 1 max. d 1 min. f p 1 r min. t 2 max w a 0 b 0 k 0 note 1 note 2 note 3 note 4 8 mm single 4.4 1.0 3.5 0.05 4.0 0.10 25.0 2.5 8.0 0.30 (4 mm) (0.173) (0.039) (0.138 0.002) (0.157 0.004) (0.984) (0.098) (.315 0.012) 12 mm double 8.2 1.5 5.5 0.05 8.0 0.10 30.0 4.6 12.0 0.30 (8 mm) (0.323) (0.059) (0.217 0.002) (0.315 0.004) (1.181) (0.181) (0.472 0.012) tantalum, ceramic and aluminum chip capacitors packaging information packaging
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 94 embossed carrier tape configuration (cont.) sketch d: tape camber (top view) allowable camber to be 1 mm/250 mm. 250mm (9.843) 1mm (0.039) max. 1mm (0.039) max. table 2 C reel dimensions (metric will govern) figure 3: reel dimensions (metric dimensions will govern) tape size a max b* min c d* min n min w 1 w 2 max w 3 8 mm 330.0 1.5 13.0 0.20 20.2 50.0 8.4 14.4 7.9 min (12.992) (0.059) (0.512 0.008) (0.795) (1.969) +1.5, -0.0 (0.567) (0.311) see (0.331 10.9 max note 3 +0.059, -0.0) (0.429) 12 mm 330.0 1.5 13.0 0.20 20.2 table 1 12.4 18.4 11.9 min (12.992) (0.059) (0.512 0.008) (0.795) +2.0, -0.0 (0.724) (0.469) (0.488 15.4 max +0.078, -0.0) (0.606) tantalum, ceramic and aluminum chip capacitors packaging information figure 2: tape leader & trailer dimensions (metric dimensions will govern) 400mm (15.75) min. 20
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 95 20 20 maximum component rotation. typical component center line punched carrier (paper tape) configuration (ceramic chips only): table 1: 8 & 12mm punched tape ( metric dimensions will govern) variable dimensions - millimeters (inches) note: 1. a 0 , b 0 and t determined by the maximum dimensions to the ends of the terminals extending from the body and/or the body dimensions of the component. the clearance between the ends of the terminals or body of the component to the sides and depth of the cavity (a 0 , b 0 and t) must be within 0.05mm (.002) minimum and 0.50mm (.020) maximum. the clearance allowed must also prevent rotation of the component within the cavity of not more than 20 degrees (see sketches a and b). 2. tape with components shall pass around radius "r" without damage. 3. kemet nominal thicknesses are: 0402 = 0.6mm and all others 0.95mm minimum. 8mm and 12mm 1.5 +0.10, -0.0 (.059 +0.004, -0.0) 1.75 0.10 (.069 0.004) 4.0 0.10 (.157 0.004) 2.0 0.05 (.079 0.002) 0.10 (.004) max. 0.75 (.030) min. 0.75 (.030) min. 25 (.984) see note 2 table 1 tape size d 0 p 0 e p 2 t 1 g 1 g 2 r min. 8mm 1/2 pitch 2.0 0.10 (.079 .004) see require- ments section 3.3 (d) 3.5 0.05 (.138 .002) 8.0 0.3 (.315 0.012) see note 1 table 1 1.1mm (.043) max. for paper base tape and 1.6mm (.063) max. for non- paper base compositions. see note 3. tape size p 1 w f a 0 b 0 t 8mm 4.0 0.10 (0.157 .004) 12mm 4.0 0.10 (0.157 .004) 12mm double pitch 8.0 0.10 (0.315 .004) 12.0 0.3 (.472 .012) 5.5 0.05 (.217 .002) table 1: 8 & 12mm punched tape ( metric dimensions will govern) constant dimensions - millimeters (inches) sketch b: max. component rotation - front cross sectional view sketch c: component rotation - top view a 0 b 0 p 1 p 0 p 2 d 0 f e w center lines of cavity 10 pitches cumulative tolerance on tape 0.2 ( 0.008) to p tape cover t user direction of feed t 1 max. cavity size see note 1 table 1 bottom tape cover g 2 g 1 r (min.) sketch a: bending radius see note 2 table 1 ceramic chip capacitors packaging information packaging
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 96 ceramic chip capacitors packaging information capacitor marking table (marking optional - not available for 0402 size or y5v dielectric) a b c d e f g h j k l m n p q r s t u v w x y z a b d e f m n t y 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.33 0.36 0.39 0.43 0.47 0.51 0.56 0.62 0.68 0.75 0.82 0.91 0.25 0.35 0.40 0.45 0.50 0.60 0.70 0.80 0.90 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 2.5 3.5 4.0 4.5 5.0 6.0 7.0 8.0 9.0 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 25 35 40 45 50 60 70 80 90 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 250 350 400 450 500 600 700 800 900 1000 1100 1200 1300 1500 1600 1800 2000 2200 2400 2700 3000 3300 3600 3900 4300 4700 5100 5600 6200 6800 7500 8200 9100 2500 3500 4000 4500 5000 6000 7000 8000 9000 10,000 11,000 12,000 13,000 15,000 16,000 18,000 20,000 22,000 24,000 27,000 30,000 33,000 36,000 39,000 43,000 47,000 51,000 56,000 62,000 68,000 75,000 82,000 91,000 25,000 35,000 40,000 45,000 50,000 60,000 70,000 80,000 90,000 100,000 110,000 120,000 130,000 150,000 160,000 180,000 200,000 220,000 240,000 270,000 300,000 330,000 360,000 390,000 430,000 470,000 510,000 560,000 620,000 680,000 750,000 820,000 910,000 250,000 350,000 400,000 450,000 500,000 600,000 700,000 800,000 900,000 alpha character numeral 9 01 2 3 4 5 capacitance (pf) for various numeral identifiers 1,000,000 1,100,000 1,200,000 1,300,000 1,500,000 1,600,000 1,800,000 2,000,000 2,200,000 2,400,000 2,700,000 3,000,000 3,300,000 3,600,000 3,900,000 4,300,000 4,700,000 5,100,000 5,600,000 6,200,000 6,800,000 7,500,000 8,200,000 9,100,000 2,500,000 3,500,000 4,000,000 4,500,000 5,000,000 6,000,000 7,000,000 8,000,000 9,000,000 7 10,000,000 11,000,000 12,000,000 13,000,000 15,000,000 16,000,000 18,000,000 20,000,000 22,000,000 24,000,000 27,000,000 30,000,000 33,000,000 36,000,000 39,000,000 43,000,000 47,000,000 51,000,000 56,000,000 62,000,000 68,000,000 75,000,000 82,000,000 91,000,000 25,000,000 35,000,000 40,000,000 45,000,000 50,000,000 60,000,000 70,000,000 80,000,000 90,000,000 6 laser marking is available as an extra-cost option for most kemet ceramic chips. such marking is two sided, and includes a k to identify kemet, followed by two characters (per eia-198 - see table below) to identify the capacitance value. note that marking is not available for size 0402 nor for any y5v chip. in addition, the 0603 marking option is limited to the k only. example shown is 1,000 pf capacitor. ka3 table 2 C capacitance values available in bulk cassette packaging 0402 0603 0805 all all c0g x7r y5v all all 109 109 109 221 221 221 221 221 104 104 all all 181 331 102 392 103 273 104 104 224 224 case size dielectric voltage min. cap value max. cap value all all 200 100 50 200 100 50 25 16 25 16 terminations: kemet nickel barrier layer with a tin overplate. 0.3 0.7 0.75 eia size code length l width w thickness t bandwidth b minimum separation s metric size code number of pcs/cassette 50,000 15,000 10,000 0402 0603 0805 1.0 0.05 1.6 0.07 2.0 0.10 0.5 0.05 0.8 0.07 1.25 0.10 0.5 .05 0.8 .07 0.6 .10 0.2 to 0.4 0.2 to 0.5 0.5 to 0.75 1005 1608 2012 table 1 C capacitor dimensions for bulk cassette packaging C millimeters unit: mm * reference 110 0.7 31.5 0 0.2 36 0 0.2 19.0* 5.0* 10* 53.3* 6.8 0.1 8.8 0.1 12.0 0.1 3.0 0 0.2 2.0 0.1 0 1.5 0 0.1 bulk cassette packaging (ceramic chips only) (meets dimensional requirements iec-286-6 and eiaj 7201)


▲Up To Search▲   

 
Price & Availability of C2220CXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X