Part Number Hot Search : 
IRLD110 MKTD05 FB5002 10X12 15005 VT8225 2503F SUR503EF
Product Description
Full Text Search
 

To Download C1410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  C1410 pxo vectron internatio nal www.vectron.com v. 2005 - 02 - 10 page 1 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fa x vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office unit 3119 31st floor, jin mao tower, 88 century boulevard, shanghai, p.r. china 200120 +86 21 28909740 tel. +86 21 28909240 fax typical applications features base stations at - cut crystal test equipment dual - inline oscillator synthesizers surface mount option previous vectron model numbers tqdilp; tqdilc; tqdilac frequency range 1 mhz ? 90 mhz standard frequenc ies 10.00; 16.384; 19.44; 30.72; 32.768; mhz; 50.00; 77.76 mhz; frequency stabilities 1 parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range (referenced to +25 c) - 100.0 - 50.0 - 50.0 - 25.0 - 15.0 - 50.0 - 20. 0 - 10.0 - 7.5 - 5.0 +100.0 +50.0 +50.0 +25.0 +15.0 +50.0 +20.0 +10.0 +7.5 +5.0 ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm - 55 ? +125c - 55 ? +125c - 55 ? +105c - 55 ? +105c - 40 ? +85c - 20 ? +70c - 20 ? +70c - 20 ? +70c - 20 ? +70c - 20 ? +70c h104 h505 g505 g255 f255 d505 d205 d105 d756 d506 parameter min typ max. units condition ordering code 5 t104 t505 t205 t105 t506 initial tolerance vs. supply voltage change vs. load change vs. aging /1. year - 100.0 - 50.0 - 20.0 - 10.0 - 5.0 - 2.0 - 1.0 - 2.0 +100.0 +50.0 +20.0 +10.0 +5 .0 +2.0 +1.0 +2.0 ppm ppm ppm ppm ppm ppm ppm ppm v s 5% load 10% fo < 90 mhz supply voltage parameter min typ max. units condition ordering code 5 supply voltage (vs) 4.75 5.0 5.25 vdc sv050 current consumpti on 40 ma @ hcmos fo < 90.0 mhz rf output parameter min typ max. units condition ordering code 5 signal hcmos rfh load 15.0 pf rise and fall time 5 ns @ 15 pf 10 to 90 % duty cycle 40 60 % @ vs/2
C1410 pxo vectron internatio nal www.vectron.com v. 2005 - 02 - 10 page 2 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fa x vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office unit 3119 31st floor, jin mao tower, 88 century boulevard, shanghai, p.r. china 200120 +86 21 28909740 tel. +86 21 28909240 fax additional parameters paramete r min typ max. units condition phase noise - 80 dbc/hz 10 hz @10.000 - 110 dbc/hz 100 hz mhz - 135 dbc/hz 1 khz hcmos - 145 dbc/hz 10 khz 5.0 v - 150 dbc/hz 100 khz weight 6 g processing & packing handling&processing note
C1410 pxo vectron internatio nal www.vectron.com v. 2005 - 02 - 10 page 3 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fa x vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office unit 3119 31st floor, jin mao tower, 88 century boulevard, shanghai, p.r. china 200120 +86 21 28909740 tel. +86 21 28909240 fax enclosur es type g125 type g175 package codes: code height ?h? pin length ?l? code height ?h? pin length ?l? a1 7.5 5.85 b1 9.4 na 0 , 8 m a x . 0,5 0 , 5 12,2 4 , 5 8 0 , 3 0,3 15,24 20,7max. ?0,45 5 , 8 5 m i n . h 7 , 6 2 1 3 , 1 m a x . 14 8 7 1 h = 7,5max.; g125 standard g 125 dimensions: mm 0,1 15,24 22,7max. 1 5 , 1 m a x . 1,8 1 3 , 2 h 0 , 1 0,1 18,5max. 0 , 2 1 0 , 9 m a x . s 0,1 s auflage 14 8 7 1 g 175 h = 9,4; g175 standard fl?che pin 1 corner dimensions: mm pin connections pin connections 1 nc 1 nc 7 ground (case) 7 ground (case) 8 rf output 8 rf output 14 supply voltage input (vs) 14 supply voltage input (vs) outline drawing: g125 outline drawing: g175 marking C1410a1 - xxxx frequency * c ayyww absolute maximum ratings parameter min typ max. units condition supply voltage (vs) 7 v operable temperature range - 40 +80 c for temperature code f, d storage temperature range - 40 +90 c for temperature code f, d
C1410 pxo vectron internatio nal www.vectron.com v. 2005 - 02 - 10 page 4 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fa x vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office unit 3119 31st floor, jin mao tower, 88 century boulevard, shanghai, p.r. china 200120 +86 21 28909740 tel. +86 21 28909240 fax standard shipping method *bei w 24 mm nur untere lochreihe * by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite tape buttom side abwickelrichtung unwinding direction lage im gurt position in tape pin 1 a x p b k product ion tolerance complying din iec 286 - 3 enclosure type tape width w [mm] quantity per meter quantity per reel dimension p g175 44 50 300 20 recommended reflow profile smd oscillators must be on the top side of the pcb during the reflow pro cess.
C1410 pxo vectron internatio nal www.vectron.com v. 2005 - 02 - 10 page 5 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fa x vectron international llc. 100 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office unit 3119 31st floor, jin mao tower, 88 century boulevard, shanghai, p.r. china 200120 +86 21 28909740 tel. +86 21 28909240 fax how to order this product: step 1 use this worksheet to forward the following information to your factory representative: model stability code initial tolerance supply voltage code rf output code package code C1410 example: C1410 d2 05 t104 sv050 rfh a1 step 2 the factory representative will then respond with a vectron model number in the following configuration: model package code dash dash number C1410 [customer specified package code] - [factory generated 4 digit number] typi cal p/n = C1410a1 - 0001 notes: 1 contact factory for improved stabilities or additional product options. not all options and codes are available at all frequencies. 2 unless otherwise stated all values are valid after warm - up time and refer to typica l conditions for supply voltage, frequency control voltage, load, temperature (25c) 3 phase noise degrades with increasing output frequency. 4 subject to technical modification. 5 contact factory for availability.


▲Up To Search▲   

 
Price & Availability of C1410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X