Part Number Hot Search : 
1SS383 N4005 10001 04470 EN25F051 FAMDM30G 114111 ATS1380
Product Description
Full Text Search
 

To Download C1250C505T155SV0X0RXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c1250 pxo corning frequency control product specifications v.2002-10-07 page 1 of 4 corning frequency control inc. 100 watts street mount holly springs, pa 17065 usa 717-486-3411 tel 717-486-5920 fax www.corningfrequency.com sales@corningfrequency.com corning frequency control gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany 49-07268-801-0 tel 49-07268-801-281 fax www.corningfrequency.de sales@corningfrequency.de corning frequency contro l (shanghai) co. ltd. 1f.- 2f. no. 8 workshop, no. 308 fenju rd. waigaoqiao free trade zone pudong new area shanghai, china 86-21-5048-0777 tel 86-21-5048-1881 fax www.corningfrequency.com sales@corningfrequency.com previous corning model numbers mc029, mc032, and mc033 frequency range 1.0 to 800.0 mhz (acmos/ttl available up to 125 mhz. lvpecl frequencies above 220 mhz are achieved through use of pll multiplier) standard frequencies 19.44, 32.768, 44.736, 51.84, 77.76, 155.52, 622.08 mhz frequency stabilities 1 parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range -100 +100 ppm 0 ? +70c c104 (referenced to +25c) -50 +50 ppm 0 ? +70c c505 -25 +25 ppm 0 ? +70c c255 -15 +15 ppm 0 ? +70c c155 -100 +100 ppm -40?+85c f104 -50 +50 ppm -40 ? +85c f505 -25 +25 ppm -40 ? +85c f255 -50 +50 ppm -55?+125c h505 -100 +100 ppm -55?+125c h104 overall tolerance (vs. initial accuracy, op. temp. range, vs load, vs supply, vs 1 st year aging) 7 -100 +100 ppm -0?+70c c104 -50 +50 ppm 0?+70c c505 -25 +25 ppm 0?+70c c255 -20 +20 ppm 0?70c c205 -100 +100 ppm -40?+85c f104 -50 +50 ppm -40 ? +85c f505 -25 +25 ppm -40 ? +85c f255 parameter min typ max. units condition ordering code 5 initial tolerance -15 +15 ppm @ 25c t155 -25 +25 ppm @ 25c t255 -50 +50 ppm @ 25c t505 -100 +100 ppm @ 25c t104 supply voltage change vs. load change vs aging /1 year vs. aging / year (following years) -2 -1 -3 -1 +2 +1 +3 +1 ppm ppm ppm ppm v s 5% load 5% typical applications features base stations 5x7 surface mount package test equipment reflow process compatible optional telecom & wireless infrastructure acmos, ttl and lvpecl digital switching www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
c1250 pxo corning frequency control product specifications v.2002-10-07 page 2 of 4 corning frequency control inc. 100 watts street mount holly springs, pa 17065 usa 717-486-3411 tel 717-486-5920 fax www.corningfrequency.com sales@corningfrequency.com corning frequency control gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany 49-07268-801-0 tel 49-07268-801-281 fax www.corningfrequency.de sales@corningfrequency.de corning frequency contro l (shanghai) co. ltd. 1f.- 2f. no. 8 workshop, no. 308 fenju rd. waigaoqiao free trade zone pudong new area shanghai, china 86-21-5048-0777 tel 86-21-5048-1881 fax www.corningfrequency.com sales@corningfrequency.com supply voltage (vs) parameter min typ max. units condition ordering code 5 supply voltage 4.75 5 5.25 vdc sv050 current consumption 15 ma acmos/ttl 1.0 to 23.9 mhz 20 ma acmos/ttl 24 to 49.9 mhz 40 ma acmos/ttl 50 to 80.0 mhz supply voltage 3.135 3.3 3.465 vdc sv033 current consumption 6 ma acmos 1.0 to 14.90 mhz 8 ma acmos 15.0 to 39.9 mhz 12 ma acmos 40.0 to 59.9 mhz 16 ma acmos 60.0 to 79.9 mhz 40 ma acmos 80.0 to 125.0 mhz 75 ma lvpecl no load <200 mhz 100 ma lvpecl no load > 200mhz rf output parameter min typ max. units condition ordering code 5 signal acmos rfa load 15 50 pf signal level (vol) 0.5 vdc vs= 5.0v and 15pf load 0.3 vdc vs=3.3v and 15pf load signal level (voh) 4.5 vdc vs= 5.0v and 15pf load 3.0 vdc vs=3.3v and 15pf load rise and fall times for acmos (measured 10% to 90%) 10 6 3 ns ns ns 1.0 to 23.9 mhz 24.0 to 79.9 mhz 80.0 to 125.0mhz duty cycle 45 40 55 60 % % @ 50% vs< 15 mhz @ 50% vs > 15 mhz signal ttl rft load 10 signal level (vol) 0.5 vdc vs= 5.0v and 15pf load signal level (voh) 4.5 vdc vs= 5.0v and 15pf load rise and fall times for ttl (measured 0.8v to 2.0v) 5 3 ns ns 1.0 to 23.9 mhz 24 to 125 mhz duty cycle 45 40 55 60 % % @ 1.4v < 15 mhz @ 1.4v > 15 mhz signal lvpecl rfp load 50 ? www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
c1250 pxo corning frequency control product specifications v.2002-10-07 page 3 of 4 corning frequency control inc. 100 watts street mount holly springs, pa 17065 usa 717-486-3411 tel 717-486-5920 fax www.corningfrequency.com sales@corningfrequency.com corning frequency control gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany 49-07268-801-0 tel 49-07268-801-281 fax www.corningfrequency.de sales@corningfrequency.de corning frequency contro l (shanghai) co. ltd. 1f.- 2f. no. 8 workshop, no. 308 fenju rd. waigaoqiao free trade zone pudong new area shanghai, china 86-21-5048-0777 tel 86-21-5048-1881 fax www.corningfrequency.com sales@corningfrequency.com additional parameters parameter min typ max. units condition output enable 6 logic "0" input = outputs disabled (tri-state) logic "1" or floating input = outputs enabled ) acmos/ttl output logic "0" or floating input = outputs enabled logic "1" input = outputs disabled (tri-state ) lvpecl output weight <2 g processing & packing handling & processing note absolute maximum ratings parameter min typ max. units condition supply voltage (vs) 7.0 v vs=5.0vdc 7.0 v vs=3.3vdc operable temperature range -55 +85 c storage temperature range -55 +125 c enclosures type a - acmos/ttl type b - lvpecl package codes: code height ?h? pin length ?l? code height ?h? pin length ?l? a1 1.880.178 n/a b1 1.880.178 n/a e1 = enable/disable pin 1 e1 = enable/disable pin 1 x = n/c pin 1 x = n/c pin 1 pin connections pin connections 1 enable/disable or n/c 1 enable/disable or n/c 2 ground (case) 2 n/c 3 rf output 3 ground (case) 4 supply voltage 4 rf output 5 complementary output 6 supply voltage www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
c1250 pxo corning frequency control product specifications v.2002-10-07 page 4 of 4 corning frequency control inc. 100 watts street mount holly springs, pa 17065 usa 717-486-3411 tel 717-486-5920 fax www.corningfrequency.com sales@corningfrequency.com corning frequency control gmbh & co. kg landstrasse d-74924 neckarbischofsheim germany 49-07268-801-0 tel 49-07268-801-281 fax www.corningfrequency.de sales@corningfrequency.de corning frequency contro l (shanghai) co. ltd. 1f.- 2f. no. 8 workshop, no. 308 fenju rd. waigaoqiao free trade zone pudong new area shanghai, china 86-21-5048-0777 tel 86-21-5048-1881 fax www.corningfrequency.com sales@corningfrequency.com type c - lvpecl code height ?h? pin length ?l? c1 1.880.178 n/a e2 = enable/disable pin 2 x = n/c pin 2 pin connections 1 n/c 2 enable/disable or n/c 3 ground (case) 4 rf output 5 complementary output 6 supply voltage how to order this product: step 1 use this worksheet to forward the following information to your factory representative. model stability code initial accuracy code supply voltage code rf output code package code enable/disable c1250 example: c1250 c505 t505 sv050 rfa a1 e1 step 2 the factory representative will then respond a corning model number in the following configuration: model package code dash dash number c1250 [customer specified package code] - [factory generated 4 digit number] typical p/n c1250a1-001 notes: 1 contact factory for improved stabilities or additional product options. not all options and codes are available at all freque ncies. 2 unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25c) 3 phase noise degrades increasing output frequency. 4 subject to technical modification. 5 contact factory for availability. 6 contact facory for options. 7 overall stabilities do not require an initial accuracy order code. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com


▲Up To Search▲   

 
Price & Availability of C1250C505T155SV0X0RXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X