Part Number Hot Search : 
TK10A60W P6KE36A SB580 1N254 CMZ5377B DP90F18 TK10A60W SF10DG
Product Description
Full Text Search
 

To Download AS10515F16MIL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  quad line receiver AS10515F16MIL austin semiconductor, inc. AS10515F16MIL rev. 2.0 11/01 austin semiconductor, inc. reserves the right to change products or specifications without notice. 1 for more products and information please visit our web site at www.austinsemiconductor.com available as military specifications ? military equivalent screening - 883 1.2.2 quad line receiver pin assignment (top view) 16-pin flatpack (f) general description the AS10515F16MIL is a quad differential amplifier designed for use in sensing differential signals over long lines. the base bias supply (v bb ) is made available at pin 9 to make the device useful as a schmitt trigger, or in other applications where a stable reference voltage is necessary. active current sources provide the AS10515F16MIL with excellent common mode noise rejection. if any amplifier in a package is not used, one input of that amplifier must be connected to v bb (pin 9) to prevent upsetting the current source bias network. ? p d = 150mw max/pkg (no load) ? t pd = 2.0ns typ ? t r , t f = 2.0ns type (20% - 80%) function flats burn-in (condition c) v cc1 5 gnd a out 6 51 w to v tt b out 7 51 w to v tt a in \ 8 v bb a in 9 gnd b in 10 gnd b in \ 11 v bb v ee 12 v ee v bb 13 v bb c in \ 14 v bb c in 15 gnd d in 16 gnd d in \ 1 v bb c out 2 51 w to v tt d out 3 51 w to v tt v cc2 4 gnd pin assignments burn-in conditions: v tt = -2.0v max/ -2.2v min v ee = -5.7v max/ -5.2v min v bb = all pins designated for v bb must be tied together, no external voltage applied. notes 1. v bb to be used to supply bias to the AS10515F16MIL only and bypassed (when used) with 0.01 f to 0.1 f capacitor. 2. when the input pin with the bubble goes positive, the output goes negative. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 d in\ c out d out v cc2 v cc1 a out b out a in\ d in c in c in\ v bb v ee b in\ b in a in logic diagram 4 5 6 7 10 11 12 13 2 3 14 15 9 v bb
quad line receiver AS10515F16MIL austin semiconductor, inc. AS10515F16MIL rev. 2.0 11/01 austin semiconductor, inc. reserves the right to change products or specifications without notice. 2 notes: 1. t r = t f = 2.0ns 0.2ns measured at (20% - 80%) 2. p w > 20ns 3. p rf = 1.0 mhz 4. r 1 = 50 w resistor in series with 50 w coax constituting the 100 w load. 5. unused outputs should be loaded 100 w to ground. 6. 2:1 divider may be used. figure 1. switching test circuit and waveforms d.u.t. v cc = 2.0v 0.005v 25 f 20% 0.1 f 20% coax a channel a channel b coax b r 1 c l coax *pulse generator input 0.1 f 20% v ee = -3.2v 0.005v *pulse generator must be capable of rise and fall times of 2.0ns 0.2ns. r 1 = 50 w resistor in series with a 50 w coax cable constituting the 100 w load. t r t f 80% 50% 20% 80% 50% 20% 80% 50% 20% 80% 50% 20% 80% 50% 20% 80% 50% 20% > 20ns v in v out v out \ t tlh t plh t phl t thl t thl t tlh t plh t phl ps1 ps2
quad line receiver AS10515F16MIL austin semiconductor, inc. AS10515F16MIL rev. 2.0 11/01 austin semiconductor, inc. reserves the right to change products or specifications without notice. 3 * electrical characteristics each mecl 10k series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. outputs are terminated through a 100 w resistor to -2.0 volts. quiescent limit table* ** connected to pin 9. *** measure voltage on pin 9 while it is connected to other pins. v ih1 v il1 v ih2 v il2 p s1 p s2 v eel v ee v cb t a = 25c -0.78 -1.85 -1.105 -1.475 +1.11 +0.31 -3.2 -5.2 -5.2 t a = 125c -0.63 -1.82 -1.000 -1.400 +1.24 +0.36 -3.2 -5.2 -5.2 t a = -55c -0.88 -1.92 -1.255 -1.510 +1.01 +0.28 -3.2 -5.2 -5.2 test voltage values (volts) test temperature symbol parameter units min max min max min max v ih1 v il1 v ih2 v il2 v ee v cc *** p.u.t. v oh high output voltage -0.93 -0.78 -0.825 -0.63 -1.08 -0.88 v 5, 6, 11, 12 4, 7, 10, 13 8 1, 16 4 - 7 11 - 13 2, 3 ,14, 15 v ol low output voltage -1.85 -1.62 -1.82 -1.545 -1.92 -1.655 v 4, 7, 10, 13 5, 6, 11, 12 8 1, 16 4 - 7 11 - 13 2, 3 ,14, 15 v oh1 high output voltage -0.95 -0.78 -0.845 -0.63 -1.10 -0.88 v 5, 6, 11, 12 4, 7, 10, 13 8 1, 16 4 - 7 11 - 13 2, 3 ,14, 15 v ol1 low output voltage -1.85 -1.60 -1.82 -1.525 -1.92 -1.635 v 4, 7, 10, 13 5, 6, 11, 12 8 1, 16 4 - 7 11 - 13 2, 3 ,14, 15 **v bb reference voltage -1.35 -1.23 -1.24 -1.12 -1.44 -1.32 v 8 1, 16 5, 6 11, 12 9 i ee power supply current -26 -29 -29 ma 8 1, 16 5, 6 11, 12 8 i ih input current high 95 165 165 a 4 - 7 10 - 13 8 1, 16 4 - 7 10 - 13 i cbo input leakage current -1.0 -1.0 -1.5 a 8 1, 16 4 - 7 10 - 13 4 - 7 10 - 13 limits test voltage applied to pins below: pinouts referenced are for f package, check pin assignments v cc = 0v, output load = 100 w w w w to -2.0v subgroup 3 functional parameters: +25c subgroup 1 +125c subgroup 2 -55c
quad line receiver AS10515F16MIL austin semiconductor, inc. AS10515F16MIL rev. 2.0 11/01 austin semiconductor, inc. reserves the right to change products or specifications without notice. 4 * electrical characteristics each mecl 10k series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. outputs are terminated through a 100 w resistor to -2.0 volts. quiescent limit table* v ih1 v il1 v ih2 v il2 p s1 p s2 v eel v ee v cb t a = 25c -0.78 -1.85 -1.105 -1.475 +1.11 +0.31 -3.2 -5.2 -5.2 t a = 125c -0.63 -1.82 -1.000 -1.400 +1.24 +0.36 -3.2 -5.2 -5.2 t a = -55c -0.88 -1.92 -1.255 -1.510 +1.01 +0.28 -3.2 -5.2 -5.2 test voltage values (volts) test temperature symbol parameter units min max min max min max v in v out v cc v eel p.u.t. t tlh rise time 1.1 3.3 1.0 4.4 1.0 3.9 ns 4, 7, 11, 13 2, 3, 14, 15 1, 16 8 2, 3 ,14, 15 t thl fall time 1.1 3.3 1.0 4.4 1.0 3.9 ns 4, 7, 11, 13 2, 3, 14, 15 1, 16 8 2, 3 ,14, 15 t phl propagation delay high to low 1.0 2.9 1.0 4.0 1.0 3.5 ns 4, 7, 11, 13 2, 3, 14, 15 1, 16 8 2, 3 ,14, 15 t plh propagation delay low to high 1.0 2.90 1.0 4.0 1.0 3.5 ns 4, 7, 11, 13 2, 3, 14, 15 1, 16 8 2, 3 ,14, 15 functional parameters: +25c subgroup 9 limits test voltage applied to pins below: pinouts referenced are for f package, check pin assignments v cc = 2.0v, output load = 100 w w w w to gnd subgroup 11 +125c subgroup 10 -55c


▲Up To Search▲   

 
Price & Availability of AS10515F16MIL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X