Part Number Hot Search : 
MJD148 LR5360 MBR2045 DS24B33 CV5008 SR8100 B41694 CJF15031
Product Description
Full Text Search
 

To Download A2C1-ASWB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/a2c1-asw b everlight electronics co., ltd. http\\:w ww.everlight.com rev 1 page: 1 of 7 device number : dle-033-b69 prepared date : 12-04-2006 prepared by: flourix chen features B popular t-1 3/4 diameter package. B choice of various viewing angles. B available on tape and reel. B reliable and robust. B esd-withstand voltage: up to 4kv. B the product itself will remain within rohs complian t version. descriptions B the series is specially designed for applications requiring higher brightness. B the led lamps are available with different colors, intensities, epoxy colors, etc. applications B status indicators. B commercial use. B advertising signs. B back lighting. device selection guide chip material emitted color lens color algainp reddish orange water clear
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/a2c1-asw b everlight electronics co., ltd. http\\:w ww.everlight.com rev 1 page: 2 of 7 device number : dle-033-b69 prepared date : 12-04-2006 prepared by: flourix chen package dimensions notes: B all dimensions are in millimeters, tolerance is 0.2 5mm except being specified. B lead spacing is measured where the lead emerges fro m the package. B protruded resin under flange is 1.5mm max led. absolute maximum ratings (ta=25 ) parameter symbol rating units forward current i f 50 ma pulse forward current *1 i fp 100 ma operating temperature t opr -40 ~ +85 storage temperature t stg -40 ~ +100 electrostatic discharge esd 4k v soldering temperature *2 t sol 260 5 power dissipation p d 120 mw zener reverse current iz 100 ma reverse voltage v r 5 v notes: *1:i fp conditions--pulse width Q 10msec and duty Q 1/10. *2:soldering time Q 5 seconds.
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/a2c1-asw b everlight electronics co., ltd. http\\:w ww.everlight.com rev 1 page: 3 of 7 device number : dle-033-b69 prepared date : 12-04-2006 prepared by: flourix chen electro-optical characteristics (ta=25 ) parameter symbol condition min. typ. max. units forward voltage v f i f =20ma 1.8 -- 2.6 v zener reverse voltage vz i z =5ma 5.2 -- -- v reverse current i r v r =5v -- -- 10 a luminous intensity i v i f =20ma 5650 -- 18000 mcd viewing angle 2 1/2 i f =20ma -- 15 -- deg peak wavelength p i f =20ma -- 621 -- nm dominant wavelength d i f =20ma -- 615 -- nm spectrum radiation bandwidth ? i f =20ma -- 18 -- nm rank combination (i f =20ma) rank s t u v w luminous intensity 5650~7150 7150~9000 9000~11250 11250~14250 14250~18000 *measurement uncertainty of luminous intensity: 15% unit:mcd rank 1 2 3 4 forward voltage 1.8~2.0 2.0~2.2 2.2~2.4 2.4~2.6 *measurement uncertainty of forward voltage: 0.1v unit:v rank 6 7 8 dominant wavelength 610~613.5 613.5~617.0 617.0~620 *measurement uncertainty of dominant wavelength 1.0nm unit:nm *the quantity ratio of the ranks is decided by ever light.
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/a2c1-asw b everlight electronics co., ltd. http\\:w ww.everlight.com rev 1 page: 4 of 7 device number : dle-033-b69 prepared date : 12-04-2006 prepared by: flourix chen typical electro-optical characteristics curves
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/a2c1-asw b everlight electronics co., ltd. http\\:w ww.everlight.com rev 1 page: 5 of 7 device number : dle-033-b69 prepared date : 12-04-2006 prepared by: flourix chen label form specification cpn: customer?s production number p/n : production number qty: packing quantity cat: ranks of luminous intensity and forward voltage hue: ranks of dominant wavelength ref: reference lot no: lot number made in taiwan: production place cpn: p/n: everlight 333/A2C1-ASWB qty made in taiwan cat: hue: ref: lot no
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/a2c1-asw b everlight electronics co., ltd. http\\:w ww.everlight.com rev 1 page: 6 of 7 device number : dle-033-b69 prepared date : 12-04-2006 prepared by: flourix chen notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolut e maximum ratings and the instructions for using outlined in these specification sheets. everl ight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these spec ification sheets. 3. these specification sheets include materials protec ted under copyright of everlight corporation. please don?t reproduce or cause anyone to reproduce them without everlight?s consent. 4. below the zener reference voltage vz, all the curre nt flows through led and as the voltage rises to vz, the zener diode ?breakdown." if the voltage tries to rise above vz current flows through the zener branch to keep the voltage at exactly vz. 5. when the led is connected using serial circuit, if either piece of led is no light up but current can?t flow through causing others to light down. in new design, the led is parallel with zener diode. if either piece of led is no light up but cu rrent can flow through causing others to light up.
everlight electronics co.,ltd. technical data sheet light emitting diode ( 5 mm round led,t-1 3/4 ) 333/a2c1-asw b everlight electronics co., ltd. http\\:w ww.everlight.com rev 1 page: 7 of 7 device number : dle-033-b69 prepared date : 12-04-2006 prepared by: flourix chen 6. soldering condition careful attention should be paid during soldering. when soldering, leave more then 3mm from solder joint to case, and soldering beyond the base of the tie bar is recommended. avoiding applying any stress to the lead frame whil e the leds are at high temperature particularly when soldering. recommended soldering conditions: hand soldering dip soldering temp. at tip of iron 400 max. (30w max.) preheat temp. 100 max. (60 sec max.) soldering time 3 sec max. bath temp. 265 max. distance 3mm min.(from solder joint to case) bath time. 5 sec max. distance 3mm min. everlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fa x: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiwan, r.o.c http:\\ www.everlight.com


▲Up To Search▲   

 
Price & Availability of A2C1-ASWB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X