Part Number Hot Search : 
EN2575E FMMT596 FMMT596 29F002 ISP1103 A8337 E205G2BA BLF546
Product Description
Full Text Search
 

To Download 0705550039 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0705550039 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch sl? header, single row, right angle, .120" pocket, shrouded, with press-fit plastic peg, 5 circuits, 0.38m (15") gold (au) selective plating, tin (sn) pc tail plating documents: 3d model product specification ps-70400 (pdf) drawing (pdf) product specification ps-70541 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70555 application wire-to-board overview cgrid__sl_products product name sl? physical breakaway no circuits (loaded) 5 circuits (maximum) 5 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no guide to mating part yes lock to mating part yes material - metal brass, phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to mating part yes shrouded fully stackable no temperature range - operating -40c to +105c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70555 series mates with 70066n , 70066g , 70430g , 70400g housing
termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 1 lead-free process capability wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info old part number a-70555-0039 reference - drawing numbers packaging specification pk-70873-0015 product specification ps-70400, ps-70541 sales drawing sda-70555-**** this document was generated on 05/28/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0705550039

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X