Part Number Hot Search : 
2NF40 BR52XX TRB6124 968CE 03101 1N756A E914IT DG212ETE
Product Description
Full Text Search
 

To Download SML120J15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SML120J15 semelab plc. telephone +44(0)1455 556565. fax +44(0)1455 552612. e-mail: sales@semelab.co.uk website: http://www.semelab.co.uk 5/99 v dss i d i dm v gs v gsm p d t j , t stg t l i ar e ar e as drain C source voltage continuous drain current pulsed drain current 1 gate C source voltage gate C source voltage transient total power dissipation @ t case = 25c derate linearly operating and storage junction temperature range lead temperature : 0.063 from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 2 nCchannel enhancement mode high voltage power mosfets 1200 15 60 30 40 450 3.6 C55 to 150 300 15 50 2500 v a a v w w/c c a mj absolute maximum ratings (t case = 25c unless otherwise stated) 1) repetitive rating: pulse width limited by maximum junction temperature. 2) starting t j = 25c, l = 22.22mh, r g = 25 w , peak i l = 15a v dss 1200v i d(cont) 15a r ds(on) 0.800 w w ? faster switching ? lower leakage ? 100% avalanche tested ? popular sotC227 package starmos is a new generation of high voltage nCchannel enhancement mode power mosfets. this new technology minimises the jfet effect, increases packing density and reduces the on-resistance. starmos also achieves faster switching speeds through optimised gate layout. d s g 1 3 4 2 r 38.0 (1.496) 38.2 (1.504) 30.1 (1.185) 30.3 (1.193) 14.9 (0.587) 15.1 (0.594) 3.3 (0.129) 3.6 (0.143) 7.8 (0.307) 8.2 (0.322) 31.5 (1.240) 31.7 (1.248) 4.0 (0.157) (2 places) r = 4.0 (0.157) 4.2 (0.165) ) ) 4.1 (0.161 4.3 (0.169 4.8 (0.187) 4.9 (0.193) (4 places) w = h = 8.9 (0.350) 9.6 (0.378) 11.8 (0.463) 12.2 (0.480) hex nut m 4 (4 places) 12.6 (0.496) 12.8 (0.504) 25.2 (0.992) 25.4 (1.000) 0.75 (0.030) 0.85 (0.033) 5.1 (0.201) 5.9 (0.232) 1.95 (0.077) 2.14 (0.084) sotC227 package outline. dimensions in mm (inches) source terminals are shorted internally. current handling capability is equal for either source terminal. * s g s d
SML120J15 semelab plc. telephone +44(0)1455 556565. fax +44(0)1455 552612. e-mail: sales@semelab.co.uk website: http://www.semelab.co.uk 5/99 characteristic test conditions min. typ. max. unit c iss c oss c rss q g q gs q gd t d(on) t r t d(off) t f characteristic test conditions min. typ. max. unit 15 60 1.3 1080 22 i s i sm v sd t rr q rr (body diode) (body diode) v gs = 0v , i s = C i d [cont.] i s = C i d [cont.] , dl s / dt = 100a/ m s i s = C i d [cont.] , dl s / dt = 100a/ m s continuous source current pulsed source current 1 diode forward voltage 2 reverse recovery time reverse recovery charge a v ns m c characteristic min. typ. max. unit 0.28 40 r q jc r q ja junction to case junction to ambient c/w source C drain diode ratings and characteristics thermal characteristics 1) repetitive rating: pulse width limited by maximum junction temperature. 2) pulse test: pulse width < 380 m s , duty cycle < 2% 3) see milCstdC750 method 3471 input capacitance output capacitance reverse transfer capacitance total gate charge 3 gate C source charge gate C drain (miller) charge turnCon delay time rise time turn-off delay time fall time v gs = 0v v ds = 25v f = 1mhz v gs = 10v v dd = 0.5 v dss i d = i d [cont.] @ 25c v gs = 15v v dd = 0.5 v dss i d = i d [cont.] @ 25c r g = 0.6 w pf nc ns 6600 560 270 300 28 150 16 12 59 12 caution electrostatic sensitive devices. anti-static procedures must be followed. characteristic test conditions min. typ. max. unit bv dss i dss i gss v gs(th) i d(on) r ds(on) v gs = 0v , i d = 250 m a v ds = v dss v ds = 0.8v dss , t c = 125c v gs = 30v , v ds = 0v v ds = v gs , i d = 2.5ma v ds > i d(on) x r ds(on) max v gs = 10v v gs = 10v , i d = 0.5 i d [cont.] drain C source breakdown voltage zero gate voltage drain current (v gs = 0v) gate C source leakage current gate threshold voltage on state drain current 2 drain C source on state resistance 2 1200 25 250 100 24 15 0.800 v m a na v a w static electrical ratings (t case = 25c unless otherwise stated) dynamic characteristics


▲Up To Search▲   

 
Price & Availability of SML120J15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X