Part Number Hot Search : 
BA2901SF 15KE13A M74HC 86100DU CBC3150 4PUS24V HT7718 S3C72
Product Description
Full Text Search
 

To Download SF15A600H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-d0q024-001 1 SF15A600H ultrafast recovery rectifier to-220f-2l 600v, 15a ultrafast recovery rectifiers features ? high voltage and high reliability ? ultrafast reverse recovery time ? high speed switching ? low power loss and high efficiency ? full lead (pb)-free and rohs compliant device applications ? switching power supply ? power inverters ? free-wheeling diode ? power conversion system ? motor drives description the SF15A600H is an ultrafast rectifier. it has a low forward voltage drop and reverse recovery time (trr<35ns). the device is intended for use as a free wheeling, clamping rectifier in a variety of switching power supplies and other power switching applications. ordering information device marking code package packaging SF15A600H SF15A600H to-220f-2l tube marking information auk = manufacture logo ? = control code of manufacture ymdd = date code marking -. y = year code -. m = monthly code -. dd = daily code SF15A600H = specific device code product characteristics i f(av) 15a v rrm 600v v fm @ tj=125 1.65v t rr 35ns pin configuration pin 1: cathode pin 2: anode
ksd-d0q024-001 2 absolute maximum ratings (limiting values) characteristic symbol value unit maximum repetitive reverse voltage maximum working peak reverse voltage maximum dc blocking voltage v rrm v rwm v r 600 v maximum average forward rectified current i f(av) 15 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 120 a storage temperature range t stg -45 to +150 maximum operating junction temperature t j 150 thermal characteristics characteristic symbol value unit maximum thermal resistance junction to case r th(j-c) 4.0 /w electrical characteristics (per diode) characteristic symbol test condition min. typ. max. unit peak forward voltage drop v fm (1) i fm = 10a t j =25 - - 1.90 v t j =125 - - 1.65 v reverse leakage current i rm (1) v r = v rrm t j =25 - - 25 ua t j =125 - - 400 ua reverse recovery time t rr i f = 1a, di/dt =-100 a/us - - 35 ns junction capacitance c j v r = 10v dc , f=1mhz - 70 - pf note : (1) pulse test : t p 380 ? , duty cycle 2% SF15A600H
ksd-d0q024-001 3 electrical characteristic curves ccc SF15A600H fig. 3 p f - i o fig.1 i f - v f [ ? ] fig. 5 i fsm ? number of cycle fig. 6 i o derating - t c fig. 4 c j - v r fig. 2 i r - v r p d
ksd-d0q024-001 4 package outlin e dimension SF15A600H
ksd-d0q024-001 5 the kodenshiauk corp. products are intended for the use as components in general electronic equipment (offi ce and communication equipmen t, measuring equipment, home appliance, etc.). please make sure that you consult with us before you use these kodenshiauk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). kodenshiauk corp. cannot accept liability to any damage which may occur in case these kodenshiauk corp. pr oducts were used in the mentioned equipments without prior consul tation with kodenshiauk corp.. specifications mentioned in this publicati on are subject to change without notice. SF15A600H


▲Up To Search▲   

 
Price & Availability of SF15A600H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X