Part Number Hot Search : 
G2511 MSZ52 28064 1018AL AP2014 AD58004 09100 U2067B
Product Description
Full Text Search
 

To Download SD-105020-003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 1050206003 status: active overview: displayport description: 0.50mm (.020") pitch displayport* male receptacle, right angle, through hole, dip type, gold (au) flash plating, soldertail length 1.80mm (.071"), 20 circuits, leadfree documents: 3d model product specification ps-47272-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 105020 application wire-to-board comments without flange. without cover component type receptacle overview displayport product name displayport* type n/a physical boot color n/a circuits (loaded) 20 circuits (maximum) 20 color - resin black gender male keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin-bismuth material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator no pcb retention yes pcb thickness recommended (in) 0.055 in pcb thickness recommended (mm) 1.40 mm packaging type embossed tape on reel panel mount without flange pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 0.50 mm pitch - term. interface (in) 0.039 in pitch - term. interface (mm) 0.50 mm plating min: mating (in) 2 plating min: mating (m) 0.05 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part yes polarized to pcb yes ports 1 temperature range - operating -20c to +85c termination interface: style through hole waterproof / dustproof no electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 105020 series
current - maximum per contact 0.5a grounding to panel yes shielded yes voltage - maximum 40v ac solder process data duration at max. process temperature (seconds) 3 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 2 process temperature max. c 250 material info reference - drawing numbers packaging specification pk-105020-001 product specification ps-47272-001 sales drawing SD-105020-003 * displayport is a trademark of vesa this document was generated on 05/31/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of SD-105020-003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X