Part Number Hot Search : 
FR16C100 EE08686 EV9800 PST9244 P1000 MBT2222 NCV33 S1308M
Product Description
Full Text Search
 

To Download R1131X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  R1131X series low voltage 300ma ldo regulator no.ea-116-061102 1 outline the R1131X series are cmos-based low voltage regulat or ics with output voltage range from 0.8v to 3.3v. the minimum operating voltage is 1.4v. each of these vo ltage regulator ics consists of a voltage reference unit, an error amplifier, resistors for setting output volt age, a current limit circuit, and a chip enable circuit. to prevent the destruction by over cu rrent, current limit circuit is included. standby mode realizes ultra small consumption current. the output voltage of these ics is internally fixed with high accuracy. since the packages for these ics are sot-23-5, son-6, and hson-6, high density mounting of the ics on boards is possible. features ? supply current ..................................................typ. 80 a (v out < 1.8v) typ. 60 a (v out > = 1.8v) ? standby mode ...................................................typ. 0.1 a ? low dropout volt age.........................................typ. 0.48v(i out = 300ma output voltage = 1.0v type) typ. 0.31v(i out = 300ma output voltage = 1.5v type) typ. 0.23v(i out = 300ma output voltage = 3.0v type) ? ripple rejectio n................................................typ. 65db(f = 1khz) ? low temperature-drift coefficient of output voltage typ. 100ppm/ c ? excellent line regula tion .................................typ. 0.01%/v ? output voltage accuracy................................... 2.0% ? packages .........................................................sot-23-5 , son-6, hson-6 ? output voltage rang e.......................................0.8v to 3.3v ? input voltage range .........................................1.4v to 3.3v ? built-in fold-back protection circuit ....................typ. 50ma (current at short mode) ? external capacitors...........................................c in = c out = tantalum 1.0 f (v out < 1 . 0v) c in = c out = ceramic 1.0 f (v out > = 1.0v) applications ? precision voltage references. ? power source for electrical appliances such as cameras, vcrs and hand-held communication equipment. ? power source for battery-powered equipment.
R1131X 2 block diagram R1131Xxxxa R1131Xxxxb v dd v out ce gnd current limit vref v dd v out ce gnd current limit vref R1131Xxxxd v dd v out ce gnd current limit vref selection guide the output voltage, the chip enable polarity, package ty pe, and the taping type for the ics can be selected at the user's request. the selection can be availabl e by designating the part number as shown below; R1131Xxx xx -xx -x part number a b a'c d e code contents a, a' designation of package type : r1131nxx1x: sot-23-5 (mini-mold) r1131dxx1x: son-6, r1131dxx2x: hson-6 b setting output voltage (v out ): stepwise setting with a step of 0.1v in t he range of 0.8v to 3.3v is possible. if the output = 1.85v, then the code is R1131X18xx5. if the output = 2.85v, then the code is R1131X28xx5. c designation of chip enable option : a:?l? active type. b:?h? active type. d:"h" active and with auto discharge function d designation of taping type : tr refer to taping specifications e designation of composition of plating: ? f : lead free plating (sot-23-5,son-6,hson-6)
R1131X 3 pin configurations sot-23-5 son-6 hson-6 1 2 3 4 5 (mark side) top view bottom view 6 5 4 4 5 6 1 2 3 3 2 1 ? ? top view bottom view 654 ? ? ? pin descriptions ? sot-23-5 ? son-6,hson-6 pin no. symbol description pin no. symbol description 1 v dd input pin 1 v dd input pin 2 gnd ground pin 2 nc no connection 3 ce or ce chip enable pin 3 v out output pin 4 nc no connection 4 nc no connection 5 v out output pin 5 gnd ground pin 6 ce or ce chip enable pin ? tab or tab suspension ieads in the parts have gnd level. (they are connected to the reverse side of this ic.) do not connect to other wires or land patterns. absolute maximum ratings symbol item rating unit v in input voltage 6.5 v v ce input voltage( ce /ce pin) ? 0.3 to 6.5 v v out output voltage ? 0.3 to v in + 0.3 v i out output current 350 ma power dissipation (sot23-5)* 1 420 power dissipation (son-6)* 1 500 p d power dissipation (hson-6)* 1 900 mw topt operating temperature range ? 40 to 85 c tstg storage temperature range ? 55 to 125 c *1) for power dissipation please refer to package information to be described.
R1131X 4 electrical characteristics ? R1131Xxxxa topt = 25 c symbol item conditions min. typ. max. unit v out < 1.8v 0.98 1.02 v v out output voltage v in = ? set v out + 1v 1 a < = i out < = < = ? 30 + 30 mv i out output current v in ? v out = 1.0v 300 ma ? v out / ? i out load regulation v in = set v out + 1v, 1ma < = i out < = = set v out + 1v,v out < 1.8v 80 111 a i ss1 supply current v in = set v out + 1v,v out > = 1.8v 60 90 a istandby supply current (standby) v in = v ce = set v out + 1v 0.1 1.0 a ? v out / ? v in line regulation i out = 30ma v out + 0.5v < = < = > 0.9v) 1.4v < = < = < = = 1khz, ripple 0.2vp-p v in = set v out + 1v,i out = 30ma 65 db v in input voltage 1.4 6.0 v ? v out / ? topt output voltage temperature coefficient i out = 30ma ? 40 c < = < = c 100 ppm / c i lim short current limit v out = 0v 50 ma r pu ce pull-up resistance 1.87 5.0 12.0 m ? v ceh ce input voltage ?h? 1.0 6.0 v v cel ce input voltage ?l? 0.0 0.3 v en output noise bw = 10hz to 100khz 30 vrms
R1131X 5 ? R1131Xxxxb/d topt = 25 c symbol item conditions min. typ. max. unit v out < 1.8v 0.98 1.02 v v out output voltage v in = set v out + 1v 1 a < = < = < = ? 30 + 30 mv i out output current v in ? v out = 1.0v 300 ma ? v out / ? i out load regulation v in = set v out + 1v 1ma < = < = = set v out + 1v,v out < 1.8v 80 111 a i ss1 supply current v in = set v out + 1v,v out > = 1.8v 60 90 a istandby supply current (standby) v in = set v out + 1v, v ce = gnd 0.1 1.0 a ? v out / ? v in line regulation i out = 30ma v out + 0.5v < = < = > 0.9v) 1.4v < = < = < = = 1khz, ripple 0.2vp-p v in = set v out + 1v,i out = 30ma 65 db v in input voltage 1.4 6.0 v ? v out / ? topt output voltage temperature coefficient i out = 30ma ? 40 c < = < = c 100 ppm / c i lim short current limit v out = 0v 50 ma r pd ce pull-down resistance 1.87 5.0 12.0 m ? v ceh ce input voltage ?h? 1.0 v in v v cel ce input voltage ?l? 0.0 0.3 v en output noise bw = 10hz to 100khz 30 vrms r low nch on resistance for auto discharge (applied to d version only) v ce = 0v 60 ? ? electrical characteristics by output voltage dropout voltage v dif (mv) output voltage v out (v) condition typ. max. 0.8 = v out 620 850 0.9 = v out 550 780 1.0 < = v out < 1.5 480 700 1.5 < = v out < 2.6 310 450 2.6 < = v out < = 3.3 i out = 300ma 230 350
R1131X 6 technical notes when using these ics, consider the following points: phase compensation in these ics, phase compensation is made for securing st able operation even if the load current is varied. for this purpose, be sure to use a 1.0 f or more capacitor c out with good frequency characteristics and esr (equivalent series resistance). (note: if a tantalum capacitor is connected to the output pin for phase compensation, if the esr value of the capacitor is too large, the operation mi ght be unstable. because of this, test these ics with as same external components as ones to be used on the pcb.) chip capacitor characteristics of bias dependence an d temperature characteristics may vary depending on its size, manufacturer, and part number. pcb layout make v dd and gnd lines sufficient. if their impedance is high, pick-up the noise or unstable operation may result. connect a capacitor with as much as 1.0mf capacitor between v dd and gnd pin as close as possible. set external components, especially t he output capacitor, as close as possi ble to the ics, and make wiring as short as possible. typical application v dd gnd out R1131X series c2 c1 in out ce ? cm05x5r105k06ab (kyocera) c1005jboj105k (tdk) grm155b30j105ke18b (murata) output capacitor; 1.0 f or more capacity ceramic type (if v out < 1.0v, tantalum type is recommended) input capacitor, 1.0 f or more capacity ceramic type
R1131X 7 test circuit ? c1 = c2 = tantalum v out <1.0v) c1 = c2 = ceramic1.0 f (v out > = 1.0v) v dd gnd out c1 c2 v i out v out ce ? ce R1131X series v dd gnd out R1131X series c1 c2 a out i ss ce ? ce ? c1 = c2 = tantalum v out <1.0v) c1 = c2 = ceramic1.0 f (v out > = standard test circuit supply current test circuit generator v dd gnd out R1131X series c2 p. g i out pulse ? c2 = tantalum v out <1.0v) c2 = ceramic1.0 f (v out > = ? ce generator v dd gnd out R1131X series c2 p. g i out pulse ? c2 = tantalum v out <1.0v) c2 = ceramic1.0 f (v out > = ? ce ripple rejection, line transient respons e load transient response test circuit test circuit pulse generato 0 v set v out +10v ? input signal waveform to ce pin is shown below. v dd gnd out R1131X series c1 c2 i out ce ? ce ? c1 = c2 = tantalum v out <1.0v) c1 = c2 = ceramic1.0 f (v out > = 1.0v) turn on speed vifh ce pin test circuit
R1131X 8 typical characteristics 1) output voltage vs. output current R1131X08xx R1131X15xx 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 100 200 300 400 500 600 output current l out (ma) output voltage v out (v) 1.45v v in =2.8v 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 100 200 300 400 500 600 output current l out (ma) output voltage v out (v) 2.0v v in =1.8v 3.5v 2.5v R1131X26xx R1131X33xx 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 100 200 300 400 500 600 output current l out (ma) output voltage v out (v) 4.6v v in =2.9v 3.6v 3.1v 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 100 200 300 400 500 600 output current l out (ma) output voltage v out (v) 3.8v v in =3.6v 5.3v 4.3v 2) output voltage vs. input voltage R1131X08xx R1131X15xx 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0123456 output voltage v out (v) i out = 1ma i out =30ma i out =50ma input voltage v in (v) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0123456 i out = 1ma i out =30ma i out =50ma output voltage v out (v) input voltage v in (v)
R1131X 9 R1131X26xx R1131X33xx 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0123456 i out = 1ma i out =30ma i out =50ma output voltage v out (v) input voltage v in (v) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0123456 input voltage v in (v) i out = 1ma i out =30ma i out =50ma output voltage v out (v) 3) supply current vs. input voltage R1131X08xx R1131X15xx 0 10 20 30 40 50 60 70 80 90 100 0123456 input voltage v in (v) supply current i ss ( a) 0 10 20 30 40 50 60 70 80 90 0123456 supply current i ss ( a) input voltage v in (v) R1131X26xx R1131X33xx 0 10 20 30 40 50 60 70 80 90 0123456 input voltage v in (v) supply current i ss ( a) 0 10 20 30 40 50 60 70 80 90 0123456 input voltage v in (v) supply current i ss ( a)
R1131X 10 4) output voltage vs. temperature R1131X08xx R1131X15xx 0.77 0.78 0.79 0.80 0.81 0.82 0.83 0.84 -40 -25 0 25 50 75 85 output voltage v out (v) temperature topt( c) 1.46 1.47 1.48 1.49 1.50 1.51 1.52 1.53 -40 -25 0 25 50 75 85 output voltage v out (v) temperature topt( c) R1131X26xx R1131X33xx 2.57 2.58 2.59 2.60 2.61 2.62 2.63 2.64 -40 -25 0 25 50 75 85 output voltage v out (v) temperature topt( c) 3.23 3.25 3.27 3.29 3.31 3.33 3.35 3.37 -40 -25 0 25 50 75 85 output voltage v out (v) temperature topt( c) 5) supply current vs. temperature R1131X08xx R1131X15xx 0 10 20 30 40 50 70 110 90 60 100 80 -40 -25 0 25 50 75 85 supply current i ss ( a) temperature topt( c) 0 10 20 30 40 50 60 80 70 -40 -25 0 25 50 75 85 supply current i ss ( a) temperature topt( c)
R1131X 11 R1131X26xx R1131X33xx 0 10 20 30 40 50 60 80 70 -40 -25 0 25 50 75 85 supply current i ss ( a) temperature topt( c) 0 10 20 30 40 50 60 80 70 -40 -25 0 25 50 75 85 supply current i ss ( a) temperature topt( c) 6) dropout voltage vs. output current R1131X08xx R1131X09xx 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 50 100 150 200 250 300 dropout voltage v dif (v) output current i out (ma) 85 c 25 c -40 c 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 50 100 150 200 250 300 dropout voltage v dif (v) output current i out (ma) 85 c 25 c -40 c R1131X10xx R1131X15xx 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 50 100 150 200 250 300 dropout voltage v dif (v) output current i out (ma) 85 c 25 c -40 c 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0 50 100 150 200 250 300 dropout voltage v dif (v) output current i out (ma) 85 c 25 c -40 c
R1131X 12 R1131X26xx R1131X33xx 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0 50 100 150 200 250 300 dropout voltage v dif (v) output current i out (ma) 85 c 25 c -40 c 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0 50 100 150 200 250 300 dropout voltage v dif (v) output current i out (ma) 85 c 25 c -40 c 7) dropout voltage vs. set output voltage (topt = 25 c) R1131Xxx1x 0 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.5 1 1.5 2 2.5 3 3.5 i out =10ma 50ma 200ma 30ma 100ma 300ma dropout voltage v dif (v) set output voltage v reg (v) 8) ripple rejection vs. input bias (topt = 25 c c in = none, c out = ceramic 1.0 f ripple 0.2v p-p ) R1131X26xx (i out = 1ma) R1131X26xx (i out = 30ma) 0 10 20 30 40 50 60 70 80 2.6 2.7 2.8 2.9 3.0 3.1 3.2 input voltage v in (v) ripple rejection rr(db) f = 400hz f = 10khz f = 1khz f = 100khz 0 10 20 30 40 50 60 70 80 2.6 2.7 2.8 2.9 3.0 3.1 3.2 f = 400hz f = 10khz f = 1khz f = 100khz input voltage v in (v) ripple rejection rr(db)
R1131X 13 R1131X26xx (i out = 50ma) 0 10 20 30 40 50 60 70 80 2.6 2.7 2.8 2.9 3.0 3.1 3.2 f = 400hz f = 10khz f = 1khz f = 100khz input voltage v in (v) ripple rejection rr(db) 9) ripple rejection vs. frequency (c in = none) R1131X08xx R1131X08xx 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 frequency f(khz) ripple rejection rr(db) i out = 1ma i out = 30ma i out = 50ma v in =1.8v dc +0.2vp-p, c out =tantalum 1.0 f 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =1.8v dc +0.2vp-p, c out =tantalum 2.2 f R1131X10xx R1131X10xx 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =2.0v dc +0.2vp-p, c out =ceramic 1.0 f 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =2.0v dc +0.2vp-p, c out =ceramic 2.2 f
R1131X 14 R1131X15xx R1131X15xx 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =2.5v dc +0.2vp-p, c out =ceramic 1.0 f 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =2.5v dc +0.2vp-p, c out =ceramic 2.2 f R1131X26xx R1131X26xx 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =3.6v dc +0.2vp-p, c out =ceramic 1.0 f 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =3.6v dc +0.2vp-p, c out =ceramic 2.2 f R1131X33xx R1131X33xx 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =4.3v dc +0.2vp-p, c out =ceramic 1.0 f 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 i out = 1ma i out = 30ma i out = 50ma frequency f(khz) ripple rejection rr(db) v in =4.3v dc +0.2vp-p, c out =ceramic 2.2 f
R1131X 15 10) input transient response (c in = none, tr = tf = 5 s) R1131X08xx R1131X10x 0.76 0.78 0.80 0.82 1 2 3 4 01020406080100 30 50 70 90 time t( s) output voltage v out (v) input voltage v in (v) input voltage output voltage i out =30ma, c out =tantalum 1.0 f 0.96 0.98 1.00 1.02 1 2 3 4 01020406080100 30 50 70 90 input voltage v in (v) time t( s) output voltage v out (v) input voltage output voltage i out =30ma, c out =ceramic 1.0 f R1131X26xx 2.56 2.58 2.60 2.62 3 4 5 01020406080100 30 50 70 90 time t( s) output voltage v out (v) input voltage v in (v) input voltage output voltage i out =30ma, c out =ceramic 1.0 f 11) load transient response (tr = tf = 0.5 s) R1131X08xx R1131X08xx 0.6 0.7 0.8 0.9 0 50 100 150 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =1.8v c in =tantalum 1.0 f, c out =tantalum 1.0 f 0.6 0.7 0.8 0.9 0 30 60 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =1.8v c in =tantalum 1.0 f, c out =tantalum 2.2 f
R1131X 16 R1131X10xx R1131X10xx 0.8 0.9 1.0 1.1 0 50 100 150 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =2.0v c in =ceramic 1.0 f, c out =ceramic 1.0 f 0.8 0.9 1.0 1.1 0 50 100 150 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =2.0v c in =ceramic 1.0 f, c out =ceramic 2.2 f R1131X10xx R1131X10xx 0.8 0.9 1.0 1.1 0 30 60 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =2.0v c in =ceramic 1.0 f, c out =ceramic 1.0 f 0.8 0.9 1.0 1.1 0 30 60 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =2.0v c in =ceramic 1.0 f, c out =ceramic 2.2 f R1131X26xx R1131X26xx 2.4 2.5 2.6 2.7 0 50 100 150 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =3.6v c in =ceramic 1.0 f, c out =ceramic 1.0 f 2.4 2.5 2.6 2.7 0 50 100 150 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =3.6v c in =ceramic 1.0 f, c out =ceramic 2.2 f
R1131X 17 R1131X26xx R1131X26xx 2.4 2.5 2.6 2.7 0 30 60 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =3.6v c in =ceramic 1.0 f, c out =ceramic 1.0 f 2.4 2.5 2.6 2.7 0 30 60 0 5 10 20 30 40 15 25 35 time t( s) output voltage v out (v) output current i out (ma) output current output voltage v in =3.6v c in =ceramic 1.0 f, c out =ceramic 2.2 f 12) turn on speed with ce pin R1131X08xx R1131X08xx 0 0.9 1.8 2.7 0 0.5 1.0 10 30 50 70 0 204060 time t( s) ce input voltage v ce (v) output voltage v out (v) 0v 1.8v i out =0ma output voltage ce input voltage v in =1.8v c in =tantalum 1.0 f, c out =tantalum 1.0 f 0 0.9 1.8 2.7 0 0.5 1.0 10 30 50 70 0204060 time t( s) ce input voltage v ce (v) output voltage v out (v) 0v 1.8v output voltage ce input voltage i out =30ma v in =1.8v c in =tantalum 1.0 f, c out =tantalum 1.0 f R1131X08xx R1131X33xx 0 0.9 1.8 2.7 0 0.5 1.0 10 30 50 70 0 204060 time t( s) ce input voltage v ce (v) output voltage v out (v) 0v 1.8v i out =300ma output voltage ce input voltage v in =1.8v c in =tantalum 1.0 f, c out =tantalum 1.0 f 0 4 2 6 0 1 2 4 3 20 60 100 140 0 40 80 120 time t( s) ce input voltage v ce (v) output voltage v out (v) 0v 4.3v i out =0ma output voltage ce input voltage v in =4.3v c in =ceramic 1.0 f, c out =ceramic 1.0 f
R1131X 18 R1131X33xx (eco = h) R1131X33xx (eco = l) 0 4 2 6 0 1 2 4 3 20 60 100 140 0 40 80 120 time t( s) ce input voltage v ce (v) output voltage v out (v) 0v 4.3v i out =30ma v in =4.3v c in =ceramic 1.0 f, c out =ceramic 1.0 f output voltage ce input voltage 0 4 2 6 0 1 2 4 3 20 60 100 140 0 40 80 120 time t( s) ce input voltage v ce (v) output voltage v out (v) 0v 4.3v i out =300ma v in =4.3v c in =ceramic 1.0 f, c out =ceramic 1.0 f output voltage ce input voltage 13) turn-off speed with ce R1131X08xd R1131X08xd 0 1.2 2.4 0.6 1.8 0 0.5 1.0 0.2 0.6 1.0 0 0.4 0.8 1.2 time t(ms) ce input voltage v ce (v) output voltage v out (v) 1.8v 0v i out =0ma output voltage ce input voltage v in =1.8v c in =tantalum 1.0 f, c out =tantalum 1.0 f 0 1.2 2.4 0.6 1.8 0 0.5 1.0 0.2 0.6 1.0 0 0.4 0.8 1.2 time t(ms) ce input voltage v ce (v) output voltage v out (v) 1.8v 0v i out =30ma output voltage ce input voltage v in =1.8v c in =tantalum 1.0 f, c out =tantalum 1.0 f R1131X08xd R1131X33xd 0 1.2 2.4 0.6 1.8 0 0.5 1.0 0.2 0.6 1.0 0 0.4 0.8 1.2 time t(ms) ce input voltage v ce (v) output voltage v out (v) 1.8v 0v i out =300ma output voltage ce input voltage v in =1.8v c in =tantalum 1.0 f, c out =tantalum 1.0 f 1 4 3 5 0 2 0 1 2 3 4 0.1 0.3 0.5 0.7 0 0.2 0.4 0.6 time t(ms) ce input voltage v ce (v) output voltage v out (v) 4.3v 0v i out =0ma v in =4.3v c in =ceramic 1.0 f, c out =ceramic 1.0 f output voltage ce input voltage
R1131X 19 R1131X33xd R1131X33xd 1 4 3 5 0 1 2 3 0 2 4 0.1 0.3 0.5 0.7 0 0.2 0.4 0.6 time t(ms) ce input voltage v ce (v) output voltage v out (v) 4.3v 0v i out =30ma output voltage ce input voltage v in =4.3v c in =ceramic 1.0 f, c out =ceramic 1.0 f 1 4 3 5 0 1 2 3 0 2 4 0.1 0.3 0.5 0.7 0 0.2 0.4 0.6 time t(ms) ce input voltage v ce (v) output voltage v out (v) 4.3v 0v i out =300ma output voltage ce input voltage v in =4.3v c in =ceramic 1.0 f, c out =ceramic 1.0 f
R1131X 20 esr vs. output current when using these ics, consider the following points: in these ics, phase compensation is made for securing st able operation even if the load current is varied. for this purpose, be sure to use a capacitor c out with good frequency characteristics and esr (equivalent series resistance) of which is in the range described as follows: the relations between i out (output current) and esr of output capacitor are shown below. the conditions when the white noise level is under 40 v(avg.) are marked as the hatched area in the graph. (1) frequency band: 10hz to 2mhz (2) temperature: 25 c R1131X08xx R1131X10xx 0.01 0.1 1 10 100 0 50 100 150 200 250 300 output current l out (ma) esr ( ? ) v in =1.4v to 6.0v, c in = ceramic 1.0v f c out = ceramic 1.0 f 0.01 0.1 1 10 100 0 50 100 150 200 250 300 output current l out (ma) esr ( ? ) v in =1.4v to 6.0v, c in = ceramic 1.0v f c out = ceramic 1.0 f R1131X26xx R1131X15xx 0.01 0.1 1 10 100 0 50 100 150 200 250 300 output current l out (ma) esr ( ? ) v in =3.0v to 6.0v, c in = ceramic 1.0v f c out = ceramic 1.0 f 0.01 0.1 1 10 100 0 50 100 150 200 250 300 output current l out (ma) esr ( ? ) v in =2.0v to 6.0v, c in = ceramic 1.0v f c out = ceramic 1.0 f
R1131X 21 R1131X33xx 0.01 0.1 1 10 100 0 50 100 150 200 250 300 output current l out (ma) esr ( ? ) v in =3.6v to 6.0v, c in = ceramic 1.0v f c out = ceramic 1.0 f
package information pe-son-6-0611 ? son-6 unit: mm package dimensions 3.0 0.15 2.6 0.2 0.13 0.05 1.6 0.2 0.2 0.1 0.85max. (0.3) 1.34 (0.3) attention: tab suspension leads in the parts have v dd or gnd level.(they are connected to the reverse side of this ic.) refer to pin discription. do not connect to other wires or land patterns. bottom view 0.1 0.5 1 3 6 4 taping specification 1.7max. 0.2 0.1 4.0 0.1 2.0 0.05 4.0 0.1 1.9 3.2 8.0 0.3 1.75 0.1 3.5 0.05 1.5 +0.1 0 ? ? 1.1 0.1 tr user direction of feed taping reel dimensions reuse reel (eiaj-rrm-08bc) (1reel=3000pcs) 21 0.8 2 0.5 13 0.2 180 60 0 ? 1.5 +1 0 11.4 1.0 9.0 0.3
package information pe-son-6-0611 power dissipation (son-6) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plactic (double sided) board dimensions 40mm 40mm 1.6mm copper ratio top side : approx. 50% , back side : approx. 50% through-hole 0.5mm 44pcs measurement result (topt=25 c,tjmax=125 c) standard land pattern free air power dissipation 500mw 250mw thermal resistance ja = (125 ? 25 c)/0.5w = 200 c/w - 0 50 100 25 75 85 125 150 ambient temperature ( c) 0 200 250 100 300 400 500 600 power dissipation p d (mw) free air on board 40 40 power dissipation measurement board pattern ic mount area (unit : mm) recommended land pattern 0.5 0.75 1.05 0.25 (unit: mm)
package information pe-hson-6-0611 ? hson-6 unit: mm package dimensions 3.0 0.2 0.9max. 2.8 0.2 0.3 0.1 2.9 0.2 0.15 0.05 6 4 1 3 0.1 0.1 0.95 m (1.5) (0.15) (0.2) (0.2) (1.6) (0.65) 0.5typ. attention: tab suspension leads in the parts have v dd or gnd level.(they are connected to the reverse side of this ic.) refer to pin discription. do not connect to other wires or land patterns. bottom view taping specification 2.0max. 0.2 0.1 4.0 0.1 2.0 0.05 4.0 0.1 3.3 3.2 8.0 0.3 1.75 0.1 3.5 0.05 ? 1.5 +0.1 0 ? 1.1 0.1 tr user direction of feed taping reel dimensions reuse reel (eiaj-rrm-08bc) (1reel=3000pcs) 11.4 1.0 9.0 0.3 21 0.8 2 0.5 13 0.2 180 60 0 ? 1.5 +1 0
package information pe-hson-6-0611 power dissipation (hson-6) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plactic (double sided) board dimensions 40mm 40mm 1.6mm copper ratio top side : approx. 50% , back side : approx. 50% through-hole 0.5mm 44pcs measurement result (topt=25 c,tjmax=125 c) standard land pattern free air power dissipation 900mw 400mw thermal resistance ja = (125 ? 25 c)/0.9w = 111 c/w 250 c/w 0 50 100 25 75 85 125 150 ambient temperature ( c) 0 500 300 700 900 1100 400 200 100 600 800 1000 1200 power dissipation p d (mw) on board free air 40 40 power dissipation measurement board pattern ic mount area unit : mm recommended land pattern 0.95 0.65 1.15 1.7 0.35 1.6 (unit: mm)
package information pe-sot-23-5-0610 ? sot-23-5 (sc-74a) unit: mm package dimensions 2.9 0.2 0.4 0.1 1.9 0.2 (0.95) (0.95) 54 123 +0.2 ? 0.1 1.6 +0.2 ? 0.1 1.1 +0.1 ? 0.05 0.15 2.80.3 0 to 0.1 0.8 0.1 0.2 min. taping specification 2.0max. 0.30.1 4.00.1 2.00.05 4.00.1 3.3 3.2 8.00.3 1.750.1 3.50.05 1.5 +0.1 0 ? 1.1 0.1 tr user direction of feed taping reel dimensions reuse reel (eiaj-rrm-08bc) (1reel=3000pcs) 2 0.5 11.4 1.0 9.0 0.3 13 0.2 ? 60 ? +1 0 180 ? 0 ? 1.5 21 0.8
package information pe-sot-23-5-0610 power dissipation (sot-23-5) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: (power dissipation (sot-23-5) is substitution of sot-23-6.) measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plactic (double sided) board dimensions 40mm 40mm 1.6mm copper ratio top side : approx. 50% , back side : approx. 50% through-hole 0.5mm 44pcs measurement result (topt=25 c,tjmax=125 c) standard land pattern free air power dissipation 420mw 250mw thermal resistance ja = (125 ? 25 c)/0.42w = 263 c/w 400 c/w 0 50 100 25 75 85 125 150 ambient temperature ( c) 0 200 100 300 400 250 420 500 600 power dissipation p d (mw) on board free air 40 40 power dissipation measurement board pattern ic mount area unit : mm recommended land pattern 0.7 max. 0.95 0.95 1.9 2.4 1.0 (unit: mm)
mark inf o rma t ion me-r1 1 3 1 dx x1-0 609 r1131dxx1x series mark specification ? son-6 1 2 3 4 1 , 2 : product cod e (refe r to part numb er vs. produ ct cod e ) 3 , 4 : lot numbe r ? part numb er vs. prod uct code prod uct co de prod uct co de prod uct co de part number 1 2 part number 1 2 part number 1 2 r1131d08 1 a f 8 r1131d08 1 b l 8 r1131d08 1d r 8 r1131d09 1 a f 9 r1131d09 1 b l 9 r1131d09 1d r 9 r1131d10 1 a g 0 r1131d10 1 b m 0 r1131d10 1d s 0 r1131d11 1 a g 1 r1131d11 1 b m 1 r1131d11 1d s 1 r1131d12 1 a g 2 r1131d12 1 b m 2 r1131d12 1d s 2 r1131d13 1 a g 3 r1131d13 1 b m 3 r1131d13 1d s 3 r1131d14 1 a g 4 r1131d14 1 b m 4 r1131d14 1d s 4 r1131d15 1 a g 5 r1131d15 1 b m 5 r1131d15 1d s 5 r1131d16 1 a g 6 r1131d16 1 b m 6 r1131d16 1d s 6 r1131d17 1 a g 7 r1131d17 1 b m 7 r1131d17 1d s 7 r1131d18 1 a g 8 r1131d18 1 b m 8 r1131d18 1d s 8 r1131d19 1 a g 9 r1131d19 1 b m 9 r1131d19 1d s 9 r1131d20 1 a h 0 r1131d20 1 b n 0 r1131d20 1d t 0 r1131d21 1 a h 1 r1131d21 1 b n 1 r1131d21 1d t 1 r1131d22 1 a h 2 r1131d22 1 b n 2 r1131d22 1d t 2 r1131d23 1 a h 3 r1131d23 1 b n 3 r1131d23 1d t 3 r1131d24 1 a h 4 r1131d24 1 b n 4 r1131d24 1d t 4 r1131d25 1 a h 5 r1131d25 1 b n 5 r1131d25 1d t 5 r1131d26 1 a h 6 r1131d26 1 b n 6 r1131d26 1d t 6 r1131d27 1 a h 7 r1131d27 1 b n 7 r1131d27 1d t 7 r1131d28 1 a h 8 r1131d28 1 b n 8 r1131d28 1d t 8 r1131d29 1 a h 9 r1131d29 1 b n 9 r1131d29 1d t 9 r1131d30 1 a j 0 r1131d30 1 b p 0 r1131d30 1d u 0 r1131d31 1 a j 1 r1131d31 1 b p 1 r1131d31 1d u 1 r1131d32 1 a j 2 r1131d32 1 b p 2 r1131d32 1d u 2 r1131d33 1 a j 3 r1131d33 1 b p 3 r1131d33 1d u 3 r1131d18 1 a 5 k 0 r1131d18 1 b 5 q 0 r1131d18 1d5 v 0 r1131d28 1 a 5 k 1 r1131d28 1 b 5 q 1 r1131d28 1d5 v 1 r1131d12 1 a 5 k 2 r1131d12 1 b 5 q 2 r1131d12 1d5 v 2
mark inf o rma t ion me-r1 1 31dxx2-0609 r1131dxx2 series mark specification ? hson-6 2 3 5 6 1 4 1 : f (fixed) 2 , 3 : setting volt age (refer to part numb er vs. p r odu ct co de ) 4 : type (a, b, d) 5 , 6 : lot numbe r ? part numb er vs. prod uct code prod uct co de prod uct co de prod uct co de part number 1 2 3 4 part number 1 2 3 4 part number 1 2 3 4 r1131d08 2a f 0 8 a r 1 1 3 1 d 0 8 2b f 0 8 b r1131d08 2d f 0 8 d r1131d09 2a f 0 9 a r 1 1 3 1 d 0 9 2b f 0 9 b r1131d09 2d f 0 9 d r1131d10 2a f 1 0 a r 1 1 3 1 d 1 0 2b f 1 0 b r1131d10 2d f 1 0 d r1131d11 2a f 1 1 a r 1 1 3 1 d 1 1 2b f 1 1 b r1131d11 2d f 1 1 d r1131d12 2a f 1 2 a r 1 1 3 1 d 1 2 2b f 1 2 b r1131d12 2d f 1 2 d r1131d13 2a f 1 3 a r 1 1 3 1 d 1 3 2b f 1 3 b r1131d13 2d f 1 3 d r1131d14 2a f 1 4 a r 1 1 3 1 d 1 4 2b f 1 4 b r1131d14 2d f 1 4 d r1131d15 2a f 1 5 a r 1 1 3 1 d 1 5 2b f 1 5 b r1131d15 2d f 1 5 d r1131d16 2a f 1 6 a r 1 1 3 1 d 1 6 2b f 1 6 b r1131d16 2d f 1 6 d r1131d17 2a f 1 7 a r 1 1 3 1 d 1 7 2b f 1 7 b r1131d17 2d f 1 7 d r1131d18 2a f 1 8 a r 1 1 3 1 d 1 8 2b f 1 8 b r1131d18 2d f 1 8 d r1131d19 2a f 1 9 a r 1 1 3 1 d 1 9 2b f 1 9 b r1131d19 2d f 1 9 d r1131d20 2a f 2 0 a r1131d20 2b f 2 0 b r1131d20 2d f 2 0 d r1131d21 2a f 2 1 a r1131d21 2b f 2 1 b r1131d21 2d f 2 1 d r1131d22 2a f 2 2 a r1131d22 2b f 2 2 b r1131d22 2d f 2 2 d r1131d23 2a f 2 3 a r1131d23 2b f 2 3 b r1131d23 2d f 2 3 d r1131d24 2a f 2 4 a r1131d24 2b f 2 4 b r1131d24 2d f 2 4 d r1131d25 2a f 2 5 a r1131d25 2b f 2 5 b r1131d25 2d f 2 5 d r1131d26 2a f 2 6 a r1131d26 2b f 2 6 b r1131d26 2d f 2 6 d r1131d27 2a f 2 7 a r1131d27 2b f 2 7 b r1131d27 2d f 2 7 d r1131d28 2a f 2 8 a r1131d28 2b f 2 8 b r1131d28 2d f 2 8 d r1131d29 2a f 2 9 a r1131d29 2b f 2 9 b r1131d29 2d f 2 9 d r1131d30 2a f 3 0 a r1131d30 2b f 3 0 b r1131d30 2d f 3 0 d r1131d31 2a f 3 1 a r1131d31 2b f 3 1 b r1131d31 2d f 3 1 d r1131d32 2a f 3 2 a r1131d32 2b f 3 2 b r1131d32 2d f 3 2 d r1131d33 2a f 3 3 a r1131d33 2b f 3 3 b r1131d33 2d f 3 3 d r1131d18 2a5 f 0 0 a r1131d18 2b5 f 0 0 b r1131d18 2d5 f 0 0 d r1131d28 2a5 f 0 1 a r1131d28 2b5 f 0 1 b r1131d28 2d5 f 0 1 d r1131d12 2a5 f 0 2 a r1131d12 2b5 f 0 2 b r1131d12 2d5 f 0 2 d
mark inf o rma t ion me-r1 1 3 1 n-0609 r1131n series mark specification ? sot-23-5 (sc-74a) 1 2 3 4 5 1 , 2 , 3 : product cod e (refe r to part numb er vs. produ ct cod e ) 4 , 5 : lot numbe r ? part numb er vs. prod uct code prod uct co de prod uct co de prod uct co de part number 1 2 3 part number 1 2 3 part number 1 2 3 r1131n08 1 a x 0 8 r1131n08 1 b y 0 8 r 1131n08 1d z 0 8 r1131n09 1 a x 0 9 r1131n09 1 b y 0 9 r 1131n09 1d z 0 9 r1131n10 1 a x 1 0 r1131n10 1 b y 1 0 r 1131n10 1d z 1 0 r1131n11 1 a x 1 1 r1131n11 1 b y 1 1 r 1131n11 1d z 1 1 r1131n12 1 a x 1 2 r1131n12 1 b y 1 2 r 1131n12 1d z 1 2 r1131n13 1 a x 1 3 r1131n13 1 b y 1 3 r 1131n13 1d z 1 3 r1131n14 1 a x 1 4 r1131n14 1 b y 1 4 r 1131n14 1d z 1 4 r1131n15 1 a x 1 5 r1131n15 1 b y 1 5 r 1131n15 1d z 1 5 r1131n16 1 a x 1 6 r1131n16 1 b y 1 6 r 1131n16 1d z 1 6 r1131n17 1 a x 1 7 r1131n17 1 b y 1 7 r 1131n17 1d z 1 7 r1131n18 1 a x 1 8 r1131n18 1 b y 1 8 r 1131n18 1d z 1 8 r1131n19 1 a x 1 9 r1131n19 1 b y 1 9 r 1131n19 1d z 1 9 r1131n20 1 a x 2 0 r1131n20 1 b y 2 0 r1131n20 1d z 2 0 r1131n21 1 a x 2 1 r1131n21 1 b y 2 1 r1131n21 1d z 2 1 r1131n22 1 a x 2 2 r1131n22 1 b y 2 2 r1131n22 1d z 2 2 r1131n23 1 a x 2 3 r1131n23 1 b y 2 3 r1131n23 1d z 2 3 r1131n24 1 a x 2 4 r1131n24 1 b y 2 4 r1131n24 1d z 2 4 r1131n25 1 a x 2 5 r1131n25 1 b y 2 5 r1131n25 1d z 2 5 r1131n26 1 a x 2 6 r1131n26 1 b y 2 6 r1131n26 1d z 2 6 r1131n27 1 a x 2 7 r1131n27 1 b y 2 7 r1131n27 1d z 2 7 r1131n28 1 a x 2 8 r1131n28 1 b y 2 8 r1131n28 1d z 2 8 r1131n29 1 a x 2 9 r1131n29 1 b y 2 9 r1131n29 1d z 2 9 r1131n30 1 a x 3 0 r1131n30 1 b y 3 0 r1131n30 1d z 3 0 r1131n31 1 a x 3 1 r1131n31 1 b y 3 1 r1131n31 1d z 3 1 r1131n32 1 a x 3 2 r1131n32 1 b y 3 2 r1131n32 1d z 3 2 r1131n33 1 a x 3 3 r1131n33 1 b y 3 3 r1131n33 1d z 3 3 r1131n18 1 a 5 x 0 0 r1131n18 1 b 5 y 0 0 r1131n18 1d5 z 0 0 r1131n28 1 a 5 x 0 1 r1131n28 1 b 5 y 0 1 r1131n28 1d5 z 0 1 r1131n12 1 a 5 x 0 2 r1131n12 1 b 5 y 0 2 r1131n12 1d5 z 0 2


▲Up To Search▲   

 
Price & Availability of R1131X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X