Part Number Hot Search : 
E121EI AD7712AQ FT441 IRFS4 AT28C AX2000 LD7202 AD7712AQ
Product Description
Full Text Search
 

To Download PCM-10586-5G00E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  stackable sbcs all product specifications are subject to change without notice last updated : 7-feb-2007 pcm-10586-5g installation wiring kit for pcm-9577fg the pcm-10586-5g cable kit includes the following cables: part no. cable description pcm-9577fg connector terminal connector 1701440350 2.5" and 1.8" ide cn12 44-pin, 2 mm, female idc (350 mm) 1701400452 3.5" ide dma/66 (40p) cn13 40-pin, 2.54 mm, female idc (450 mm) 1701340603 dual ?oppy, 3.5" and 5.25" (34-pin) cn24 34-pin dual ?oppy 1700260250 parallel port cn17 25-pin female dsub 1701100151 network, 1000 base-t cn8 rj45 8-pin modular jack 1701160101 vga crt cn22 2 x 8-pin header (2 mm) 15-pin dsub 1703060191 keyboard and ps/2 mouse cn27 5-pin circular din, 6-pin circular din 1703030300 peripheral power (-5 v and -12 v) cn7 (3-conductor) 1701400181 com 1-4 cable cn16 40-pin, 9-pin male dsub x 4 1700160160 audio cable cn6 f 3.5 mm 16-pin, 5 female phone jacks 1703100260 usb cable cn1, cn30, cn31 10-pin, ide 2.0 mm, usb x 2 (26 cm) 1. optional 24 bit lcd cable adapter (5 v) 9681000041, 24 bit lcd cable adapter (3.3 v) 9681000040 100 lan(cn3) ide2(cn12) ide1(cn13) ltp(cn17) fdd (cn24) k/bmouse (cn27) lcd(cn23) vga(cn22) audio (cn5) lcd(cn18) power peripheral (cn7) usb1, 2 (cn1) usb3, 4, 5, 6 (cn2) cn30. cn31 1000 lan (cn8) pcm-9577 rev .a2 ordering information ? PCM-10586-5G00E pcm-9577fg wiring kit


▲Up To Search▲   

 
Price & Availability of PCM-10586-5G00E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X