Part Number Hot Search : 
CDBW0520 PMT8350 74183 38860 3S482 MTZJ10C FDH300 MPS6511
Product Description
Full Text Search
 

To Download NSPE821MV8X108TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  51 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com ww w.smtmagnetics. com hybrid surface mount aluminum electrolytic capacitors nspe series part marking capacitance value voltage lot code series code 470 4v e17 characteristics features  cylindrical v-chip construction for surface mounting  super low esr & high ripple current  capacitance values up to 820 f  6.3x6.3mm ~ 10x10.8mm case sizes  designed for reflow soldering low esr component hybrid electrolyte for performance data see www.lowesr.com nspe 471 m 4v 8x10.8 tr 13 f rohs compliant 97% sn (min.), 3% bi (max.) 330mm (13?) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in f, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system cap. ( f) working votage (vdc) 4.0 6.3 10 22 - - 1,020 33 - - 1,020 47 - - 1,020 100 - 1,120 1,550 150 - - 1,550 220 - 1,550 1,550 330 - 1,550 1,550* 2090 390 - 1,550 2,090 470 1,550 2,090 2,090* 560 - 2,090 - 680 2,090 - - 820 2,180 - - cap. ( f) working votage (vdc) 4.0 6.3 10 22 - - 60 33 - - 60 47 - - 60 100 - 50 30 150 - - 30 220 - 30 30 330 - 30 30* 25 390 - 30 25 470 30 25 25* 560 - 25 - 680 25 - - 820 23 - - maximum perm issible ripple current (ma rms at 100khz and 105 o c) maximum esr (m ? at 100khz and 20 o c) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 4 ~ 10vdc rated capacitance range 22 ~ 820 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c less than 0.1cv or 50 a whichever is greater working and surge voltage ratings w.v. (vdc) 4 6.3 10 s.v. (vdc) 4.6 7.2 11.5 tan @ 120hz/20c all case sizes 0.24 0.22 0.20 impedance ratio z -55c/z +20c 2.5 z +105c/z +20c 1.0 load life test @ 105c 6.3mm dia. and all 4vdc parts = 1,000 hours 8mm ~ 10mm dia. parts = 2,000 hours capacitance change within 20% of initial measured value tan less than 200% of speci? ed max. value leakage current less than speci? ed max. value *low temperature re? ow soldering only *low temperature re? ow soldering only rohs compliant includes all homogeneous materials *see part number system for details
52 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nspe series dimensions (mm) land pattern dim. (mm) hybrid aluminum electrolytic capacitors diameter/voltage preheat (120 sec. max.) peak temperature time above 200c time above 230c 6.3mm/4v ~ 10v 150c ~ 180c 250c/5 sec. 60 sec. max. 40 sec. max. 8.0mm/4v ~ 10v 150c ~ 180c 240c/5 sec. 60 sec. max. 30 sec. max. 10mm/4v ~ 10v 150c ~ 180c 235c/5 sec. 50 sec. max. 5 sec. max. nspe471m6.3v10x10.8trxxf 150c ~ 180c 240c/5 sec. 60 sec. max. 30 sec. max. nspe331m10v8x10.8trxxf <150c 230c/5 sec. 30 sec. max. - nspe471m10v10x10.8trxxf peak temperature and duration recommended reflow soldering profile time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (see table for temperature) peak temperature (see table) 230 time above 230c (see table) + - aa p b case dia. a b p 6.3 3.5 1.6 1.9 8 4.2 2.2 3.1 10 4.4 2.2 4.5 standard product and case size table d x l (mm) 0.3mm max. d l + - i i w p a b cap ( f) code working voltage (vdc) 4.0 6.3 10 22 220 - - 6.3 x 6.3 33 330 - - 6.3 x 6.3 47 470 - - 6.3 x 6.3 100 101 - 6.3 x 6.3 8 x 10.8 150 151 - - 8 x 10.8 220 221 - 8 x 10.8 8 x 10.8 330 331 - 8 x 10.8 8 x 10.8* 10 x 10.8 390 391 - 8 x 10.8 10 x 10.8 470 471 8 x 10.8 10 x 10.8 10 x 10.8* 560 561 - 10 x 10.8 - 680 681 10 x 10.8 - - 820 821 10 x 10.8 - - d 0.5 l max. a/b 0.2 w i 0.2 p 0.2 6.3 6.3 6.8 0.5 ~ 0.8 2.55 2.2 8.0 10.8 8.3 0.7 ~ 1.0 2.9 3.2 10 10.8 10.3 1.1 ~ 1.4 3.2 4.6 *low temperature re? ow soldering only review & compare re? ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl


▲Up To Search▲   

 
Price & Availability of NSPE821MV8X108TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X