Part Number Hot Search : 
ADUM1286 FDR8702H MTB001 H5N2901 MPC536 MAX5453 G1812 ON2624
Product Description
Full Text Search
 

To Download NREWB820M450V18X315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  80 ? nic components corp. .niccomp. .lowesr. .rfpassives. .smtmagnetics. 81 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic capacitors nre-wb series high voltage, radial leads, extended temperature features ? high voltage (up through 450vdc) ? new reduced sizes ? +105 o c extended temperature and load life nre-wb series characteristics maximum permissible ripple current (ma rms at 100kh z and 105 o c ) standard product and case size d x l (mm) ripple current frequecy correction factor d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking part numbering system nrewb 100 m 400v 10x20 f . rohs compliant case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signif cant, third character is multiplier series series case size (d working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signif cant, third character is multiplier series series rohs compliant case size (d working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters case size (d working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters capacitance code: first 2 characters rohs compliant case size (d working voltage (vdc) tolerance code (m=20%) rohs compliant case size (d working voltage (vdc) working voltage (vdc) rohs compliant case size (d rohs compliant rohs compliant rohs compliant includes all homogeneous materials *see part number system for details *see part number system for details cap. ( f) working voltage (vdc) 200 250 350 400 450 10 - - - 300 350 22 600 560 - - 680 33 650 710 - 900 850 68 - 1000 - - - 82 - - 1100 - - 220 2000 - - - - cap. ( f) working voltage (vdc) 200 250 350 400 450 10 - - - 39.81 39.81 22 11.31 11.31 - - 18.09 33 7.54 7.54 - 12.06 12.06 68 - 3.66 - - - 82 - - 4.05 - - 220 1.13 - - - - maximum esr ( ? at 100kh z and 20 o c ) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specif c application - process details with nics technical support personnel: tpmg@niccomp.com rated voltage range rated voltage range 200 ~ 450vdc capacitance range capacitance range 10 ~ 220 f operating temperature range operating temperature range -25c ~ +105c capacitance tolerance 20% (m) maximum leakage current @ 20c 0.03cv +10 a after 2 minutes max. tan @ 120hz/20c w.v. 200 250 350 400 450 s.v. 250 300 400 450 500 tan 0.15 0.15 0.20 0.24 0.24 low temperature stability impedance ratio @ 120hz impedance ratio @ 120hz z-25c/z+20c 3 3 4 6 6 load life test at rated w.v. +105c 8,000 hours: 10 +105c 10,000 hours: 12.5 & up & up capacitance change capacitance change within 20% of initial measured value tan less than 200% of specif ed maximum value less than 200% of specif ed maximum value leakage current leakage current less than specif ed maximum value less than specif ed maximum value shelf life test +105c 1,000 hours with no load shall meet same requirements as in load life test cap. value frequency (hz) 50 120 1k 10k 100k <100 f 0.30 0.40 0.70 0.90 1.0 > 100 f 0.35 0.45 0.75 0.90 1.0 cap. ( f) code working voltage (vdc) 200 250 350 400 450 10 100 - - - 10x20 12.5x20 22 220 10x20 10x20 - - 16x20 33 330 10x20 12.5x20 - 16x20 18x25 68 680 - 16x20 - - - 82 820 - - 18x25 - - 220 221 18x31.5 - - - - lead spacing and diameter (mm) = l < 20mm = 1.5mm, l > 20mm = 2.0mm case dia. (d ) 10 12.5 16 18 lead dia. (d ) 0.6 0.6 0.8 0.8 lead spacing (f) 5.0 5.0 7.5 7.5 dim 0.5 0.5 0.5 0.5


▲Up To Search▲   

 
Price & Availability of NREWB820M450V18X315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X