Part Number Hot Search : 
OPB120A CDZFH36B EA100 2N2288 34072 CDZFH36B 2SK40 ELECT
Product Description
Full Text Search
 

To Download NBXSBA023LN1TAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 october, 2009 ? rev. 2 1 publication order number: nbxsbb023/d nbxsbb023, nbxsba023 3.3 v, 400 mhz lvpecl clock oscillator the nbxsbb023/nbxsba023 single frequency crystal oscillator (xo) is designed to meet today?s requirements for 3.3 v lvpecl clock generation applications. the device uses a high q fundamental crystal and phase lock loop (pll) multiplier to provide 400 mhz, ultra low jitter and phase noise lvpecl differential output. this device is a member of on semiconductor?s pureedge  clock family that provides accurate and precision clock solutions. available in 5 mm x 7 mm smd (clcc) package on 16 mm tape and reel in quantities of 1,000. frequency stability option available as either 50 ppm nbxsba023 or 20 ppm nbxsbb023. features ? lvpecl differential output ? uses high q fundamental mode crystal and pll multiplier ? ultra low jitter and phase noise ? 0.5 ps (12 khz ? 20 mhz) ? hermetically sealed ceramic smd package ? rohs compliant ? operating range 3.3 v 10% ? total frequency stability ?  20 ppm or  50 ppm applications ? networking ? spi ? 4 figure 1. simplified logic diagram pll clock multiplier crystal gnd nc oe clk clk v dd 654 123 this document contains information on a product under development. on semiconductor reserves the right to change or discontinue this product without notice. http://onsemi.com device package shipping ? ordering information ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. nbxsbb023ln1tag* clcc ? 6 (pb ? free) 1000/ tape & reel marking diagrams nbxsbb023 = nbxsbb023 ( 20 ppm)* nbxsba023 = nbxsba023 ( 50 ppm) 400 = output frequency (mhz) aa = assembly location wl = wafer lot yy = year ww = work week g = pb ? free package 6 pin clcc tbd suffix case 848ab nbxsbb023 400 aawlyywwg NBXSBA023LN1TAG clcc ? 6 (pb ? free) 1000/ tape & reel nbxsba023 400 aawlyywwg * please contact factory for availability nbxsba023lnhtag clcc ? 6 (pb ? free) 100/ tape & reel
nbxsbb023, nbxsba023 http://onsemi.com 2 nc oe gnd clk v dd clk 1 2 3 6 5 4 figure 2. pin connections (top view) table 1. pin description pin no. symbol i/o description 1 ? no connect. ? inverted clock output. typically loaded with 50  receiver termination resistor to v tt = v dd ? 2 v.  receiver termination resistor to v tt = v dd ? 2 v. 10%. table 2. output enable tri ? state function oe pin output pins open active high level active low level high z table 3. attributes characteristic value input default state resistor 170 k  esd protection human body model machine model 2 kv 200 v meets or exceeds jedec standard eia/jesd78 ic latchup test 1. for additional moisture sensitivity information, refer to application note and8003/d. table 4. maximum ratings symbol parameter condition 1 condition 2 rating units v dd positive power supply gnd = 0 v 4.6 v i out lvpecl output current continuous surge 25 50 ma t a operating temperature range ? 40 to +85 c t stg storage temperature range ? 55 to +120 c t sol wave solder see figure 5 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability.
nbxsbb023, nbxsba023 http://onsemi.com 3 table 5. dc characteristics (v dd = 3.3 v 10%, gnd = 0 v, t a = ? 40 c to +85 c) symbol characteristic conditions min. typ. max. units i dd power supply current (note 2) 85 100 ma v ih oe input high voltage 2000 v dd mv v il oe input low voltage gnd ? 300 800 mv i ih input high current oe ? 100 +100  a i il input low current oe ? 100 +100  a v oh output high voltage (note 2) v dd = 3.3 v v dd ? 1145 2155 v dd ? 895 2405 mv v ol output low voltage (note 2) v dd = 3.3 v v dd ? 1945 1355 v dd ? 1600 1700 mv v outpp output voltage amplitude (note 2) 680 mv note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 ifpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. measurement taken with outputs terminated with 50 ohm to v dd ? 2 v. table 6. ac characteristics (v dd = 3.3 v 10%, gnd = 0 v, t a = ? 40 c to +85 c) (note 3) symbol characteristic conditions min. typ. max. units f clkout output clock frequency 400 mhz  f frequency stability ? nbxsbb023 frequency stability ? nbxsba023 0 c to +70 c ? 40 c to +85 c (note 4) 20 50 ppm  noise phase ? noise performance 100 hz of carrier ? 99 dbc/hz f clkout = 400 mhz 1 khz of carrier ? 11 5 dbc/hz 10 khz of carrier ? 121 dbc/hz 100 khz of carrier ? 123 dbc/hz 1 mhz of carrier ? 131 dbc/hz 10 mhz of carrier ? 157 dbc/hz t jit (  ) rms phase jitter 12 khz to 20 mhz 0.5 0.9 ps t jitter cycle to cycle, rms 1000 cycles 2.5 15 ps cycle to cycle, peak ? to ? peak 1000 cycles 14 40 ps period, rms 10,000 cycles 1.5 7.0 ps period, peak ? to ? peak 10,000 cycles 9 30 ps t oe/od output enable/disable time 200 ns t duty_cycle output clock duty cycle (measured at cross point) 48 50 52 % t r output rise time (20% and 80%) 250 ps t f output fall time (80% and 20%) 250 ps t start start ? up time 1 5 ms aging 1 st year 3 ppm every year after 1 st 1 ppm note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 ifpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. measurement taken with outputs terminated with 50 ohm to v dd ? 2 v. 4. parameter guarantees 10 years of aging. includes initial stability at 25 c, shock, vibration, and first year aging.
nbxsbb023, nbxsba023 http://onsemi.com 4 figure 3. typical phase noise plot table 7. reliability compliance parameter standard method shock ? std ? 833, method 2002, condition b ? std ? 833, method 2003 ? std ? 833, method 2007, condition a ? std ? 202, method 215 ? std ? 833, method 1011, condition a c per ipc/jedec j ? std ? 020d
nbxsbb023, nbxsba023 http://onsemi.com 5 figure 4. typical termination for output driver and device evaluation (see application note and8020/d ? termination of ecl logic devices.) receiver device clk d clk d z o = 50  z o = 50  50  50  v tt = v dd ? 2.0 v nbxsbb023/nbxsba023 device driver 260 217 175 150 temperature ( c) temp. 260 c 20 ? 40 sec. max. time 60  180 sec. 3 c/sec. max. cooling 6 c/sec. max. 60  150 sec. reflow peak pre ? heat ramp ? up figure 5. recommended reflow soldering profile
nbxsbb023, nbxsba023 http://onsemi.com 6 package dimensions 6 pin clcc, 7x5, 2.54p case 848ab ? 01 issue a notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. a b e d bottom view b e 6x 0.10 b 0.05 a c c 0.15 c terminal 1 indicator top view a a1 a3 0.10 c c seating plane side view l 6x 1 2 5 6 d3 dim a min nom max millimeters 1.70 1.80 1.90 a1 0.70 ref b 1.30 1.40 1.50 d1 6.17 6.20 6.23 d2 6.66 6.81 6.96 e1 4.37 4.40 4.43 r 0.70 ref l 1.17 1.27 1.37 a2 0.36 ref a3 0.08 0.10 0.12 d 7.00 bsc d3 5.08 bsc e 5.00 bsc e2 4.65 4.80 4.95 e3 3.49 bsc e 2.54 bsc d1 e1 d2 e2 a2 3 4 e3 r 4x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* pitch 2.54 1.50 6x 5.06 1.50 6x dimension: millimeters on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 nbxsbb023/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80237 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NBXSBA023LN1TAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X