Part Number Hot Search : 
DF08S 2415A 2415W MAX4376 ICL7662 1DU13R MAX4586 TVR10101
Product Description
Full Text Search
 

To Download NBXSBA020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2008 may, 2008 - rev. 2 1 publication order number: nbxsbb020/d nbxsbb020, NBXSBA020 3.3 v, 280 mhz lvpecl clock oscillator the nbxsbb020/NBXSBA020 single frequency crystal oscillator (xo) is designed to meet today's requirements for 3.3v lvpecl clock generation applications. the device uses a high q fundamental crystal and phase lock loop (pll) multiplier to provide 280 mhz, ultra low jitter and phase noise lvpecl differential output. this device is a member of on semiconductor's pureedge  clock family that provides accurate and precision clock solutions. available in 5 mm x 7 mm smd (clcc) package on 16 mm tape and reel in quantities of 1,000. frequency stability options available as either 50 ppm NBXSBA020 or 20 ppm nbxsbb020. features ? lvpecl differential output ? uses high q fundamental mode crystal and pll multiplier ? ultra low jitter and phase noise - 0.4 ps (12 khz - 20 mhz) ? output frequency - 280 mhz ? hermetically sealed ceramic smd package ? rohs compliant ? operating range 3.3 v 10% ? total frequency stability - 20 ppm* or 50 ppm applications ? servers figure 1. simplified logic diagram pll clock multiplier crystal gnd nc oe clk clk v dd 654 123 http://onsemi.com ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. device package shipping ? ordering information nbxsbb020ln1tag* clcc-6 (pb-free) 1000/ tape & reel marking diagrams nbxsbb020 = nbxsbb020 ( 20 ppm)* NBXSBA020 = NBXSBA020 ( 50 ppm) 280 = output frequency (mhz) a = assembly location wl = wafer lot yy = year ww = work week 6 pin clcc ln suffix case 848ab nbxsbb020 280 awlyyww NBXSBA020ln1tag clcc-6 (pb-free) 1000/ tape & reel NBXSBA020 280 awlyyww * please contact sales office for availability
nbxsbb020, NBXSBA020 http://onsemi.com 2 nc oe gnd clk v dd clk 1 2 3 6 5 4 figure 2. pin connections (top view) table 1. pin description pin no. symbol i/o description 1  receiver termination resistor to v tt = v dd - 2 v.  receiver termination resistor to v tt = v dd - 2 v. 10%. table 2. output enable tri-state function oe pin output pins open active high level active low level high z table 3. attributes characteristic value internal default state resistor 170 k  esd protection human body model machine model 2 kv 200 v meets or exceeds jedec standard eia/jesd78 ic latchup test 1. for additional moisture sensitivity information, refer to application note and8003/d. table 4. maximum ratings symbol parameter condition 1 condition 2 rating units v dd positive power supply gnd = 0 v 4.6 v i out lvpecl output current continuous surge 25 50 ma t a operating temperature range -40 to +85 c t stg storage temperature range -55 to +120 c t sol wave solder see figure 5 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability.
nbxsbb020, NBXSBA020 http://onsemi.com 3 table 5. dc characteristics (v dd = 3.3 v 10%, gnd = 0 v, t a = -40 c to +85 c) (note 2) symbol characteristic conditions min. typ. max. units i dd power supply current (note 2) 75 100 ma v ih oe and fsel input high voltage 2000 v dd mv v il oe and fsel input low voltage gnd - 300 800 mv i ih input high current oe fsel -100 -100 +100 +100  a i il input low current oe fsel -100 -100 +100 +100  a v oh output high voltage (note 2) v dd = 3.3 v v dd -1195 2105 v dd -945 2355 mv v ol output low voltage (note 2) v dd = 3.3 v v dd -1945 1355 v dd -1600 1700 mv v outpp output voltage amplitude (note 2) 700 mv note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 ifpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. measurement taken with outputs terminated with 50 ohm to v dd -2 v. see figure 4.
nbxsbb020, NBXSBA020 http://onsemi.com 4 table 6. ac characteristics (v dd = 3.3 v 10%, gnd = 0 v, t a = -40 c to +85 c) (note 3) symbol characteristic conditions min. typ. max. units f clkout output clock frequency 280 mhz  f frequency stability - nbxsbb020 frequency stability - NBXSBA020 0 c to +70 c -40 c to +85 c (note 4) 20 50 ppm  noise phase-noise performance 100 hz of carrier -102 dbc/hz f clkout = 280 mhz (see figure 3) 1 khz of carrier -114 dbc/hz 10 khz of carrier -123 dbc/hz 100 khz of carrier -123 dbc/hz 1 mhz of carrier -132 dbc/hz 10 mhz of carrier -157 dbc/hz t jit (  ) rms phase jitter 12 khz to 20 mhz 0.4 0.9 ps t jitter cycle to cycle, rms 1000 cycles 2 8 ps cycle to cycle, peak-to-peak 1000 cycles 13 30 ps period, rms 10,000 cycles 1 4 ps period, peak-to-peak 10,000 cycles 10 20 ps t oe/od output enable/disable time 200 ns t duty_cycle output clock duty cycle (measured at cross point) 48 50 52 % t r output rise time (20% and 80%) 250 400 ps t f output fall time (80% and 20%) 250 400 ps t start start-up time 1 5 ms aging 1 st year 3 ppm every year after 1 st 1 ppm note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 ifpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. measurement taken with outputs terminated with 50 ohm to v dd -2 v. see figure 4. 4. parameter guarantees 10 years of aging. includes initial stability at 25 c, shock, vibration, and first year aging. figure 3. typical phase noise plot
nbxsbb020, NBXSBA020 http://onsemi.com 5 table 7. reliability compliance parameter standard method shock c per ipc/jedec j-std-020d figure 4. typical termination for output driver and device evaluation (see application note and8020/d - termination of ecl logic devices.) receiver device clk d clk d z o = 50  z o = 50  50  50  v tt v tt = v dd - 2.0 v nbxsbb020/NBXSBA020 device driver 260 217 175 150 temperature ( c) temp. 260 c 20 - 40 sec. max. time 60  180 sec. 3 c/sec. max. cooling 6 c/sec. max. 60  150 sec. reflow peak pre-heat ramp-up figure 5. recommended reflow soldering profile
nbxsbb020, NBXSBA020 http://onsemi.com 6 package dimensions 6 pin clcc, 7x5, 2.54p case 848ab-01 issue c *for additional information on our pb-free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* pitch 2.54 1.50 6x 5.06 1.50 6x dimension: millimeters notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. a b e d bottom view b e 6x 0.10 b 0.05 a c c 0.15 c terminal 1 indicator top view a a1 a3 0.10 c c seating plane side view l 6x 1 2 5 6 d3 dim a min nom max millimeters 1.70 1.80 1.90 a1 0.70 ref b 1.30 1.40 1.50 d1 6.17 6.20 6.23 d2 6.66 6.81 6.96 e1 4.37 4.40 4.43 r 0.70 ref l 1.17 1.27 1.37 a2 0.36 ref a3 0.08 0.10 0.12 d 7.00 bsc d3 5.08 bsc e 5.00 bsc e2 4.65 4.80 4.95 e3 3.49 bsc e 2.54 bsc d1 e1 d2 e2 a2 3 4 e3 r 4x h on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. typical parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including typicals must be validated for each custom er application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800-282-9855 toll free ?usa/canada europe, middle east and africa technical support: ?phone: 421 33 790 2910 japan customer focus center ?phone: 81-3-5773-3850 nbxsbb020/d literature fulfillment : ?literature distribution center for on semiconductor ?p.o. box 5163, denver, colorado 80217 usa ? phone : 303-675-2175 or 800-344-3860 toll free usa/canada ? fax : 303-675-2176 or 800-344-3867 toll free usa/canada ? email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of NBXSBA020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X