Part Number Hot Search : 
AX111 LT118 3N033 9221Y A1104 1008D N4730 D44H11
Product Description
Full Text Search
 

To Download MMBT491 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente MMBT491 npn silicon general purpose transistor 01-june-2002 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features low equivalent on-resistance marking: 491 absolute maximum ratings at ta = 25 c parameter symbol ratings unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 60 v emitter-base voltage v ebo 5 v collector current -continuous i c 1 a collector power dissipation p c 500 mw junction & storage temperature t j , t stg 150, -55~150 c electrical characteristics at ta = 25 c parameter symbol min. max. unit test conditions collector-base breakdown voltage v (br)cbo 80 - v i c =100 a,i e =0 collector-emitter breakdown voltage v (br)ceo 1 60 - v i c =10ma,i b =0 emitter-base breakdown voltage v (br)ebo 5 - v i e =100 a,i c =0 collector cut-off current i cbo - 0.1 a v cb =60v, i e =0 emitter cut-off current i ebo - 0.1 a v eb =4v, i c =0 h fe(1) 100 - v ce =5v,i c =1ma h fe(2) 1 100 300 v ce =5v,i c =500ma h fe(3) 1 80 - v ce =5v,i c =1a dc current gain h fe(4) 1 30 - v ce =5v,i c =2a v ce(sat)1 1 - 0.25 v i c =500ma, i b =50ma collector-emitter saturation voltage v ce(sat)2 1 - 0.5 v i c =1a, i b =100ma v be(sat) 1 - 1.1 v i c =1a, i b =100ma base-emitter saturation voltage v be 1 - 1 v i c =1a, v ce =5v transition frequency f t 150 mhz v ce = 10v, i c = 50ma, f = 100mhz output capacitance c ob - 10 pf v cb = 10v, f = 1.0mhz, i e = 0 note: 1. measured under pulsed conditions, pulse width = 300 s, duty cycle 2%. collector base emitter dim min max a 2.800 3.040 b 1.200 1.400 c 0.890 1.110 d 0.370 0.500 g 1.780 2.040 h 0.013 0.100 j 0.085 0.177 k 0.450 0.600 l 0.890 1.020 s 2.100 2.500 v 0.450 0.600 all dimension in mm sot-23 k j c h l a b s g v 3 1 2 d top view 1 2 3
elektronische bauelemente MMBT491 npn silicon general purpose transistor 01-june-2002 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves 10a 1a 10ma 100ma 1ma v ce(sat ) vs i c i c - collector current i c -collector current v be(sat ) vs i c 0 0.2 100ma 10ma 0.4 0.6 0.8 1.0 10a 1a h fe vs i c i c -c ollector current 1ma 100ma 10ma 10a 1a 100 0 300 200 400 10ma 1ma i c - collector current v be(on) vs i c 100ma 1a 10a 0.6 0.8 1.0 1.2 0.4 0.2 0 i c -collector current v ce(sat ) vs i c 1ma 0 0.1 100ma 10ma 0.2 0.3 0.4 0.5 10a 1a 10 1 0.1 safe operat ing area v c e - c ollector emitter voltage (v) 0.1v 10v 100 v 1v 0 1ma 0.01 0.6 0.1 0.2 0.3 0.4 0.5 0.6 i c / i b = 10 + 25 c i c / i b = 50 i c / i b = 10 i c / i b = 10 - 55 c + 25 c + 100 c - 55 c + 25 c + 100 c - 55 c + 25 c + 100 c + 25 c - 55 c + 100 c v ce = 5 v v ce = 5 v dc 1 s 100 ms 10 ms 1 ms 100 s


▲Up To Search▲   

 
Price & Availability of MMBT491

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X