Part Number Hot Search : 
22F1X BPV11 K1205 CX24431 CXA1298 XN4322 AN1217 PB1000S
Product Description
Full Text Search
 

To Download HSH1205SES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? models vdc o utput dual 5 dc/dc c onverters 12 v olt i nput hsh series 1.5 watt f eatures ? -55c to +150c operation ? 6 to 20 vdc input voltage range ? fully isolated ? magnetic feedback ? variable operating frequency ? topology ? self oscillating flyback ? inhibit function description with a miniature footprint of just 0.8 square inches, the hsh series? of dc/dc converters delivers 1.5 watts of output power while saving significant board real estate. the wide input voltage range of 6 to 20 vdc accepts the varying voltages of military, indus- trial, or battery 15v bus power and tightly regulates output voltages to protect downstream components. transient protection of 40 volts for up to 120 milliseconds. c onverter d esign hsh series dc/dc converters incorporate a flyback topology with a variable frequency, nominally 370 khz. output voltage is magneti- cally fed back to the input side of the pwm to regulate output volt- age. up to 80% of the load may be on one output providing that the other output carries a minimum of 20% of the total load. this dual model can be used as a single output voltage by connecting the load between positive and negative outputs, leaving the common uncon- nected resulting in double the output voltage. (ex: hsh1205d can be used as a 10 vdc output.) i nhibit f unction when an open collector ttl logic low is applied to the inhibit termi- nal, pin 7, the converter shuts down and lowers the output voltage to near zero and input current to as low 5 ma. leaving the terminal open or applying an open collector ttl logic high will enable the converter. mil-std-461 use interpoint?s fmsa-461 emi filter to pass the ce03 requirements of mil-std-461c. c onvenient p ackaging the hsh series converters are packaged in hermetically sealed metal cases which provide emi/rfi shielding and protection from the environment. size (max.): 0.980 x 0.805 x 0.270 inches (24.89 x 20.45 x 6.86 mm) weight: 12 grams max. screening: hsh standard or hsh es
? 2 recommended operating conditions absolute maximum ratings inhibit hsh series 1.5 watt dc/dc c onverters input voltage ? 6 to 20 vdc output power ? 1.5 w lead soldering temperature (10 sec per lead) ? 300c storage temperature range (case) ? ?65c to +150c input voltage range ? 6 to 20 vdc continuous, 600 mw max ? 12 to 18 vdc continuous, 1.5 w max case operating temperature (tc) ? +125c to +150c 1 watt ? ?55c to +125c 1.5 watt inhibit ? ttl open collector ? logic low (output disabled) ? referenced to input common ? logic high (output enabled) open collector electrical characteristics:14 vdc vin, 100ma load, unless otherwise specified. typical characteristics output voltage temperature coefficient ? 100 ppm/c typical isolation ? 100 megohm minimum at 500 v ? any pin to case except case pin audio rejection 40 db, typical conversion frequency (khz) ? 90 min khz, vin=6v, iout=60 ma, tc=-55 to +125c inhibit pin voltage (unit enabled) ? 7 to 8 v hsh1205d 25c +125c/-55c 1 +150c 1 parameter conditions min typ max min typ max min typ max units v in = 6, i out = 60ma 4.75 5 5.25 4.75 5 5.25 4.75 5 5.25 output voltage v in = 16, i out = 60ma 4.75 5 5.25 4.75 5 5.25 4.75 5 5.25 vdc v in = 16, i out = 120ma 4.75 5 5.25 4.75 5 5.25 4.75 5 5.25 output current 5 v in = 12 to 18 vdc 0 150 240 0 150 240 0 100 160 ma v in = 6 to 20 vdc 0 60 96 0 60 96 0 60 96 output power v in = 12 to 18 vdc 0 ? 1.5 0 ? 1.5 0 ? 1.0 w v in = 6 to 20 vdc 0 ? 0.6 0 ? 0.6 0 ? 0.6 output ripple voltage 10 khz - 2 mhz ? 35 180 ? 50 250 ? 50 250 mv p-p input voltage no load to 1.5 w 12 14 18 12 14 18 ? ? ? no load to 600 mw 6 14 20 6 14 20 6 14 20 vdc input current no load ? 5.0 10 ? 8 12 ? 18 25 ma inhibited ? 2.4 3.2 ? 8 12 ? 2.4 3.5 input ripple 2 current 10 khz - 10 mhz ? ? 50 ? ? 100 ? ? 100 ma p-p efficiency 71 74 ? 63 67 ? 59 ? ? % start?up delay ? 3 18 ? 3 18 ? 3 18 ms overshoot 1 ? 0 100 ? 0 150 ? 0 150 mv pk load fault 1, 3, 4 power dissipation ? ? 2.2 ? ? 2.5 ? ? 2.5 w notes: 1. guaranteed by design, not tested. 2. lin = 2 h. 3. maximum duration of short circuit: 25c-? 90 seconds, 150c ? 5 seconds. 4. load fault is a short circuit (<50 mohms). recovery is into resistive full load. 5. max. spec indicates 80% of the converter?s total power, avail- able from either output providing the other output carries a minimum of 20% of the total load.
3 ? hsh 12 05 d / es base model input voltage output voltage screening level number of outputs (s = single, d = dual) pin out dc/dc c onverters pin dual output 1 positive input 2 input common 3 positive output 4 output common 5 case ground 6 negative output 7 inhibit model numbering key f igure 1: p in o ut squared corner and dot on top of cover indicate pin one. 14 75 23 6 case a bottom view see figure 3 for pin configurations. dot on top of case indicates pin one. 0.980 max (24.89) 0.805 max (20.45) materials header kovar/nickel/gold (case a3, kovar/nickel) cover kovar/nickel pins kovar/nickel/gold, matched glass seal case dimensions in inches (mm) tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified caution heat from reflow or wave soldering may damage the device. solder pins individually with heat application not exceeding 300 c for 10 seconds per pin. f igure 2: c ase am aximum d imensions 0.000 0.097 (2.46) 0.697 (17.70 0.000 0.135 (3.43) 0.835 (21.21) 0.270 max (6.98) 0.000 14 75 23 6 0.235 (5.97) 0.435 (11.05) 0.535 (13.59) hsh series: screening ? standard or es bottom view case a2 0.27 0.02 (6.9 0.5) projection weld squared corner and dot on top of case indicate pin one. 0.018 0.002 dia. (0.46 0.05) f igure 3: c ase a2 note: although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. please refer to the numerical dimensions for accuracy. hsh series 1.5 watt bottom view
? 4 hsh series 1.5 watt test hsh hsh standard /es pre-cap inspection method 2017, 2032 yes yes temperature cycle (10 times) method 1010, cond. c, -65c to 150c no no method 1010, cond. b, -55c to 125c no yes constant acceleration method 2001, 3000 g no no method 2001, 500 g no yes burn-in 24 hours at 150c case (typical) yes no 96 hours at 150c case (typical) no yes final electrical test mil-prf-38534, group a subgroups 1, 2, 4, 5: +25c, +125c yes yes hermeticity testing fine leak, method 1014, cond. a no yes gross leak, method 1014, cond. c no yes gross leak, dip (1 x 10 -3 ) yes no final visual inspection method 2009 yes yes test methods are referenced to mil-std-883 as determined by mil-prf-38534. e nvironmental s creening hsh1205d rev c (25c eff.). this revision supercedes all previous releases. all technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. interpoint reserves the right to make changes in products or specifications without notice. hsh series is a trademark of interpoint. copyright ? 2003-2004 interpoint corporation. all rights reserved. contact information: interpoint usa phone: 1-800-822-8782 +425-882-3100 email: power@intp.com www.interpoint.com interpoint uk phone: +44-1252-872266 email: poweruk@intp.com interpoint france phone: +33-134285455 email: powerfr@intp.com dc/dc c onverters


▲Up To Search▲   

 
Price & Availability of HSH1205SES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X