Part Number Hot Search : 
1N600 S1210MH 0524S 24223 00506 EM4102 120N6 0F9TRP00
Product Description
Full Text Search
 

To Download FMMT494 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 npn silicon planar medium power transistor issue 3 - november 1995 j partmarking detail ? 494 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 140 v collector-emitter voltage v ceo 120 v emitter-base voltage v ebo 5v continuous collector current i c 1a peak pulse current i cm 2a base current i b 200 ma power dissipation at t amb =25c p tot 500 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. breakdown voltages v (br)cbo 140 v i c =100 m a v ceo(sus) 120 v i c =10ma* v (br)ebo 5v i e =100 m a collector cut-off currents i cbo 100 na v cb =120v i ces 100 na v ce =120v emitter cut-off current i ebo 100 na v eb =4v collector-emitter saturation voltage v ce(sat) 0.2 0.3 v v i c =250ma, i b =25ma* i c =500ma, i b =50ma* base-emitter saturation voltage v be(sat) 1.1 v i c =500ma, i b =50ma* base-emitter turn on voltage v be(on) 1.0 v i c =500ma, v ce =10v* static forward current transfer ratio h fe 100 100 60 20 300 i c =1ma, v ce =10v* i c =250ma, v ce =10v* i c =500ma, v ce =10v* i c =1a, v ce =10v* transition frequency f t 100 mhz i c =50ma, v ce =10v f=100mhz collector-base breakdown voltage c obo 10 pf v cb =10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% FMMT494 c b e 3 - 122 3 - 121 FMMT494 10a 1a 10ma 100ma 1ma -55 c +25 c +100 c i c /i b =10 v ce(sat) v i c i c -collector current i c -collector current v be(sat) v i c 0 0.2 100ma 10ma 0.4 0.6 0.8 1.0 10a 1a h fe v i c i c -collector current 1ma 100ma 10ma 10a 1a 40 0 120 80 160 10ma 1ma i c -collector current v be(on) v i c 100ma 1a 10a 0.6 0.8 1.0 0.4 0.2 0 i c -collector current v ce(sat) v i c 1ma 0 0.1 100ma 10ma +25 c 0.2 0.3 0.4 i c /i b =10 10a 1a 0.4 +100 c -55 c +25 c +100 c -55 c +25 c -55 c +25 c +100 c i c /i b =10 v ce =10v v ce =10v 10 1 0.1 safe operating area v ce - collector emitter voltage (v) 0.1 10 100 1s dc 100ms 10ms 100 m s 1ms 1 0 0.1 0.3 0.2 1ma 0.01 i c /i b =50 200 240 280 0.001 1000 typical characteristics
sot23 npn silicon planar medium power transistor issue 3 - november 1995 j partmarking detail ? 494 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 140 v collector-emitter voltage v ceo 120 v emitter-base voltage v ebo 5v continuous collector current i c 1a peak pulse current i cm 2a base current i b 200 ma power dissipation at t amb =25c p tot 500 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. breakdown voltages v (br)cbo 140 v i c =100 m a v ceo(sus) 120 v i c =10ma* v (br)ebo 5v i e =100 m a collector cut-off currents i cbo 100 na v cb =120v i ces 100 na v ce =120v emitter cut-off current i ebo 100 na v eb =4v collector-emitter saturation voltage v ce(sat) 0.2 0.3 v v i c =250ma, i b =25ma* i c =500ma, i b =50ma* base-emitter saturation voltage v be(sat) 1.1 v i c =500ma, i b =50ma* base-emitter turn on voltage v be(on) 1.0 v i c =500ma, v ce =10v* static forward current transfer ratio h fe 100 100 60 20 300 i c =1ma, v ce =10v* i c =250ma, v ce =10v* i c =500ma, v ce =10v* i c =1a, v ce =10v* transition frequency f t 100 mhz i c =50ma, v ce =10v f=100mhz collector-base breakdown voltage c obo 10 pf v cb =10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% FMMT494 c b e 3 - 122 3 - 121 FMMT494 10a 1a 10ma 100ma 1ma -55 c +25 c +100 c i c /i b =10 v ce(sat) v i c i c -collector current i c -collector current v be(sat) v i c 0 0.2 100ma 10ma 0.4 0.6 0.8 1.0 10a 1a h fe v i c i c -collector current 1ma 100ma 10ma 10a 1a 40 0 120 80 160 10ma 1ma i c -collector current v be(on) v i c 100ma 1a 10a 0.6 0.8 1.0 0.4 0.2 0 i c -collector current v ce(sat) v i c 1ma 0 0.1 100ma 10ma +25 c 0.2 0.3 0.4 i c /i b =10 10a 1a 0.4 +100 c -55 c +25 c +100 c -55 c +25 c -55 c +25 c +100 c i c /i b =10 v ce =10v v ce =10v 10 1 0.1 safe operating area v ce - collector emitter voltage (v) 0.1 10 100 1s dc 100ms 10ms 100 m s 1ms 1 0 0.1 0.3 0.2 1ma 0.01 i c /i b =50 200 240 280 0.001 1000 typical characteristics


▲Up To Search▲   

 
Price & Availability of FMMT494

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X