Part Number Hot Search : 
PU600D15 PU600D15 ISL43145 PD444 2SD1265A 1SG1885 ZMM47B BL78XX
Product Description
Full Text Search
 

To Download ET7805B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7 805b description this series of fixed - voltage monolithic integrated - circuit voltage regulators is designed for a wide range of applications. these applications include on - card regulation for elimination of noise and distribution problems associated with single - point regulation. in addition, they can be used with power - pass elements to make high - current voltage regulators. each the interna l of these regulators can deliver up to 1.0 a of output current. limiting and termal shutdown features of these regulators make them essentially immune to overload. features output current in excess of 1.0a no external components required internal short circuit current limiting internal thermal overload protection output transistor safe - area compensation output voltage offered in 4% tolerance int e rn a l blo c k di g r a m package beijing estek electronics co.,ltd 1
7805b abs o lut e max i mu m r a tin g s maximum input voltage: 35v operation junction temperature range: - 40 to 125 ele ctr ic a l c h ara ct e r i st ic s (vin=10v, io=0.5a, ci=0.33 ? f, co=0.1 ? f, tj=25 ? ,unless otherwise noted.) characteristic s y mbo l test condition mi n max unit output voltage vo 4.8 5.2 v 5.0ma io 1.0a; output voltage vo 7.0v vin 20v 0 c t j 125 c 4.75 5.25 v line regulation ? vv 7v vin 25v; 8v vin 12v - load regulation ? vi 5.0ma io 1.5a 0.25a io 0.75a - 100 50 mv 100 50 mv quiescent current ib - 8.0 ma quiescent current change ? ib 7v vin 25v, 5ma io 1.0a - 1.3 0.5 ma t y pi c a l a p pli c ati o ns c ircui t fi g u r e 1. h i gh o u t p u t c u r r en t w i t h s h o r t c i r c u i t p r o t e c ti o n 2 beijing estek electronics co.,ltd
7805b ? ? ? ? fi g u r e 2 . dc p a ra m e te rs f i g u r e 3 . c o n s t a n t c u rr e n t r e g u l a to r or d e ri n g i n for m a t io n o r der i ng nu m b e r p a c k age m a r k i ng 7805 to - 220 et7805 address : 6a06 -- 6a07 rm 6a07,changyin office building ,no.88,yong ding road,hai dian district ,beijing postalcode:100039 tel: 86 - 010 - 58895780 / 81 / 82 / 83 / 84 fax : 010 - 58895793 http://www.estek.com.cn email:sales@estek.com.cn rev no:01 - 060802 3 beijing estek electronics co.,ltd


▲Up To Search▲   

 
Price & Availability of ET7805B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X