Part Number Hot Search : 
H5200NL DNA100 MMAD1103 CA3240E A3952SW RU75260Q MA4ST408 MS512
Product Description
Full Text Search
 

To Download BVU-5E1TT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bright view electronics co.,ltd BVU-5E1TT4 dice material : alingap yellow light color : yellow color lens color : water transparent stand-off p/n : BVU-5E1TT4 r radiation pattern tolerance 0.25 L absolute maximum ratings at ta = 25 unit mw ma ma v ma/ o c electrical / optical characteristics at ta = 25 symbol unit v f forward voltage v i r reverse current a p peak emission wavelength n m d dominant wavelength n m 2 1/2 viewing angle deg i v luminous intensity mcd bin grade limits (if=20 ma) bin grade limits (if=20 ma) luminous intensity / mcd dominant wavelength / nm bin n o p q r s bin yc yd ye yf yg min. 2800 3600 4650 6000 7800 10000 min. 583 586 589 592 595 max. 3600 4650 6000 7800 10000 13000 max. 586 589 592 595 598 tolerance 15%mcd 2008/7/15 ? b ultra brightness led lamp package configuration description *bright view reserves the rights to alter specifications and remove availability of products at any time without notice. parameter max. power dissipation (p d )80 continuous forward current (i f )30 peak forward current ( 1/10 duty cycle , 0.1ms pulse width ) (i fp ) 160 reverse voltage (v r )5 derating linear from 50 0.4 operating temperature range (topr) 40 to 100 storage temperature range (tstg) 40 to 100 lead solder temperature 1.6 mm below package 260 for 5 seconds (tsld) test cond. min. typ. max. 2.8 v r = 5v 100 i f = 20 ma 2.3 i f = 20 ma 590 i f = 20 ma 592 15 2800 4125 *dominant wavelength, d is according to cie chromaticity diagram base on color of lamps. * 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. i f = 20 ma parameter i f = 20 ma 50% power angle 25 relative luminous intensity ( iv % ) 50 50 75 0 15 25 100 100 75 0 -30 30 60 -60 cathode cathode 1.3 5.9 5.9 4.9 5.0 7.6 1.0 2.54 12.8 0.5 25.4min. 2.54 1.0min. 0.5 1.0max. 25.4min. 1.0
bright view electronics co.,ltd 2008/7/15 ? b ultra brightness led lamp BVU-5E1TT4 typical electrical / optical characteristic curves ( ta = 25 c ) ( ta = 25 c ) ambient temperature ta ( c ) ambient temperature ta ( c ) 0.5 0 1.0 0 fig. 1 forward current vs. forward voltage forward current ( ma ) forward voltage vf ( v ) fig. 2 relative intensity vs. forward current relative intensity forward current if ( ma ) 1.2 fig. 3 relative voltage vs. temperature 1.1 1.0 0.9 0.8 -50 -25 0 25 50 125 100 75 -50 -25 0 0.5 1.0 1.5 2.0 2.5 3.0 fig. 4 relative intensity vs. temperature ambient temperature ta ( c ) 050 25 75 100 125 fig. 5 relative intensity vs. wavelength ( p ) wavelength ( nm ) if-dc forward current ( ma ) 0 20 40 60 80 100 120 fig. 6 maximum forward current 100 90 70 80 30 50 40 60 10 0 20 1.8 2.3 2.8 3.3 1.3 1.0 1.5 2.5 2.0 3.0 0.5 10 60 20 30 40 50 0 70 forward intensity @ 20ma 650 600 550 500 0 40 30 20 10 relative intensity @ 20ma forward voltage @ 20ma ( ta = 25 c ) vs. temperature
bright view electronics co.,ltd apply to lamp(dip) series. description: ( 1 ) manual soldering (solder iron) (1.1) temperature at tip of the iron: 300c max. (1.2) it's banned to load any stress on the resin during soldering. (1.3) soldering time: 3 sec. max.(one time only) (1.4) leave 3mm of minimum distance from the base of epoxy. ( 2 ) dip soldering(wave soldering-solder bath) (2.1) leave 3mm of minimum distance from the base of the epoxy. soldering beyond the base of the tie bar(stand off) is recommended. (2.2) when soldering, do not put stress on the leds during heating. (2.3) cutting the leadframes at high temperatures may cause led failure. (2.4) never take next process until the component is cooled down to room temperature after reflow. (2.5) after soldering, do not warp the circuit board. (2.6) the recommended dip soldering profile is the following: 2008/7/15 ? b ultra brightness led lamp BVU-5E1TT4 300.0 time ( sec. ) temperature ( c ) degree c. 275.0 225.0 250.0 150.0 125.0 175.0 200.0 100.0 75.0 25.0 50.0 0.0 0.0 50.0 150.0 100.0 300.0 250.0 200.0 max 260 c 5 sec. >20 c 4 c / sec. 150 c
bright view electronics co.,ltd 2008/7/15 ? b ultra brightness led lamp BVU-5E1TT4 fig. polybag / box a q'ty / polybag (pcs) device 3mm : 80,000pcs 5mm : 56,000pcs 4 boxes / carton 1000pcs blue / green / white : 36,000pcs 1000pcs 53 item no. device: q'ty pcs. n. w.: kgs. g. w.: kgs. 33 carton dimension(cm): 53*32*33 3mm(t-1) 5mm(t-1 3/4) blue / green / white 32 500pcs 20 bags 18 bags 14 bags r e y label 1 label 2 label 1 x: bin grade : wavelength : vf bvu-xxxxxxxx electronics co.,ltd. qa 29 box dimension(cm): 29*25*15 15 3mm or 5mm polybag bright view part no.: grade: lot no.: q'ty x- pcs - label 1 label 1 or label 2 attach on it. 25 type q'ty n,w g,w c.no pcs kgs kgs 3 anti-electrostatic bag electrostatic sensitive devices do not open or handle except at a static-free workstation electronics co.,ltd. bright view pcs lot no.: grade: q'ty part no.: qa label 2 bvu - x x x x x x x r stand-offs luminous grade -refer to the selection guide for bin options lens color -refer to lens color (1) to (9) dice code -refer to the selection guide lens configuration -refer to lens drawing view angle -refer to the selection guide (a) to (z) outline dimension -refer to the outline dimension pb - free / rohs compliant pb - free / rohs compliant


▲Up To Search▲   

 
Price & Availability of BVU-5E1TT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X