Part Number Hot Search : 
MC146818 TSGB02 TSGB02 N60B3 00110 C25P05Q 15B10 1S25J0
Product Description
Full Text Search
 

To Download BVU-5E1QG4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bright view electronics co.,ltd dice material : al gainp orange red light color : orange red color lens color : water transparent stand-off p/n : BVU-5E1QG4 r radiation pattern tolerance 0.25 @ absolute maximum ratings at ta = 25  unit mw ma ma v ma/ o c electrical / optical characteristics at ta = 25  symbol unit v f v i r ? a  n m  n m 2 e 1/2 deg bin grade limits ( i f = 20 ma ) luminous intensity / mcd bin o p q r s t min. 3600 4650 6000 7800 10000 13000 max. 4650 6000 7800 10000 13000 16800 2004/4/17 ? a package configuration ultra brightness led lamp description BVU-5E1QG4 bvt-5e1qg4 parameter max. power dissipation 80 continuous forward current 30 peak forward current ( 1/10 duty cycle , 0.1ms pulse width ) 160 reverse voltage 5 derating linear from 50 : 0.4 operating temperature range  40 : to  100 : storage temperature range  40 : to  100 : lead solder temperature 1.6 mm below package 260 : for 5 seconds parameter test cond. min. typ. max. 2.7 reverse current v r = 5v 100 forward voltage i f = 20 ma 2.2 dominant wavelength i f = 20 ma 625 peak emission wavelength i f = 20 ma 630 *dominant wavelength,  d is according to cie chromaticity diagram base on color of lamps. * e 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. viewing angle i f = 20 ma 15 *bright view reserves the rights to alter specifications and remove availability of products at any time without notice. tolerance 15%mcd cathode cathode 1.3 5.9 5.9 4.9 5.0 7.6 1.0 2.54 12.8 0.5 25.4min. 2.54 1.0min. 0.5 1.0max. 25.4min. 1.0 25 relative luminous intensit y ( iv % ) 50 50 75 0 25 100 100 75 0 -30 30 60 -60
bright view electronics co.,ltd algainp led light emitting diode  t jmax = 130 c
bright view electronics co.,ltd lamp packing fig. polybag / box a q'ty / polybag (pcs) device 3mm 3 : 80,000pcs 5mm : 56,000pcs 4 boxes / carton 1000pcs blue / green / white : 36,000pcs 1000pcs 53 item no. device: q'ty pcs. n. w.: pcs. g. w.: pcs. 33 carton dimension(cm): 53*32*33 3mm(t-1) 5mm(t-1 3/4) blue / green / white 2003 / 9 / 15 - a 32 500pcs 20 bags 18 bags 14 bags re y label 1 label 2 label 1 x: bin grade : wavelength : vf bvu-5m5xxxxx electronics co.,ltd. qa 29 box dimension(cm): 29*25*15 15 3mm or 5mm polybag bright view part no.: grade: lot no.: q'ty x- pcs - label 1 label 1 or label 2 attach on it. 25 type q'ty n,w g,w c.no 333 pcs kgs kgs 33333333333333333333333 3 anti-electrostatic bag electrostatic sensitive devices do not open or handle except at a static-free workstation electronics co.,ltd. bright view pcs lot no.: grade: q'ty part no.: qa dbvujpo label 2 bvu bvt - 5 x 1 x x 4 x r stand-offs luminous grade -refer to the selection guide for bin options lens color -refer to lens color (1) to (9) dice code -refer to the selection guide lens configuration -refer to lens drawing view angle -refer to the selection guide (a) to (z) outline dimension -refer to the outline dimension


▲Up To Search▲   

 
Price & Availability of BVU-5E1QG4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X