Part Number Hot Search : 
MUN511 A330HU3 SL1714C DS0967 DS0967 M76HC KDS120 SSM2537
Product Description
Full Text Search
 

To Download B66272-C1001-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  532 siemens matsushita components l in accordance with iec 60647 l compact e core with large winding window l round center leg particularly suitable for use of thick winding wires l ec cores are supplied as single units magnetic characteristics (per set) s l/a = 0,92 mm C1 l e = 77,4 mm a e = 84,3 mm 2 a min = 71 mm 2 v e = 6 530 mm 3 approx. weight 36 g/set ungapped gapped the a l value in the table applies to a core set comprising one ungapped core (dimension g =0)and one gapped core (dimension g > 0). calculation factors (see page 423 for formulas) validity range: k1 , k2 : 0,10 mm < s < 2,50 mm k3 , k4 : 70 nh < a l < 680 nh material a l value nh m e a l1min nh p v w/set ordering code n27 2100 + 30/C 20 % 1530 1710 1,10 (200 mt, 25 khz, 100 ?c) b66337-g-x127 material g mm a l value approx. nh m e ordering code n27 0,10 0,02 651 475 b66337-g100-x127 0,25 0,02 336 245 b66337-g250-x127 0,50 0,05 203 148 b66337-g500-x127 1,00 0,05 123 90 b66337-g1000-x127 material relationship between air gap C a l value calculation of saturation current k1 (25 ?c) k2 (25 ?c) k3 (25 ?c) k4 (25 ?c) k3 (100 ?c) k4 (100 ?c) n27 123 C 0,724 214 C 0,847 198 C 0,865 ec 35/17/10 core b66337
siemens matsushita components 533 coil former with solder tags material: gfr polyterephthalate (ul 94 v-0, insulation class to iec 60085: f max. operating temperature 155 ?c), color code black solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235 ?c, 2 s solder tags hot-tin dipped resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350 ?c, 3,5 s winding: see page 158 also available without solder terminals sections a n mm 2 l n mm a r value mw terminals ordering code 1 97 53 18,8 11 B66272-C1001-T1 13 b66272-c1002-t1 hole arrangement view in mounting direction marking of pin 1 omitted in 11-pin version ec 35/17/10 accessories b66272
534 siemens matsushita components coil former with solder pins material: gfr polyterephthalate (ul 94 v-0, insulation class to iec 60085: f max. operating temperature 155 ?c), color code black solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 235 ?c, 2 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350 ?c, 3,5 s winding: see page 158 sections a n mm 2 l n mm a r value mw pins ordering code 1 97 53 18,8 13 b66272-j1013-t1 hole arrangement view in mounting direction mounting holes ? 1,6 +0,15 ec 35/17/10 accessories b66272


▲Up To Search▲   

 
Price & Availability of B66272-C1001-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X