Part Number Hot Search : 
MBL8243 640431 IRN50 76PSB06S N4007 111X17X OP284FS 6011E
Product Description
Full Text Search
 

To Download ARD100XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rd 1 rd coaxial switches 26.5ghz, 18ghz coaxial switch * transfer type is coming soon. * features 1. high frequency characteristics (impedance 50 w ) *: 18 to 26.5ghz characteristics can be applied 26.5ghz type only 2. spdt and transfer type available 3. high sensitivity nominal operating power: 840 mw (spdt, failsafe type) 1540 mw (transfer, failsafe type) 4. long life: 5 10 6 (spdt) frequency (ghz) ? ? ? ?2.4 ?8 ?6.5* v.s.w.r. (max.) 1.1 1.15 1.25 1.35 1.5 1.7 insertion loss (db. max.) 0.2 0.3 0.4 0.5 0.8 isolation (db. min.) 85 80 70 65 60 55 typical applications wireless and mobile communication infrastructure ?cellular phone base stations ?ampli?r switching measurement instruments ?all types of inspection equipment attention transfer type is coming soon. specifications contact characteristics arrangement spdt transfer contact material gold plating initial contact resistance max. 100m w rating contact input power* 1 120w 3ghz (v.s.w.r 1.15 or less, no contact switching, ambient temperature 40? [spdt], 25? [transfer]) indicator rating contact rating max. 30v 100ma max. 5v 100ma initial contact resistance (measured by 5v 100ma) max. 1 w high frequency characteristics (impedance 50 w ) to 1 ghz 1 to 4 4 to 8 8 to12.4 12.4 to 18 18 to 26.5 v.s.w.r. (max.) 1.1 1.15 1.25 1.35 1.5 1.7 insertion loss (db, max.) 0.2 0.3 0.4 0.5 0.8 isolation (db, min.) 85 80 70 65 60 55 expected life (min. operation) mechanical (at 180 cpm) 5 10 6 electrical (at 20 cpm) 5 10 6 (5w, to 3ghz, impedance 50 w , v.s.w.r.; max. 1.2) 10 6 (5w, to 3ghz, impedance 50 w , v.s.w.r.; max. 1.2) spdt transfer initial insulation resistance* 2 min. 1,000 m w initial breakdown voltage* 3 between open contacts 500 vrms for 1 min. between contact and coil 500 vrms for 1 min. between contact and earth terminal 500 vrms for 1 min. between coil and earth terminal 500 vrms for 1 min. operate time* 4 (at 20?) max. 15ms max. 20ms shock resistance functional* 5 500 m/s 2 destructive* 6 1,000 m/s 2 vibration resistance functional* 7 10 to 55 hz at double amplitude of 3mm destructive 10 to 55 hz at double amplitude of 5mm conditions for operation, transport and storage* 8 (not freezing and condensing at low temperature) ambient temp ?5? to +85? ?7? to +185? humidity 5 to 85% r.h. unit weight (approx.) 50g 1.76oz 110g 3.88oz remarks * 1 please verify the usability of input power under actual conditions because heat generated from connectors can in?ence connection. * 2 measurement at same location as ?nitial breakdown voltage section. * 3 detection current: 10ma * 4 nominal operating voltage applied to the coil, excluding contact bounce time. * 5 half-wave pulse of sine wave: 11ms, detection time: 10 m s. * 6 half-wave pulse of sine wave: 11ms * 7 detection time: 10 m s * 8 refer to 4. conditions for operation, transport and storage mentioned in notes.
rd 2 ordering information note: sealed types are also available. (spdt type only) product name rd frequency 1: to 18ghz (spdt) 2: to 18ghz (transfer) 5: to 26.5ghz (spdt) 6: to 26.5ghz (transfer) operating function 00: failsafe 20: latching 51: latching with ttl driver (with self cut-off function) nominal operating voltage, v dc 4h: 05: 12: 24: 4.5v (failsafe, latching type only) 5v (latching with ttl driver type only) 12v 24v operation terminal nil: c: solder terminal connector cable (spdt type only) hf data attached nil: q: no hf test data attached hf test data attached rd a ex. types 1. spdt 1) solder terminal note: standard packing; carton: 1 pc. case: 20 pcs. 2) connector cable note: standard packing; carton: 1 pc. case: 10 pcs. 2. transfer 1) solder terminal note: standard packing; carton: 1 pc. case: 10 pcs. operating function nominal operating voltage, v dc 18ghz type 26.5ghz type no hf datasheet attached hf datasheet attached no hf datasheet attached hf datasheet attached failsafe 4.5 ard1004h ard1004hq ard5004h ard5004hq 12 ard10012 ard10012q ard50012 ard50012q 24 ard10024 ard10024q ard50024 ard50024q latching 4.5 ard1204h ard1204hq ard5204h ard5204hq 12 ard12012 ard12012q ard52012 ard52012q 24 ard12024 ard12024q ard52024 ard52024q latching with ttl driver (with self cut-off function) 5 ard15105 ard15105q ard55105 ard55105q 12 ard15112 ard15112q ard55112 ard55112q 24 ard15124 ard15124q ard55124 ard55124q operating function nominal operating voltage, v dc 18ghz type 26.5ghz type no hf datasheet attached hf datasheet attached no hf datasheet attached hf datasheet attached failsafe 4.5 ard1004hc ard1004hcq ard5004hc ard5004hcq 12 ard10012c ard10012cq ard50012c ard50012cq 24 ard10024c ard10024cq ard50024c ard50024cq latching 4.5 ard1204hc ard1204hcq ard5204hc ard5204hcq 12 ard12012c ard12012cq ard52012c ard52012cq 24 ard12024c ard12024cq ard52024c ard52024cq latching with ttl driver (with self cut-off function) 5 ard15105c ard15105cq ard55105c ard55105cq 12 ard15112c ard15112cq ard55112c ard55112cq 24 ard15124c ard15124cq ard55124c ard55124cq operating function nominal operating voltage, v dc 18ghz type 26.5ghz type no hf datasheet attached hf datasheet attached no hf datasheet attached hf datasheet attached failsafe 4.5 ard2004h ard2004hq ard6004h ard6004hq 12 ard20012 ard20012q ard60012 ard60012q 24 ard20024 ard20024q ard60024 ard60024q latching 4.5 ard2204h ard2204hq ard6204h ard6204hq 12 ard22012 ard22012q ard62012 ard62012q 24 ard22024 ard22024q ard62024 ard62024q latching with ttl driver (with self cut-off function) 5 ard25105 ard25105q ard65105 ard65105q 12 ard25112 ard25112q ard65112 ard65112q 24 ard25124 ard25124q ard65124 ard65124q
rd 3 coil data (at 20? 68? ) 1. spdt 1) failsafe type 2) latching type 3) latching with ttl driver type (with self cut-off function) 2. transfer 1) failsafe type 2) latching type 3) latching with ttl driver type (with self cut-off function) nominal operating voltage, v dc coil resistance, w (?10%) nominal power consumption, mw 4.5 24.2 840 12 172 840 24 594 970 nominal operating voltage, v dc coil resistance, w (?10%) nominal power consumption, mw 4.5 28.9 700 12 192 750 24 640 900 nominal operating voltage, v dc ttl logic level (see ttl logic level range) switching frequency on off 5 2.4 to 5.5v 0 to 0.5v max. 180 cpm (on time : off time = 1 : 1) 12 24 nominal operating voltage, v dc coil resistance, w (?10%) nominal power consumption, mw 4.5 13.2 1540 12 93.6 1540 24 345 1670 nominal operating voltage, v dc coil resistance, w (?10%) nominal power consumption, mw 4.5 16.8 1200 12 115 1250 24 411 1400 nominal operating voltage, v dc ttl logic level (see ttl logic level range) switching frequency on off 5 2.4 to 5.5v 0 to 0.5v max. 180 cpm (on time : off time = 1 : 1) 12 24 ?operating voltage range 1) failsafe type 2) latching type 3) latching with ttl driver type (with self cut-off function) 0 4 32 24 28 8 16 12 20 0 2 16 12 14 4 8 6 10 ?5?0 0 ?0 20 ambient temperature c 12 v 0 0.75 6 4.5 5.25 1.5 3 2.25 3.75 4.5 v 24 v 85 40 60 nominal voltage allowable range for use recommended operation voltage range recommended release voltage range 0 4 32 24 28 8 16 12 20 0 2 16 12 14 4 8 6 10 ?5?0 0 ?0 20 85 40 60 ambient temperature c 12 v 0 0.75 6 4.5 5.25 1.5 3 2.25 3.75 4.5 v 24 v allowable range for use recommended set/reset voltage range nominal voltage 0 4 32 24 28 8 16 12 20 0 2 16 12 14 4 8 6 10 ?5?0 0 ?0 20 85 40 60 ambient temperature c 12 v 0 0.83 6.67 5 5.83 1.67 3.33 2.5 4.17 5 v 24 v nominal voltage allowable range for use recommended set/reset voltage range
rd 4 4) ttl logic level range ambient temperature c 0 0.5 5.5 4 3 2.4 5 1 2 ?5?0 0 ?0 20 85 40 60 on off dimensions 1. spdt 1) solder terminal tolerance: ?.3 ?012 coil serial no. indicator com nc no gnd + 11.2 .441 3.5 .138 3.5 .138 2.0 .079 3.5 .138 solder terminal 4.3 .169 39.0 1.535 7.3 .287 4.5 .177 2.1 .083 3-sma connector 2-3.1 dia. 2-.122 dia. 2-2.4 dia. 2-.094 dia. 34.0 1.339 11.2 .441 22.4 .882 30.0 1.181 7.0 .276 0.3 .012 7.2 .283 13.2 .520 failsafe latching latching with ttl driver (with self cut-off function) gnd no com coil serial no. indicator com nc no gnd + nc gnd 2 1 com coil 1 coil 2 serial no. indicator coil com 12 gnd 2 1 coil terminal indicator terminal logic 2 gnd 2 1 com v logic 1 serial no. 2 1 1 com coil gnd 2 v indicator mm inch
rd 5 mm inch 2) connector cable com nc no gnd + coil indicator serial no. 1 pin no. 2345 6789 d-sub connector pin contact type 12.55 .494 25.0 .984 30.8 1.213 3.05 dia. .120 dia. 5.95 .234 1.2 .047 pvc wires 110.0 10 4.331 .394 39.0 1.535 7.3 .287 4.5 .177 2.1 .083 2-3.1 dia. 2-.122 dia. 2-2.4 dia. 2-.094 dia. 3-sma connector 11.2 .441 22.4 .882 13.2 .520 30.0 1.181 34.0 1.339 7.2 .283 tolerance: ?.3 ?012 indicator coil pin no. 123456789 fail safe nc com no gnd + latching 1 com 2 gnd 1 2 latching with ttl driver 1 com 2 v gnd logic 1 logic 2
rd 6 2. transfer mm inch j4 j3 j2 j1 0.30 .012 2.00 .079 5.08 .200 5.08 .200 5.08 .200 solder terminal 4-sma connector 3-3.80 dia. 3-.150 dia. 45.70 1.799 15.24 .600 39.0 1.535 7.2 .283 16.2 .638 16.2 .638 32.0 1.260 32.0 1.260 55.5 2.185 9.65 .380 20.3 .799 10.15 .400 max. 5.0 .197 9.65 .380 1 to 1.5 .039 to .059 tolerance: ?.3 ?012 fail safe nc: j1-j2, j3-j4 no: j1-j3, j2-j4 latching pos1: j1-j2, j3-j4 pos2: j1-j3, j2-j4 latching with ttl driver pos1: j1-j2, j3-j4 pos2: j1-j3, j2-j4 j2 j4 j1 j3 failsafe latching latching with ttl driver (with self cut-off function) no nc com gnd coil terminal indicator terminal 1 2 gnd 2 com 1 coil terminal indicator terminal v gnd logic 1 logic 2 1 com 2 coil terminal indicator terminal
rd 7 1-(2). high frequency characteristics (transfer) sample: ard60012 measuring method: measured with hp network analyzer (hp8510). ?v.s.w.r. ?insertion loss ?isolation 1ghz 4ghz 12.4ghz 8ghz 18ghz 26.5ghz frequency 1.1 1.0 1.9 1.2 1.4 1.5 1.6 1.7 1.8 1.3 v.s.w.r. 0.8 0.9 1.0 0 0.1 0.2 0.6 0.7 0.3 0.4 0.5 1ghz 4ghz 12.4ghz 8ghz 18ghz 26.5ghz frequency insertion loss, db 1ghz 4ghz 12.4ghz 8ghz 18ghz 26.5ghz frequency 80 70 100 90 0 20 10 60 40 50 30 isolation, db reference data 1-(1). high frequency characteristics (spdt) sample: ard10012 measuring method: measured with hp network analyzer (hp8510). ?v.s.w.r. ?insertion loss ?isolation 1.1 1.0 1.9 1.2 1ghz 4ghz 12.4ghz 8ghz 18ghz 26.5ghz 1.4 1.5 1.6 1.7 1.8 1.3 v.s.w.r. frequency 0.8 0.7 1.0 0.9 0 0.2 0.1 0.6 0.4 0.5 0.3 1ghz 4ghz 12.4ghz 8ghz 18ghz 26.5ghz insertion loss, db frequency 80 90 100 0 10 20 60 70 30 40 50 1ghz 4ghz 12.4ghz 8ghz 18ghz 26.5ghz isolation, db frequency
rd 8 notes 1. coil operating power pure dc current should be applied to the coil. the wave form should be rectangular. if it includes ripple, the ripple factor should be less than 5%. however, check it with the actual circuit since the characteristics may be slightly different. the nominal operating voltage should be applied to the coil for more than 50 ms to set/reset the latching type relay. please use the latching type for circuits that are continually powered for long periods of time. 2. coil connection when connecting coils, refer to the wiring diagram to prevent mis-operation or malfunction. 3. connection of coil indicator and washing conditions 1) the connection of coil indicator terminal shall be done by soldering. soldering conditions max. 260? 500? (solder temp) within 10sec (soldering time) max. 350? 662? (solder temp) within 3sec (soldering time) 2) this product is not sealed type, therefore washing is not allowed. 4. usage, transport and storage conditions 1) ambient temperature, humidity, and atmospheric pressure during usage, transport, and storage of the relay: (1) temperature: ?5 to +85? ?7 to +185? (2) humidity: 5 to 85% rh (avoid freezing and condensation.) the humidity range varies with the temperature. use within the range indicated in the graph below. (3) atmospheric pressure: 86 to 106 kpa temperature and humidity range for usage, transport, and storage: 2) condensation condensation forms when there is a sudden change in temperature under high temperature and high humidity conditions. condensation will cause deterioration of the relay insulation. 3) freezing condensation or other moisture may freeze on the relay when the temperature is lower than 0? 32? . this causes problems such as sticking of movable parts or operational time lags. 4) low temperature, low humidity environments. the plastic becomes brittle if the relay is exposed to a low temperature, low humidity environment for long periods of time. 5) low-temperature and low-humidity atmosphere. when exposed to low temperature and low humidity for a long time, the relays plastic casing may become breakable. 5. other handling precautions. 1) the relays on/off service life is based on standard test conditions (temperature: 15 to 35? 59 to 95? , humidity: 25 to 75%) speci?d in jis c5442-1996. life will depend on many factors of your system: coil drive circuit, type of load, switching intervals, switching phase, ambient conditions, to name a few. 2) use the relay within speci?ations such as coil rating, contact rating and on/off service life. if used beyond limits, the relay may overheat, generate smoke or catch ?e. 3) be careful not to drop the relay. if accidentally dropped, carefully check its appearance and characteristics before use. 4) be careful to wire the relay correctly. otherwise, malfunction, overheat, ?e or other trouble may occur. 5) the latching type relay is shipped in the reset position. but jolts during transport or impacts during installation can move it to the set position. it is, therefore, advisable to build a circuit in which the relay can be initialized (set and reset) just after turning on the power. 6) if a relay stays on in a circuit for many months or years at a time without being activated, circuit design should be reviewed so that the relay can remain non-excited. a coil that receives current all the time heats, which degrades insulation earlier than expected. a latching type relay is recommended for such circuits. 7) for sma connectors, we recommend a torque of 0.90?.1 n? for installation, which falls within the prescribed torque of mil-c-39012. please be aware that conditions might be different depending on the connector materials and how it interacts with surrounding materials. 8) please do not use silicon based substances such as silicon rubber, silicon oil, silicon coatings and silicon ?lings, in the vicinity of the relay. doing so may cause volatile silicon gas to form which may lead to contact failure due to the adherence of silicon on the contacts when they open and close in this atmosphere.                   tolerance range (avoid condensation when used at temperatures higher than 0 c 32 f ) (avoid freezing when used at temperatures lower than 0 c 32 f ) 5 85 temperature, c f humidity, %rh ?5 ?7 0 +32 +85 +185 200303 please contact .......... specifications are subject to change without notice. printed in japan. automation controls company k head office: 1048, kadoma, kadoma-shi, osaka 571-8686, japan k telephone: japan (81) osaka (06) 6908-1050 k facsimile: japan (81) osaka (06) 6908-5781 http://www.nais-e.com/ copyright ?2003 all rights reserved matsushita electric works, ltd. these materials are printed on ecf pulp. these materials are printed with earth-friendly vegetable-based (soybean oil) ink.


▲Up To Search▲   

 
Price & Availability of ARD100XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X