Part Number Hot Search : 
PJF7N65 M5230B SDA382B 2SC1868 26C32 2SC1868 MJE180 2864H
Product Description
Full Text Search
 

To Download AN2493FH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ics for vcr 1 AN2493FH luminance and chrominance signal processing (pal) ic for 8 mm vcr n overview the AN2493FH is a single chip lsi designed for a y/ c main signal processing of pal system normal 8 mm video. system cost can be cut down drastically by built- in of external filters and fc automatic adjustment. n features 5 v single power supply reduction of external components and adjustment parts by adopting of automatic adjustment filters. no need of glass delay lines. n applications 8 mm videos and 8 mm video cameras qfp064-p-1010 unit: mm 10.00 0.20 48 33 32 17 16 1 64 49 12.00 0.20 10.00 0.20 0.10 0.10 12.00 0.20 1.95 0.20 (1.25) (1.25) 0.50 0.18 + 0.10 - 0.05 0.15 + 0.10 - 0.05 seating plane (1.00) 0.50 0.20 0 to 10
AN2493FH ics for vcr 2 n block diagram sw8 sub2 27 nl in 28 29 lnc out ccl det. cdl in 30 31 g1 det. add out 32 33 gca1 ctl conp c limc to ccd 34 35 36 37 38 g2 det. 39 ycl det. 40 cl in 41 ml out 42 y gnd 43 video out 45 vnf 46 vf mute ctl 47 vf out (bgp out) 48 v mute ctl 49 clamp det. 50 51 line in agc det. 52 conp y 58 rf out 59 dlim in 60 mde 61 mdc 62 dcl in 63 clip in 64 vxo out 1 vxo in 2 rec apc det. 3 v ref det. 4 f sc out fm in 53 rec pb ydl in 14 cl ca det. 15 rec c out 13 pb c out 12 c mix in 11 c gnd 10 data 9 ck 8 c v cc 7 pg in 6 pb apc det. 5 f det. c sub lpf gca4 hpf lpf lpf mod gca3 sw13 p r ck trap cacc acc det. 16 gca4 ctl r p bm r p sw17 acc sw14 hpf1 p r p r sw15 sw16 chroma de/em line pb conp sw2 p r cl det. burst de/em 4r sld vco 4div 1/4 1/8 sub bm 1/46 rec afc ck f pc 1/8 pb apc ck pc dp pc f det. 90ps 1/4 dl vxo rec apc smear clip v ref d clamp amp. dl sw18 bpf b cnr nc w/d 26 me nf 25 w ctl 24 me out (cor det. out) 23 f 0 ctl 22 dev ctl 21 fm out (doc) 20 gca3 ctl 19 c. e. ctl 18 cec det. 17 pb c in p r sw12 hpf lim hss amp. p r sw11 (d) conp pb doc n sw6 line sw5 sw3 sw1 sw0 sw21 sw19 test9 sw4 nor ps mix at t lim corr sync. gca1 det. mute v mute ctl trap gca2 det c a clamp main lpf 44 y v cc p r c pby at t osd osd osd clamp p r agc doc ss det. agc rf agc dlim lpf sub demod lim main clamp clamp vol 54 ss det. rf det. ss out 55 56 57 clamp
ics for vcr AN2493FH 3 pin no. description 1 vxo in 2 rec apc det. 3v ref det. 4f sc out 5 f det. 6 pb apc det. 7 pg in. 8c v cc 9ck 10 data 11 c gnd 12 c mix in 13 pb c out 14 cl ca det. 15 rec c out 16 gca4 ctl 17 pb c in 18 cec det. 19 chroma emph. ctl 20 gca3 ctl 21 fm out (doc) 22 dev ctl 23 f 0 ctl 24 me out (cor det. out) 25 w ctl 26 me nf 27 nl in 28 lnc out 29 ccl det. 30 cdl in 31 g1 det. 32 add out pin no. description 33 gca1 ctl 34 conp c 35 limc 36 to ccd 37 g2 det. 38 ydl in 39 ycl det. 40 cl in 41 ml out 42 y gnd 43 video out 44 y v cc 45 vnf 46 vf mute ctl 47 vf out (bgp out) 48 v mute ctl 49 clamp det. 50 line in 51 agc det. 52 conp y 53 rec pb vol 54 ss det. 55 ss out 56 rf det. 57 fm in 58 rf out 59 dlim in 60 mde 61 mdc 62 dcl in 63 clip in 64 vxo out n pin descriptions
AN2493FH ics for vcr 4 parameter symbol conditions min typ max unit consumption current 1 i cc1 consumption current at recording 52 72 92 ma consumption current 2 i cc2 consumption current at playback 58 78 98 ma consumption current 3 i cc3 power save mode 42 62 82 ma consumption current 4 i cc4 camera power save mode - 8 - 4.2 - 1ma internal reference voltage source v ref pin 3 voltage ? 2.5 ? v rec overall v me adjust pin 47 output voltage to - 14 - 12 - 10 db 1 v[p-p] at pin 53 y-agc control characteristics d v agc pin 47 output gain ratio between - 1.5 0 1.5 db 0.5 v[p-p] and 2.0 v[p-p] inputs y-agc through mode v 26s pin 24 output at pin 50 input 200 250 300 mv[p-p] view finder amp. f ba output ratio of 5 mhz to 100 khz - 1.5 0 1.5 db frequency characteristics at input of 100 khz or 5 mhz video-osd v ow dc voltage referred to pedestal level 56 68 80 ire white mute level video-osd v ob dc voltage referred to pedestal level - 5 5 15 ire black mute level video-osd v 48w pin 48 input at inserting recording 3.6 ? 4.8 v white mute ctl voltage character video-osd v 48b pin 48 input at inserting recording 2.0 ? 2.6 v black mute ctl voltage character video-osd v 48s pin 48 input at inserting recording 0 ? 1.0 v through ctl voltage character n absolute maximum ratings parameter symbol range unit supply voltage v cc 4.7 to 5.2 v n recommended operating range parameter symbol rating unit supply voltage v cc 5.5 v supply current i cc 100 ma power dissipation * 2 p d 359 mw operating ambient temperature * 1 , * 3 t opr - 10 to + 70 c storage temperature * 1 t stg - 55 to + 125 c note) * 1: except for the power dissipation, operating ambient temperature and storage temperature, all ratings are for t a = 25 c. * 2: the power dissipation shown is for the ic package at t a = 70 c. p d = 696 (mw) (t a = 70c) when mounted on the glass epoxy printed circuit board of 50 50 0.8 (mm 3 ). * 3: it becomes = 471(mw) at supply voltage v cc = 4.8 v. n electrical characteristics at v cc = 4.8 v, t a = 25 c
ics for vcr AN2493FH 5 parameter symbol conditions min typ max unit video-osd quasi-v level v ov dc voltage difference referred to - 50 0 50 mv sync. tip in pb mode video-osd quasi-v v 48v pin 48 input in pb mode 2.0 ? 4.8 v mute ctl voltage video-osd v 48g pin 48 input in pb mode 0 ? 1.0 v through ctl voltage y-main-lpf d f ml1 output ratio of 3 mhz to 100 khz - 5 - 12 db frequency characteristics 1 at input of 100 khz or 3 mhz y-main-lpf d f ml2 output ratio of 4.43 mhz to 100 khz ??- 25 db frequency characteristics 2 at input of 100 khz or 4.43 mhz video amp. output amplitude v vo adjust the vf out to 1 v[p-p] 1.75 2.0 2.25 v[p-p] video amp. f vi output ratio of 5 mhz to 100 khz - 1.5 0 1.5 db frequency characteristics at input of 100 khz or 5 mhz view finder osd-white v bow dc voltage referred to pedestal level 56 68 80 ire mute level view finder osd-black v bob dc voltage referred to pedestal level - 5 5 15 ire mute level view finder osd-white v 46w pin 48 = 0 v, an indication character 3.6 ? 4.8 v mute ctl voltage is inserted view finder osd-black v 46b pin 48 = 0 v, an indication character 2.0 ? 2.6 v mute ctl voltage is inserted view finder osd v 46s pin 48 = 0 v, an indication character 0 ? 1.0 v through ctl voltage is inserted view finder osd quasi-v level v bov dc voltage referred to sync. tip at - 50 0 50 mv pb mode view finder osd quasi-v v b48v pin 48 input in pb mode 2.0 ? 4.8 v mute ctl voltage view finder osd v b48s pin 48 input in pb mode 0 ? 1.0 v through ctl voltage pb osd white mute level v pow dc voltage referred to pedestal level 56 68 80 ire pb osd black mute level v pob dc voltage referred to pedestal level - 5 5 15 ire pb osd white v 46w pin 48 = 0 v, an indication character 3.6 ? 4.8 v mute ctl voltage is inserted pb osd black v 46b pin 48 = 0 v, an indication character 2.0 ? 2.6 v mute ctl voltage is inserted pb osd through ctl voltage v 46s pin 48 = 0 v, an indication character 0 ? 1.0 v is inserted pb osd off v voo pin 48 = 0 v, an indication character 1.75 2.0 2.25 v[p-p] is inserted n electrical characteristics at t a = 25 c (continued)
AN2493FH ics for vcr 6 parameter symbol conditions min typ max unit sync. separation min. input v ss input sync. level ?? 65 mv[p-p] sensitivity sync. separation pulse delay t ss sync. delay measurement between 560 760 960 ns amount pin 40 and pin 55 sync. separation output v ssh output amplitude of pin 55 4.0 ?? v amplitude 1 sync. separation output v ssl output amplitude of pin 55 ?? 0.4 v amplitude 2 non linear emphasis 1 f rnl1 output ratio of 1 mhz to 10 khz 1.0 3.0 5.0 db at input 0 db non linear emphasis 2 f rnl2 output ratio of 1 mhz to 10 khz 3.7 6.2 8.7 db at input - 10 db non linear emphasis 3 f rnl3 output ratio of 1 mhz to 10 khz 6.3 9.3 12.3 db at input - 20 db non linear de-emphasis 1 f pnl1 output ratio of 1 mhz to 10 khz - 5.0 - 3.0 - 1.0 db at input 0 db non linear de-emphasis 2 f pnl2 output ratio of 1 mhz to 10 khz - 10 - 7.5 - 5.0 db at input - 10 db non linear de-emphasis 3 f pnl3 output ratio of 1 mhz to 10 khz - 11.5 - 8.5 - 5.5 db at input - 20 db dark clip level v cd fixed 90 100 110 % white clip level v cw adjust at pin 25 ? 220 ? % fm carrier interleave v ci apply voltage to pin 7 ? 1.64 ? mv[p-p] fm modulator oscillation frequency f 0 adjust at pin 23 ? 4.2 ? mhz fm modulator deviation ctl f dev apply voltage to pin 27 and adjust ? 2.4 ? mhz/v at pin 22 fm modulator second harmonic 2f fm pin 21 output ??- 30 db distortion y-fm-gca output amplitude 1 v fms pin 20 = 0 v ?? 100 mv[p-p] y-fm-gca output amplitude 2 v fml pin 20 = 4.8 v 370 ?? mv[p-p] pb-y-rfagc output amplitude v 58 input 50 mv[p-p] and 200 mv[p-p] 325 400 475 mv[p-p] at f = 5 mhz pb-y-rfagc output second 2f 58 input 100 mv[p-p], f = 5 mhz ??- 30 db harmonic distortion pb-over-all 1 (nor) v nor adjust pin 47 output voltage at pin 53 ? 1.0 ? v[p-p] fm demodulation linearity 1 d v nor adjust at pin 53, input 3, 5 and 7 mhz, 90 100 110 % pin 63 = 4.8 v n electrical characteristics at t a = 25 c (continued)
ics for vcr AN2493FH 7 parameter symbol conditions min typ max unit dropout detection on level v doc input at pin 57, f = 5 mhz - 17 - 12 - 7db dropout detection off hysteresis d v doc input at pin 57, f = 5 mhz 1 4 10 db dropout detection env off v doch input at pin 57, f = 5 mhz 5 8 11 h dropout detection output v p21h pin 21 output, pin 57 input 2.8 ?? v high-level dropout detection output v p21l pin 21 output, pin 57 input ?? 0.4 v low-level noise canceller frequency f nc11 output ratio of 1 mhz to 50 khz - 3 - 0.3 0.5 db characteristics 1 at input 0 db, nc1 mode noise canceller frequency f nc12 output ratio of 1 mhz to 50 khz - 3.5 - 0.8 0.5 db characteristics 2 at input - 10 db, nc1 mode noise canceller frequency f nc13 output ratio of 1 mhz to 50 khz - 6 - 2.3 0 db characteristics 3 at input - 20 db, nc1 mode noise canceller frequency f nc14 output ratio of 1 mhz to 50 khz - 10 - 6.5 - 3.0 db characteristics 4 at input - 30 db, nc1 mode nc off mode f ncoff output ratio of 1 mhz to 50 khz at - 10 - 6.5 - 3.0 db input - 30 db, nc1 mode and nc off clip comp. limiter level v cl pin 41 output, pin 63 input 45 70 95 mv line noise canceller frequency f lnc1 input 0 db - 2.2 - 0.2 1.8 db characteristics 1 line noise canceller frequency f lnc2 input - 30 db - 15.0 - 8.5 - 3.0 db characteristics 2 line noise canceller (off) f ln3 input - 30 db - 1.5 0 1.5 db c-bpf frequency characteristics 1 f bp1 output ratio of 4.13 mhz to - 2.5 - 0.5 1.5 db 4.43 mhz at input 100 mv[p-p] c-bpf frequency characteristics 2 f bp2 output ratio of 4.73 mhz to - 2.5 - 0.5 1.5 db 4.43 mhz at input 100 mv[p-p] c-bpf frequency characteristics 3 f bp3 output ratio of 2.93 mhz to ??- 20 db 4.43 mhz at input 100 mv[p-p] c-bpf + hpf frequency f bp4 output ratio of 5.93 mhz to ??- 18 db characteristics 4 4.43 mhz at input 100 mv[p-p] rec apc pull-in range 1 +d f sc pin 4 output (designated xtal), 275 ?? hz at input f sc + 300 hz rec apc pull-in range 2 -d f sc pin 4 output (designated xtal), ??- 275 hz at input f sc - 300 hz xtal output amplitude v fsc pin 4 output at lock (designated xtal) 320 520 720 mv[p-p] xtal oscillation frequency f sc frequency deviation of pin 4 at pb - 50 ? 50 hz n electrical characteristics at t a = 25 c (continued)
AN2493FH ics for vcr 8 parameter symbol conditions min typ max unit acc output amplitude v ac pin 15 output (test 3), pin 34 input 270 400 520 mv[p-p] acc control characteristics d v ac level ratio between input of - 14 db - 2.0 0 2.0 db and 6 db acc maximum gain v acm level ratio of output to i nput 14 20 ? db c acc output characteristics v cac output burst ratio at input chroma 1.0 3 5.0 db signal of 0 db and - 14 db burst emphasis amount v bu pin 15 output, pin 34 input 4.0 6.0 8.0 db burst de-emphasis amount v bd pin 13 output, pin 17 input - 8.5 - 6.0 - 3.5 db chroma de-emphasis v ce1 output fsc + 500/fsc, input 0 db - 3.3 ? 1.3 db characteristics 1 chroma de-emphasis v ce2 output fsc - 500/fsc, input 0 db - 3.3 ? 1.3 db characteristics 2 chroma de-emphasis v ce3 output fsc - 500/fsc, input - 10 db - 5.8 ?- 1.0 db characteristics 3 chroma de-emphasis v ce4 output fsc + 500/fsc, input - 10 db - 5.8 ?- 1.0 db characteristics 4 rec chroma out level 1 v rco1 pin15 output, pin 16 = 0 v ?? 100 mv[p-p] rec chroma out level 2 v rco2 pin15 output, pin 16 = 4.8 v 170 ?? mv[p-p] color killer on level ck on pin15 dc output at pin 34 input signal ?? 0.4 v of 100 mv[p-p] ? 2 mv[p-p] color killer off level ck off pin15 dc output at pin 34 input signal 1.5 1.9 2.3 v of 0 mv[p-p] ? 40 mv[p-p] pb apc pull-in range 1 d f xo1 pin 13 output at pin 40 - 100 ? 100 hz and pin 17 inputs pb apc pull-in range 2 d f xo2 pin 13 output at pin 40 - 100 ? 100 hz and pin 17 inputs cnr characteristics 1 cnr3 white 50% input at pin 40, and b + c - 10.5 - 7.5 - 4.5 db signal input at pin 52 cnr characteristics 2 cnr4 white 50% input at pin 40, and b + c - 10.5 - 7.5 - 4.5 db signal input at pin 52 pb burst level v pbc burst level at pin 13 output 110 200 280 mv[p-p] clip comp. gain v cg pin 41 output at pin 63 input - 8.5 - 6 - 3.5 db n electrical characteristics at t a = 25 c (continued)
ics for vcr AN2493FH 9 pin no. symbol equivalent circuit description vo ltage (v) 1 vxo in 400 mv[p-p] dc 2.76 f = 4.43 mhz 2 rec apc det. pin dc 2 0.75 det. 3v ref det. bias pin dc 2.48 4f sc out ac 540 mv[p-p] dc 2.0 f = 4.43 mhz n terminal equivalent circuits 2.38 k w 1.62 k w 3 k w 1 5 k w 2 3 k w 3 4
AN2493FH ics for vcr 10 pin no. symbol equivalent circuit description vo ltage (v) 5 f det. det. pin ? 6 pb apc det. pin dc det. 1.974 0.75 7 pg in *high frequency fm out at carrier 0 ? 4.8 interleave h 8c v cc ??? 9ck 0 ? 4.8 n terminal equivalent circuits (continued) 3 k w 5 3 k w 3 k w 40 k w 6 4.8 v 0 v 30 k w 7 10 k w 9 4.8 v 0 v
ics for vcr AN2493FH 11 pin no. symbol equivalent circuit description vo ltage (v) 10 data 0 ? 4.8 11 c gnd ??? 12 c mix in b: 150 mv[p-p] (pal) dc 2.475 f = 4.4336 mhz (input with a low impedance) 13 pb c out dc 2.145 b: 200 mv[p-p] f = 4.4336 mhz 14 clca det. det. pin dc 3.62 0.75 n terminal equivalent circuits (continued) 10 k w 10 4.8 v 0 v 7.8 k w 3 k w 20 k w 12 13 200 w 3 k w 3 k w 3 k w 14
AN2493FH ics for vcr 12 pin no. symbol equivalent circuit description vo ltage (v) 15 rec c out dc 2 rec mode f = 732 khz 16 ctl 4 rec out level adjustment 0 ? 4.8 17 pbc in dc 2.75 b: 100 mv[p-p] f = 732 khz being inputted into pbc-in with y + c signal, y signal = 400 mv[p-p] 18 cec det. pin dc 2.9 n terminal equivalent circuits (continued) 15 50 k w 16 3 k w 30 k w 17 5 k w 3 k w 18
ics for vcr AN2493FH 13 pin no. symbol equivalent circuit description vo ltage (v) 19 cectl chroma emphasis and de-emphasis 0 ? 4.8 adjustment pin adjustment off below 1 v 20 ctl 3 rec mode (gca3 control) 0 ? 4.8 21 fm out dc 3.35 rec mode pb mode: 2.5 v or more at doc on 0.4 v and less at doc off 22 dev ctl adjust to 5.4 mhz with dc 2.5 (typ.) at 100% white. 1.3 to 3.7 23 f 0 ctl adjust fm out to 4.2 mhz 2.5 (typ.) at sync. tip. 1.3 to 3.7 n terminal equivalent circuits (continued) 10 k w 10 k w 19 10 k w 25 k w 100 k w 100 k w 20 21 3 k w 22 3 k w 23 3 k w 100 mv to 400 mv
AN2493FH ics for vcr 14 pin no. symbol equivalent circuit description vo ltage (v) 24 me out dc 2.195 25 w ctl adjust a white clip level to 220%. 2.0 (typ.) 1.3 to 3.7 26 menf dc 2.19 (sync. tip) (with exter- nally attached feedback re- sistor r) 27 nl in dc 2.93 (sync. tip) n terminal equivalent circuits (continued) 25 0 mv[p-p] 24 30 k w 30 k w 30 k w 30 k w 10 k w 48 k w 25 250 mv[p-p] 500 mv[p-p] 26 360 w 3 k w 27 3 k w
ics for vcr AN2493FH 15 pin no. symbol equivalent circuit description vo ltage (v) 28 lnc out dc 3.14 (sync. tip) 29 ccl det. det. pin dc 2.66 0.75 30 cdl in dc 2.755 b: 150 mv[p-p] (pal) f = 4.4336 mhz 31 g1 det. det. pin dc 3.515 0.75 n terminal equivalent circuits (continued) 28 500 mv[p-p] 3 k w 3 k w 29 150 mv[p-p] 50 k w 510 k w 3 k w 50 k w 3 k w 30 3 k w 3 k w 31
AN2493FH ics for vcr 16 pin no. symbol equivalent circuit description vo ltage (v) 32 add out adjust pin 33 voltage (ctl1) to keep dc 2.0 a chroma signal from being mixed. 33 ctl 1 chroma level adjustment pin for a dc 2.994 comb filter. adjust so as to be only a y-signal at pin 32 (add out). 34 conp c dc 1.96 b: 300 mv[p-p] f = 4.4336 mhz 35 limc det. pin dc 2.7 n terminal equivalent circuits (continued) 32 3 k w 80 k w 120 k w 33 10 k w 10 k w 10 k w 34 3 k w 30 k w 3 k w 30 k w 35
ics for vcr AN2493FH 17 pin no. symbol equivalent circuit description vo ltage (v) 36 to ccd dc 2.03 (sync. tip) b: 150 mv[p-p] f = 4.4336 mhz 37 g2 det. det. pin dc 3.515 0.75 38 ydl in dc 2.622 b: 150 mv[p-p] f = 4.4336 mhz 39 ycl det. det. pin dc 2.66 0.75 n terminal equivalent circuits (continued) 36 20 k w 60 k w 40 k w 3 k w 20 k w 20 k w 16.7 k w 150 mv[p-p] 3 k w 3 k w 37 38 50 k w 3 k w 3 k w 50 k w 150 mv[p-p] 3 k w 3 k w 39
AN2493FH ics for vcr 18 pin no. symbol equivalent circuit description vo ltage (v) 40 cl in dc 3.4 (sync. tip) 500 mv[p-p] with 100% white input 41 ml out dc 1.897 500 mv[p-p] with 100% white input 42 y gnd ??? 43 video out 2 v[p-p] with 100% white input dc 1.236 (sync. tip) b: 0.6 v[p-p] f = 4.4336 mhz 44 y v cc ??? 45 vnf dc 1.237 (sync. tip) b: 150 mv[p-p] f = 4.4336 mhz video amp. is off when pin 45 is 0.3 v or less n terminal equivalent circuits (continued) 40 3 k w 41 30 k w 20 k w 150 mv[p-p] 150 mv[p-p] 45 43 3 k w 20 k w 60 k w 45 43 3 k w 20 k w 60 k w 0.6 v[p-p] 150 mv[p-p]
ics for vcr AN2493FH 19 pin no. symbol equivalent circuit description vo ltage (v) 46 vf mute vf amp.-osd-ctl voltage 0 ? 4.8 47 vf out dc 1.968 (sync. tip) b: 300 mv[p-p] f = 4.4336 mhz 1 v[p-p] with 100% white input 48 v mute video amp.-osd-ctl voltage 0 ? 4.8 49 clamp det. det. pin dc 3.506 n terminal equivalent circuits (continued) 10 k w 46 47 300 mv[p-p] 10 k w 10 k w 48 49 3 k w 3 k w
AN2493FH ics for vcr 20 pin no. symbol equivalent circuit description vo ltage (v) 50 line in dc 3.2 b: 300 mv[p-p] f = 4.4336 mhz (agc through mode is 6 db down.) 51 agc det. det. pin dc 1.63 52 conp y dc 3.2 (agc through mode is 6 db down.) 53 rec pb rec mode: normally vol adjust to 2 v[p-p] at video out. 0 ? 4.8 0.7 v to 4.8 v pb mode: filter off adjust to 2 v[p-p] at video out. 0 ? 0.3 0.7 v to 4.8 v filter off mode: 0 v to 0.3 v n terminal equivalent circuits (continued) 41.5 k w 3.5 k w 60 k w 50 3 k w 150 w 100 k w 51 300 mv[p-p] 60 k w 3.5 k w 41.5 k w 52 300 mv[p-p] 53 200 w 3 k w 3 k w 3 k w
ics for vcr AN2493FH 21 pin no. symbol equivalent circuit description vo ltage (v) 54 ss det. det. pin dc 2.78 55 ss out 4 ? 0.4 56 rf det. det. pin dc 3 57 fm in 200 mv[p-p] dc 3.26 n terminal equivalent circuits (continued) 3 k w 500 w 100 w 100 w 500 k w 40 k w 200 k w 54 55 4 v or more 0.4 v or less 3 k w 3 k w 300 w 56 3 k w 20 k w 23 k w 57
AN2493FH ics for vcr 22 pin no. symbol equivalent circuit description vo ltage (v) 58 rf out 400 mv[p-p] dc 2.40 59 dlim in 400 mv[p-p] dc 2.49 60 mde dc 1.6 61 mdc dc 3.4 n terminal equivalent circuits (continued) 58 30 k w 3 k w 59 60 61 60 61
ics for vcr AN2493FH 23 pin no. symbol equivalent circuit description vo ltage (v) 62 dcl in dc 3.42 63 clip in dc 3.4 64 vxo out 350 mv[p-p] dc 3.33 f = 4.4336 mhz n terminal equivalent circuits (continued) 3 k w 20 k w 62 19 k w 1 k w 20 k w 900 w 63 150 mv[p-p] 64
AN2493FH ics for vcr 24 33 34 35 36 37 38 39 40 41 42 43 44 45 46 51 52 53 54 55 56 57 58 59 60 61 62 63 64 49 50 30 29 28 27 26 25 24 23 22 21 20 19 18 17 32 add out 31 47 48 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 20 1 19 2 18 3 17 4 16 5 15 6 14 7 13 8 12 9 11 3.3 m f/10 v 3.3 m f/10 v 3.3 m f/10 v 0.01 m f 0.1 m f 0.01 m f 1 m f 1 m f 120 w 0 w 1 m w 1 000 pf 82 k w 0.01 m f 47 m h 47 m h 1 000 pf pal ccd-dl v cc 10 10 m f dl-eq dl conp c in 0.01 m f 1 m f 1 m f 10 m f 3.3 m f 100 m f 4.7 m f 10 m f 75 w v33 video out vf out 0.01 m f 100 m f v cc (y) = 4.8 v 75 w 330 w 1 k w v46 v48 0.22 m f 10 m f 6 800 pf 0.01 m f 0.01 m f 0.22 m f 0.47 m f 3.3 m f 0.01 m f 1 m f 1 m f 0 pf 1 m f 0.01 m f 100 m f 10 m f v16 rec out 0.1 m f AN2493FH 10 k w 10 k w 75 w v19 v20 v21 0.01 m f 0.01 m f 0.22 m f 3.3 m f 10 m f 10 k w 0.01 m f 0.47 m f 22 k w 3 k w 10 k w ss out 3.3 m f 3.3 m f 75 w 75 w 75 w 1.2 k w 27 pf 1.2 k w 470 w 1 k w c1 c3 r1 c2 l1 xtal 720 pf v53 high line in conp in pb fm in (y) (jog* doc) v cc (y) = 4.8 v v cc (c) = 4.8 v data ck pg in pbc in rec: fm out (pb: doc out) 1.2 k w 470 w v23 vr v25 720 pf 150 pf n application circuit example note) 1. optimize c1, c2, c3, l1 and l2 to meet xtal characteristics. 2. adjustment should be done in the order of vari- able resistor (vr), v33 voltage and variable resistor so as to minimize the chroma signal at add out (pin 32) output. (at rec mode, line mode, chroma 100% input) 3. the application circuit diagram in this data is just a typical circuit example as a reference data for use, and whatever the loss caused or whatever the infringement of the third party's industrial property right by the use of this cir- cuit is not our responsibility.


▲Up To Search▲   

 
Price & Availability of AN2493FH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X