Part Number Hot Search : 
473U7 IPA80R 2SC34 100RJ 8X7R2J10 L293DD KS7308 BU931ZPF
Product Description
Full Text Search
 

To Download 5033046010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 5033046010 status: active overview: slimstack_mm016_pitch description: 0.40mm (.016") pitch slimstack? board-to-board receptacle, smt, dual row, vertical, 0.70mm (.028") stacking height, 60 circuits documents: 3d model product specification ps-503304-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 503304 application board-to-board overview slimstack_mm016_pitch product name slimstack? physical circuits (loaded) 60 color - resin black durability (mating cycles max) 30 glow-wire compliant no lock to mating part yes mated height (in) 0.028 in mated height (mm) 0.70 mm material - metal copper alloy material - plating mating gold material - plating termination gold number of rows 2 orientation vertical pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.016 in pitch - mating interface (mm) 0.40 mm polarized to mating part no polarized to pcb no stackable no temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.3a voltage - maximum 50v ac/dc material info reference - drawing numbers application specification as-503304-001 packaging specification spk-503304-001 product specification ps-503304-001 sales drawing sd-503304-001, sd-503304-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 503304 series mates with 503308 pcb header this document was generated on 05/25/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 5033046010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X