Part Number Hot Search : 
S2GJF CMHZ4117 CD7313GS HSBD140 1SS136 00450 RBOX103 KT973
Product Description
Full Text Search
 

To Download 39-01-4046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0039014046 status: active overview: minifit_jr description: 4.20mm (.165") pitch mini-fit jr.? plug housing, single row, without panel mount ears, pa polyamide nylon 6/6, ul 94v-2, 4 circuits documents: 3d model product specification ps-5556-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family crimp housings series 5559 comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 awg wire. . see molex product specification ps-45750-001 for additional current de- rating information. overview minifit_jr product name mini-fit jr.? physical breakaway no circuits (maximum) 4 color - resin natural flammability 94v-2 gender male glow-wire compliant no keying to mating part none lock to mating part yes material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm polarized to mating part yes stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 13a material info old part number 5559-04p3 reference - drawing numbers packaging specification pk-5559-003 product specification ps-5556-001 sales drawing sd-5559-nlp* series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5559 series mates with 39-01-4040 receptacle housing use with 5558 mini-fit jr.? male crimp terminals. 44478 mini-fit hcs? male crimp terminals. 30490 mini-fit? male grounding crimp terminals
test summary ts-5556-002 this document was generated on 05/19/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 39-01-4046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X