Part Number Hot Search : 
7005S55J PT380 BT169 16241 IRFS4 M18109A V115K7 ASI4U
Product Description
Full Text Search
 

To Download 31GF6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  31GF6 ultrafast efficient glass passivated rectifier voltage  600v current  3.0a feature do  201ad low power loss high surge capability ultra-fast recovery time for high efficiency high temperature soldering guaranteed 250 /10sec/0.375 lead length at 5 lbs tension mechanical data terminal  plated axial leads solderable per mil-std 750, method 2026 case  molded with ul-94 class v-0 recognized flame retardant epoxy polarity  color band denotes cathode mounting position  any dimensions in inches and (millimeters) maximum ratings and electrical characteristics (single-phase, half -wave, 60hz, resi stive or inductive load rating at 25 , unless otherwise stated) symbol 31GF6 units maximum recurrent peak reverse voltage vrrm 600 v maximum rms voltage vrms 420 v maximum dc blocking voltage vdc 600 v maximum average forward rectified current, 0.375 lead length at tl =110 if(av) 3.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load ifsm 90 a maximum forward voltage at forward current at3.0a (note 1) vf 1.6 v maximum dc reverse current ta =25 at rated dc blocking voltage ta =120 ir 10.0 100.0 0 a 0 a maximum reverse recovery time (note 2) trr 30 ns typical thermal resistance r(ja) 30.0 /w storage and operating junction temperature tstg,tj -40 to +150 note  1. pulse test:300us pulse width, 1% duty cycle 2. reverse recovery condition if = 0.5a, ir =1.0a, irr =0.25a rev.4, 1-jul-03 www.gulfsemi.com
ratings and characteristic curves 31GF6 1 1 rev.4, 1-jul-03 www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 31GF6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X