Part Number Hot Search : 
2SC3060 P3844N8A SK195 AD625A 016D70TF LV86A G510986 2SC3060
Product Description
Full Text Search
 

To Download 1120005029 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 1120005029 status: active description: bradcommunications? direct-link? pcu-ethio ethernet card for modbus tcp/udp client, pci 3.3/ 5v bus, rohs compliant documents: drawing (pdf) rohs certificate of compliance (pdf) general product family network interface series 112000 approvals ce communication speed 10 / 100 mbaud (auto) mounting style n/a product name direct-link? protocol modbus* tcp type pc card physical channels 1 interface ethernet network connection type ethernet: rj45 packaging type carton processor amd sc520 temperature range - operating 0c to +65c electrical current - maximum input 5.5w emc en 55022 class b, en 61000-3-2, en 61000-3-3, en 61000-6-2 supply voltage n/a material info old part number drl-emb-pcu reference - drawing numbers sales drawing e-112000-5029 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 112000 series this document was generated on 06/07/2010 please check www.molex.com for latest part information
applicomio ? pcu-ethio best choice for controlling i/o over modbus ethernet overview some of the world?s most demanding high-sp eed control and automation applications run on standard pcs using bradcommunications? applicomio ? fieldbus interface cards. dedicated dcs and plc systems have been eliminated in favor of open platforms running pc-based control systems. the benefits include: ? reduced material costs ? reduced development times ? more flexible and customizable systems ? reduced field-support costs applicomio products are design so industrial a pplications can be designed independently of the fieldbus used. oems , system integrators and end-users can take advantage of developing standard control applications as we ll as selecting the fieldbus connectivity required from the applicomio product range. applicomio products consist of a fieldbus card and engineering tools which quickly and easily setup communication. everything is included for a successful implementation at a lower cost. applicomio provides connectivity support for all popular fieldbuses including ethernet/ip , profinet io , modbus tcp , profibus , devicenet and canopen . our cards are developed in compliance with the technical spec ifications of indust rial organizations and comply with the applicable industrial standards . applicomio supports up to 8 cards in a single pc and can run on various operating sy stems including windows 32-bits, linux as well as real-time os such as vxwo rks, qnx, and venturcom rtx. particularly, the applicomio ? pcu-ethio network interface card provides high-speed deterministic communication to exchange data with industrial devices through modbus ethernet messaging . the built-in processor handles all the protocol management to offer reliable and outstanding performance. the software package includes a common developm ent library for all fieldbuses supported. the process data is exchanged with the contro l application through a shared memory where inputs/outputs are autom atically mapped. to monitor t he communication between the card and the control application, the library includes a watchdog feature to automatically detect software blocking. are you looking for a real turnkey solution? applicomio ? configuration software console provides a standardized and user-friendly environment for quick development of communi cation applications without the worry of knowing industrial communication protocol s. the console saves time during the commissioning phase by offering features such as automatic device detection, user configuration management, dia gnostic information, etc. the product includes: ? fieldbus interface card ? engineering console for configuration and diagnostics ? data servers (opc da v3.0 & v2.05, w onderware daserver and fastdde/suitelink) ? development libraries: windows (d ll), ni (labview), venturcom (rtx) ? static librar y for non-windows os ( vxworks, qnx, linux, etc ) bradcommunications? applicomio ? ethernet network interface cards provide powerful and reliable data acquisition for pc-based control and visualization a pp lications. features ? protocols: ? modbus tcp client ? modbus udp client ? reliable solution based on embedded protocol technology for powerful data throughput ? single-time development of api for whatever fieldbus used ? ?user-friendly? engineering tools for configuration and diagnostics ? remote connection through ethernet port (for embedded system platform) ? application watchdog ? automatic i/o mapping for easy configuration ? i/o exchange up to 14 kbytes typical application ? pc-based control ? robotic application ? panel pc visualization system supported os standard package ? windows 32-bit (xp , 2000, 2003 server), venturcom rtx free download ? windows xp embedded, qnx, vxworks, linux, phar lap ets, dos linux
to contact us: www.woodhead.com reference number: dw2008253 date published: october 2008 north america : us: + 1 800 225 7724 ? canada: +1 519 725 5136 europe : france: +33 2 32 96 04 20 ? germany: +49 7252 94 96 0? italy: +39 010 59 30 77 ? united: kingdom +44 1495 356300 asia : shanghai, china: +86 21-5835-9885 - tianjin, china: +86 22-23321717 singapore: +65 6268-6868 ? yamato, japan: +81 46-265-2428 ? nagoya, japan: +81 52-221-5950 brad and applicomio are registered trademarks and bradcommunications and direct-link are trademarks of molex ? 2008 molex incorporated. applicomio ? pcu-ethio software tools applicomio ? software tools enable fast integration of the fieldbus into your control application. no matter the fieldbus; the console remains the same. - configuration console - - opc browser - - diagnostic and test tools - hardware specifications bus interface pci rev 2.2, 32-bit, 33 mhz, pci universal 3.3v/5v keying, pci-x compatible processor amd sc520 - 133 mhz memory sdram: 16 mbytes flash: 4 mbytes interruption hardware plug&play dpram address hardware plug&play (32 kbytes used per card) dimensions (l x w) 168mm x 107mm (6.61" x 4.21") consumption 5.5 w operating temperature 0o c (32o f) ? +65o c (149o f) storage temperature -40o c (-40o f) ? +85o c (185o f) discrete input 1x opto-coupled discrete output 1x "watchdog" (dry contact) emc compliance en55022 class b, en61000-6-2, en61000-3-2, en61000-3-3 rohs compliance yes 1 ethernet port port type ethernet port ieee 802.3 for industrial applications connector type baset (rj45) speed 10/100 mbps (auto-negotiation) led indicators 4 leds - tx, rx, link, 100 mbps remote access also usable for remote and diagnostic configuration protocols supported ethernet tcp/ip protocol specifications modbus tcp (client mode) ? connect ethernet modbus devices se rver according to modbus-ida specifications ? support both tcp and udp connection modes ? up to 127 simultaneous devices ordering information #sap part number product description 1120005029 drl-emb-pcu bradcommunications? direct-link? pcu-ethio ethernet card for modbus tcp client , pci 3.3/ 5v bus also available 1120005030 drl-eip-pcu bradcommunications? direct-link? pcu-ethio ethernet card for ethernet/ip scanner/adapter , pci 3.3/ 5v bus 1120005031 drl-epn-pcu bradcommunications? direct-link? pcu-ethio ethernet card for profinet io-controller & io-device , pci 3.3/ 5v bus


▲Up To Search▲   

 
Price & Availability of 1120005029

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X