Part Number Hot Search : 
D12NF ADN2849 HAT3006R BD00HC0 C0603X C4010 F1603 PWR35MM
Product Description
Full Text Search
 

To Download 1120005028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 1120005028 status: active description: applicom? pcie2000eth combo ethernet 10/100 mbps + profibus 1.5 mb card, pci express 1x bus, rohs compliant documents: drawing (pdf) rohs certificate of compliance (pdf) general product family network interface series 112000 approvals ce communication speed ethernet: 10/100 mbps, profibus up to 1.5 mbps mounting style n/a product name applicom? protocol n/a type pc card physical channels 2 interface ethernet network connection type ethernet: rj45, profibus* d-sub female (9 pin) packaging type carton processor amd sc520 temperature range - operating 0c to +65c electrical current - maximum input 5.5w emc en 55022 class b, en 61000-3-2, en 61000-3-3, en 61000-6-2 supply voltage n/a material info old part number app-epb-pcie reference - drawing numbers sales drawing e-112000-5026 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 112000 series this document was generated on 06/07/2010 please check www.molex.com for latest part information
applicom ? ethernet pcie2000eth best choice for scada/hmi applications overview applicom ? is a range of intelligent communication solutions, complete and ready to use covering more than 40 protocols among a wide ch oice of industrial networks and fieldbuses: ethernet tcp/ip, profibus, modbus plus, data highway plus, worldfip and serial links. these solutions connect your pc-based app lications (hmi, scada, mes, custom applications) to industrial equipment (progra mmable controllers, i/o modules, devices...). thanks to applicom ? smart built-in processor technology - each interface card is able to execute all management and the processing (polling, frame management, etc.) of communications protocols, resulting in extr emely fast, efficient application performance. the applicom ? software package includes: ? graphical configuration software. ? test and network diagnostic tools. ? data servers 9 opc da v1.0a, v2.05 and v3.0 (including an opc client with its source code) 9 wonderware i/o server (daserver, dde, fastdde, suitelink) ? development libraries 9 dll library 9 ms visual studio (.net/c# /vb/c++/c), borland delphi 9 national instruments (labwindows cvi, labview/vi) - configuration software - - opc server - connect your applications to industrial networks through ethernet messaging. features ? rohs compliant ? all protocols included in the package ? free full technical support during 2 years of hardware warranty ? on-board processor eliminates data bottle necks, ensuring delivery of time-critical information ? certified with over 50 major scada/hmi packages ? fast ethernet 10/100, rj-45 port ? combo offer = ethernet + profibus 1.5mbps or ethernet + serial 38.4kbps ? simultaneously run all tcp/ip protocols in client/server modes ? redundancy feature via opc server ? win32 ndis driver (using applicom ? interface as a standard ethernet card) ? onboard internal data base (32 kwords + 32 kbits) supported os standard package ? windows 32-bit (vista / xp / 2003 server) free download ? windows xp embedded, venturcom rtx, vxworks, qnx, linux, dos compatible with ? altus ? ge fanuc ? mitsubishi electric automation ? omron ? rockwell automation ? schneider electric ? siemens applicom ? pci express card
to contact us: www.woodhead.com reference number: dw2008256 date published: january 2009 north america : us: + 1 800 225 7724 ? canada: +1 519 725 5136 europe : france: +33 2 32 96 04 20 ? germany: +49 7252 94 96 0? italy: +39 010 59 30 77 ? united: kingdom +44 1495 356300 asia : shanghai, china: +86 21-5835-9885 - tianjin, china: +86 22-23321717 singapore: +65 6268-6868 ? yamato, japan: +81 46-265-2428 ? nagoya, japan: +81 52-221-5950 brad and applicom are registered trademarks and bradcommunications is a trademark of molex incorporated. ? 2009 molex. hardware specifications unit pci express 1x, rev 1.0a processor amd sc520 - 133 mhz memory 16 mbytes sdram flash memory 4 mbytes interruption hardware plug&play dpram address hardware plug&play (32 kbytes used per board) digital i/o opto-coupled discrete input voltage -> dc +10 to +30 or ac 24 v (50 to 60 hz) "watchdog" output dry contact (24v dc, 0.25 a) dimensions (l x w) 168mm x 107mm (6.61" x 4.21") consumption 5.5 w temperature operating: 0o c (32o f) up to +65o c (149o f) storage: -40o c (-40o f) up to +85o c (185o f) emc compliance en55022 class b, en61000-6-2, en61000-3-2, en61000-3-3 rohs compliant yes protocols (all included in the package) ethernet tcp/ip ? allen-bradley - ethernet/ip (controllogix, plc-5 & slc 500 series) ? alstom - srtp (alspa c80-35 and c80-75) ? altus - alnet ii (al2000 and webgate series) ? ge fanuc - srtp (90-30 and 90-70 series) ? mitsubishi - melsec (a and q series) ? omron - fins (c, cv and cs series) ? schneider - open modbus tcp (tsx premium, tsx micro, etc) ? schneider - uni-te (tsx premium, tsx micro, etc) ? send/receive on udp (dev. free messaging on udp) ? siemens - industrial ethernet (s5, s7 and ti-505 series) ? development toolkit for tcp and udp protocols in client/server modes ethernet ? schneider - ethway (tsx premium, tsx micro, etc) ? siemens - industrial ethernet iso (s5, s7, tf and ti series) profibus ? profibus-dp v0 master class-1 & class-2 - all dp slaves devices ? fdl for s5 master - siemens s5 ? s7 / mpi master - siemens s7-300, s7-400 ? send/rec on fdl - develop your free messaging on profibus-fdl serial 3964/3964r, as511, datalink, df1, modbus, ppi/ppi+, sa?a-bus, snp-x, sucoma, sysmac-way, ti-direct, uni-telway, and development toolkit for serial protocols. ordering information part number sap product description app-eth-pcie 1120005026 applicom ? pcie2000eth ethernet tcp/ip 10/100 mbps card, pci express 1x bus, rohs compliant app-epb-pcie 1120005028 applicom ? pcie2000eth combo ethernet 10/100 mbps + profibus 1.5 mb card, pci express 1x bus, rohs compliant app-esr-pcie 1120005027 applicom ? pcie2000eth combo ethernet 10/100 mbps + serial rs485/422 card, pci express 1x bus, rohs compliant other related products : ip67/ip20 ethernet switches, software solution based on standard ethernet card, ethernet i/o for control/command, ethernet connectivity. communication ports 1 ethernet port port type 1 ethernet port - ieee 802.3 for industrial and office (ndis driver for xp/2000/nt) connector 10/100baset (rj45) led indicators 4 leds - tx, rx, link, 100 mbps speed 10/100 mbps (auto-negotiation) + 1 profibus port port type 1 profibus port (en 50 170) connector d-sub, 9 pin, female led indicators 2 leds - tx / rx electrical interface rs485 with galvanic insulation (500 v) speed 9.6 kbps to 1.5 mbps or 1 serial port port type 1 asynchronous serial port connector d-sub, 9 pin, male led indicators 2 leds - tx / rx electrical interface rs485/rs422 with galvanic insulation (500 v) speed 50 bps to 38.400 kbps - network diagnostic tools - applicom ? pcie2000eth


▲Up To Search▲   

 
Price & Availability of 1120005028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X