Part Number Hot Search : 
78L008AP MPC74 PC3Q67Q XR3403 3606VMJ ON0962 20800SAE 6472A
Product Description
Full Text Search
 

To Download 0850033275 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850033275 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 c/2 style male header, right angle, through hole, 0.80m (32") selective gold (au) plating, 48 circuits, with mounting clips, no flux proof, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-85003-0001 (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85003 application backplane comments with mounting clips. no flux proof. 4.2mm(.165") last- mate-first- break contacts. 5.4mm(.213") first-mate- last-break contacts. 4.8mm (.189") normal contacts component type pcb header overview din_41612 product name iec 603-2/din 41612 style c/2 physical circuits (loaded) 48 circuits (maximum) 48 circuits detail standard contacts at: a:a2-a15; b:b1-b15; c:c2-c15. first-mate-last- break contacts at: x:c1,c16; z:a1,a16 color - resin gray durability (mating cycles max) 500 first mate / last break yes flammability 94v-0 guide to mating part no keying to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of columns 16 number of pairs open pin field number of rows 3 orientation right angle pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type carton pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85003 series
pitch - term. interface (mm) 2.54 mm plating min: mating (in) 32 plating min: mating (m) 0.80 plating min: termination (in) 98 plating min: termination (m) 2.5 polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 1a data rate 622.0 mbps voltage - maximum 250v ac (rms) solder process data duration at max. process temperature (seconds) 10 process temperature max. c 260 material info reference - drawing numbers product specification ps-85003-0001 sales drawing sd-85003-0002, sd-85003-3275 this document was generated on 05/17/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0850033275

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X