Part Number Hot Search : 
MAJ160 80N04 HD66002 MC1437P HD66002 HD66002 LRC10 WM2625
Product Description
Full Text Search
 

To Download 0678007035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0678007035 status: active overview: serial_ata_products description: 1.27mm (.050") pitch serial ata high speed header, vertical, through hole, with locking latch, 7 circuits, 0.38m (15") gold (au) plating, for 1.60mm (.063") pcb, blue, footprint b, with pcb locator tabs, lead-free documents: 3d model product specification ps-67491-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr 19980 ul e29179 general product family pcb headers series 67800 application board-to-board, wire-to-board comments staggered solder pin|footprint b overview serial_ata_products product name serial ata physical breakaway no circuits (loaded) 7 circuits (maximum) 7 color - resin blue durability (mating cycles max) 50 first mate / last break yes flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin number of rows 1 orientation vertical pc tail length (in) 0.096 in pc tail length (mm) 2.45 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm polarized to mating part yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -35c to +85c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67800 series
termination interface: style through hole electrical current - maximum per contact 1.5a voltage - maximum 15v dc material info reference - drawing numbers packaging specification pk-67800-001 product specification ps-67491-001 sales drawing sd-67800-007 this document was generated on 05/26/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0678007035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X