Part Number Hot Search : 
CDP1855 TDA3654 PD84002 Z5226B HC224 DB102 TC89102 HC224
Product Description
Full Text Search
 

To Download 0674921730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0674921730 status: active overview: serial_ata_127_host_receptacles description: 1.27mm (.050") pitch serial ata host receptacle, smt, right angle, mating height 3.70mm (.146"), gold (au) flash, white housing, with cap, embossed tape on reel packaging, 22 circuits, lead free documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb receptacles series 67492 application board-to-board comments with cap overview serial_ata_127_host_receptacles product name serial ata physical circuits (loaded) 22 circuits (maximum) 22 color - resin white durability (mating cycles max) 500 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part none material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.045 in pcb thickness recommended (mm) 1.20 mm packaging type embossed tape on reel pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 2 plating min: mating (m) 0.05 plating min: termination (in) 50 plating min: termination (m) 1.27 polarized to mating part yes polarized to pcb yes robotic placement pick and place cap stackable no temperature range - operating -35c to +85c termination interface: style surface mount electrical current - maximum per contact 1.5a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67492 series mates with 87703 , 87672 serial ata plugs
voltage - maximum 15v dc material info reference - drawing numbers packaging specification pk-67492-006 sales drawing sd-67492-008 this document was generated on 05/31/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0674921730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X