Part Number Hot Search : 
BT101 100N1 RS1BG L2010 MOLEX TZ403BD 1SMA160 19WBEAW
Product Description
Full Text Search
 

To Download 0473220002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/01/2010 please check www.molex.com for latest part information part number: 0473220002 status: active description: 1.00mm (.039") pitch expresscard* header, bottom mount, push-push type, lead free documents: 3d model product specification ps-47277-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory card sockets series 47322 button type push-push component type header/socket (host) product name expresscard* type n/a physical card detection switch n/a circuits (loaded) 26 durability (mating cycles max) 10,000 ejector button side no ejector button present entry angle vertical (top entry) keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin pcb locator yes pcb mounting side reverse pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 60 plating min: termination (m) 1.5 ports 1 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.75a shielded no voltage - maximum 3.3v dc material info reference - drawing numbers packaging specification pk-47322-002 product specification ps-47277-001 sales drawing sd-47322-001 * expresscard is trademark, or registered trademark of pcmcia series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47322 series mates with expresscard* module use with 473220003 this document was generated on 06/01/2010
please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 0473220002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X