Part Number Hot Search : 
473U7 N4733 74ACT04 EB13E2E LP141E2 T54FC SSH10N70 DTA11
Product Description
Full Text Search
 

To Download 015-92-1068 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/20/2010 please check www.molex.com for latest part information part number: 0015921068 status: active description: 1.27mm (.050") pitch ebbi? 50d receptacle, vertical, 68 circuits documents: 3d model product specification ps-71660 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 71660 application board-to-board product name ebbi? physical circuits (loaded) 68 color - resin black durability (mating cycles max) 2,000 flammability 94v-0 glow-wire compliant no guide to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.134 in pc tail length (mm) 3.40 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 10 plating min: termination (m) 0.25 polarized to pcb yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 1a voltage - maximum 30v solder process data lead-free process capability smc & wave capable (th only) process temperature max. c 260 material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71660 series mates with 71661
old part number a-71660-1068 reference - drawing numbers product specification ps-71660 sales drawing sda-71660-1***, sda-71660-1**** this document was generated on 04/20/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 015-92-1068

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X